Part Number Hot Search : 
WM8972L N2120 2SK2940 MSK50 LV640E TC74LC DH71010 101J2
Product Description
Full Text Search
 

To Download 2SA1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SA1300
TRANSISTOR (PNP) TO-92
FEATURES Power dissipation PCM : 0.75 W (Tamb=25) Collector current A ICM : -2 Collector-base voltage V V(BR)CBO : -20 Operating and storage junction temperature range TJ : 150 Tstg: -55 to +150
1. EMITTER
2. COLLECTOR
3. BASE
123
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) VBE
Test
conditions
MIN -20 -10 -6
MAX
UNIT V V V
Ic=-1mA , IE=0 IC=-10mA , IB=0 IE=-1mA, IC=0 VCB=-20 V , IE=0 VEB=-6 V , IC=0
-0.1 -0.1 140 600 -0.5 -1.5
A A
VCE=-1V, IC=-0.5A IC=-2A, IB= -100mA IC= -2A, VCE=-1V VCE=-1V, IC= -0.5A
V V
Transition frequency
fT f = 30MHz
100
MHz
CLASSIFICATION OF hFE
Rank Range Y 140-280 GR 200-400 BL 300-600


▲Up To Search▲   

 
Price & Availability of 2SA1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X