Part Number Hot Search : 
IF1330 BAT85 28F00 MBT3906 TLP3212 TC74A KT835 MDT10
Product Description
Full Text Search
 

To Download 2N4403B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4403
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE FEATURES
PNP epitaxial silicon, planar design Collector-emitter voltage VCE = -40V Collector current IC =-600mA Complimentary (NPN) device: 2N4401
40V
POWER
625mW
PNP
3 COLLECTOR
MECHANICAL DATA
Case: TO-92 Terminals: Solderable per MIL-STD-202, Method 208 Approx Weight: 0.02 grams Marking: 4403
1 2 3
1 EMITTER 2 BASE
TO-92
ABSOLUTE MAXIMUM RATINGS
PARAMETER SYMBOL VALUE UNIT
Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current - Continuous Max Power Dissipation (Note 1) Junction and Storage Temperature Range
VCE0 VCB0 VEB0 IC PTOT TJ, TSTG
-40 -40 -5.0 -600 625 -55 to 150
V V V mA mW
THERMAL CHARACTERISTICS
PARAMETER SYMBOL VALUE UNIT
Thermal Resistance , Junction to Ambient (Note 1)
RJ A
200
/W
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in. using minimum recommended pad.
2N4403
ELECTRICAL CHARACTERISTICS (TJ = 25C, unless otherwise noted)
PARAMETER SYMBOL Test Condition MIN. TYP. MAX. UNIT
Collector - Emitter Breakdown Voltage Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Base Cutoff Current Collector Cutoff Current
V(BR)CE0 IC=-1.0mA, IB=0 V(BR)CB0 IC=-100uA, IE=0 V(BR)EB0 IE=-100uA, IC=0 IBEV ICEX VCE=-35V, VEB=-0.4V VCE=-35V, VEB=-0.4V IC=-0.1mA, VCE=-1.0V IC=-1.0mA, VCE=-1.0V
-40 -40 -5.0 30 60 100 100 20 -0.75 200 -
-
-100 -100 300 -0.4 -0.75 -0.95 -1.3 8.5 30 15 20 225 30
V V V nA nA
DC Current Gain
hFE
IC=-10mA, VCE=-1.0V IC=-150mA, VCE=-2.0V IC=-500mA, VCE=-2.0V IC=-150mA, IB=-15 mA IC=-500mA, IB=-50mA IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-20mA, VCE=-10V, f=100MHz VCB=-5.0V, IE=0, f=1MHz VCB=-0.5V, IC=0, f=1MHz VCC=-30V, VBE=-2.0V, IC=-150mA, IB1=-15mA VCC=-30V, IC=-150mA, IB1=IB2=15mA
-
Collector - Emitter Saturation Voltage
VCE(SAT) VBE(SAT) fT CCBO CEBO td tr ts tf
V
Base - Emitter Saturation Voltage
V
Current-Gain - Bandwidth Product Collector - Base Capacitance Emitter - Base Capacitance Delay Time Rise Time Storage Time Fall Time
MHz pF pF ns ns ns ns
SWITCHING TIME EQUIVALENT TEST CIRCUITS
-30V
-30V
200 < 2ns 0 +2V 1.0K CS < 10pF 1N916
1 to 100us Duty Cycle = 2.0% 0 1N916 +4V <20ns +14V
200 1.0K CS < 10pF
-16V 10 to 100ns Duty Cycle ~ 2.0%
-16V
Fig. 1.
Turn-On Time
Fig. 2. Turn-Off Time
2N4403
ELECTRICAL CHARACTERISTICS CURVES
400 350 300 hFE 250 200 150 100 0.1 1 10 100 1000 Collector Current, IC (mA) TJ = 25 C TJ = 150 C VCE = 10V
0.900 0.800 0.700
TJ = 25C
TJ = 100 C
VBE(on) 0.600 0.500 0.400 0.300 0.200 0.1 1 10 100 1000 Collector Current, IC (mA) TJ = 100C
TJ =150C
Fig. 3. Typical hFE vs Collector Current
0.500 0.450 0.400 IC/IB = 10
Fig. 4. Typical VBE vs Collector Current
100
CIB (EB) Capacitance (pF)
0.350 VCE(sat) 0.300 0.250 0.200 0.150 0.100 0.050 0.000 0.1 1 10 100 1000 Collector Current, IC (mA) TJ = 25C TJ = 150C
10 COB (CB)
1 0.1 1 10 100 Reverse Voltage (V)
Fig. 5. Typical VCE (sat) vs Collector Current
Fig. 7. Typical Capacitances vs Reverse Voltage
TO-92 CASE OUTLINE
TO-92
ORDER INFORMATION 2N4403 B - Bulk 5000 Units/Box 2N4403 T/R - Tape and Reel 2000 Units/Reel 2N4403 T/B - Ammo Pack 2000 Units/Ammo Pack
Copyright PanJit International, Inc 2005
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. PanJit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. PanJit products are not authorized for use in life support devices or systems. PanJit does not convey any license under its patent rights or rights of others.


▲Up To Search▲   

 
Price & Availability of 2N4403B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X