Part Number Hot Search : 
HR433 ISD1210P A1212 1590Z IDT79R3 X13001 LM25575 AK4430
Product Description
Full Text Search
 

To Download 1N5397G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391G - 1N5399G
1.5 AMPS. Glass Passivated Rectifiers DO-15
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C /10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.40 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 60 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.5A Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC Typical Junction Capacitance ( Note ) Typical Thermal Resistance
Symbol VRRM VRMS VDC I(AV) IFSM VF IR
1N 1N 1N 1N 1N 1N 1N 5391G 5392G 5393G 5395G 5397G 5398G 5399G
Units
V V V A
50 35 50
100 70 100
200 140 200
400 280 400 1.5
600 420 600
800 560 800
1000 700 1000
50 1.1 1.0 5.0 100 15 65 - 65 to + 150
A V uA uA pF o C/W o C
Cj RJA
Operating and Storage Temperature Range TJ,TSTG 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. Notes: 2. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (1N5391G THRU 1N5399G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
100
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
1.50
1.25 1.00 0.75
INSTANTANEOUS REVERSE CURRENT. ( mA )
10
Tj=125 0C
0.5 0.25 0
Tj=75 0C 1
25
50
75
100
o
125
150
175
AMBIENT TEMPERATURE. ( C)
0.1
Tj=25 0C
100
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
0.01 0 20 40 60 80 100 120 140 PERCENT RATED PEAK REVERSE VOLTAGE. (%)
PEAK FORWARD SURGE CURRENT. (A)
60 50 40 30
FIG.5- TYPICAL FORWARD CHARACTERISTICS
10 10 1 10 NUMBER OF CYCLES AT 60Hz 100
INSTANTANEOUS FORWARD CURRENT. (A)
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
1N5393G-1N5399G
1
JUNCTION CAPACITANCE.(pF)
1N5391G-1N5392G
10
0.1
1
1
10 REVERSE VOLTAGE. (V)
100
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of 1N5397G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X