Part Number Hot Search : 
03542 MK316B TE4001S LH1529A SPR1602C ADG13 STRFNFCA MAB8040
Product Description
Full Text Search
 

To Download 1N5397 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391 - 1N5399
1.5 AMPS. Silicon Rectifiers DO-15
Features
High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.40 gram
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length o @T A = 75 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.5A Maximum DC Reverse Current @ T A=25 C o at Rated DC Blocking Voltage @ T A=125 C Maximum Full Load Reverse Current, Full Cycle Average .375"(9.5mm) Lead Length @T A=75 oC Typical Junction Capacitance Operating Temperature Range ( Note 1 ) Typical Thermal Resistance ( Note 2 )
o
Symbol V RRM V RMS V DC I(AV) IFSM VF IR
1N 5391
1N 5392
1N 5393
1N 5395
1N 5397
1N 5398
1N 5399
Units V V V A A
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50
600 420 600
800 1000 560 700 800 1000
1.1
1.0 5.0 50 30 50 60 -65 to +150 -65 to +150
o
V uA uA uA pF
C/W o C o C
HT IR Cj
R JA TJ
Storage Temperature Range T STG 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. Notes: 2. Mount on Cu-Pad Size 10mm x 10mm on P.C.B
Version: A06
RATINGS AND CHARACTERISTIC CURVES (1N5391 THRU 1N5399)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1.5
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
FIG.2- TYPICAL REVERSE CHARACTERISTICS
10
1.2
4
INSTANTANEOUS REVERSE CURRENT. ( A)
0.9 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
Tj=125 0C
1
0.6
0.4
0.3
0 0 25 50 75 100
o
0.1
125
150
175
AMBIENT TEMPERATURE. ( C)
0.04
Tj=25 0C
50
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
PEAK FORWARD SURGE CURRENT. (A)
40
30
20
10
0
1
2
4
6
8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACITANCE
200
FIG.5- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
20 10
100
JUNCTION CAPACITANCE.(pF)
60 40 20 10 6 4 2 1 0.1 0.2 0.4 1 2 4 10 20 40 100 REVERSE VOLTAGE. (V) Tj=25 0C
2 1
1N5392-1N5399
0.4 0.2 0.1 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.5
1N5391
FORWARD VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of 1N5397

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X