Part Number Hot Search : 
N7002 MBR30100 G10XB100 BXMP1036 HAT2027R HSEA3 70220 72045
Product Description
Full Text Search
 

To Download ZXTN2007ZTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXTN2007Z
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
SUMMARY BVCEO = 30V : RSAT = 23m ; IC = 6.0A DESCRIPTION
Packaged in the SOT89 outline this new low saturation 30V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.
FEATURES
* Extemely low equivalent on-resistance; RSAT = 23m at 6.5A * 6 amps continuous current * Up to 20 amps peak current * Very low saturation voltages * Excellent hFE characteristics up to 20 amps
SOT89
APPLICATIONS
* DC - DC converters * MOSFET gate drivers * Charging circuits * Power switches * Motor control
ORDERING INFORMATION
DEVICE ZXTN2007ZTA REEL SIZE 7" TAPE WIDTH 12mm embossed QUANTITY PER REEL 1000 units
PINOUT
DEVICE MARKING
849
TOP VIEW
ISSUE 1 - JUNE 2005 1
SEMICONDUCTORS
ZXTN2007Z
ABSOLUTE MAXIMUM RATINGS
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Continuous collector current (a) Peak pulse current Power dissipation at T A =25C (a) Linear derating factor Power dissipation at T A =25C (b) Linear derating factor Operating and storage temperature range SYMBOL BV CBO BV CEO BV EBO IC I CM PD PD T j , T stg LIMIT 80 30 7 6 20 1.5 12 2.1 16.8 -55 to +150 UNIT V V V A A W mW/C W mW/C C
THERMAL RESISTANCE
PARAMETER Junction to ambient (a) Junction to ambient (b) SYMBOL R JA R JA VALUE 83 60 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
ISSUE 1 - JUNE 2005
SEMICONDUCTORS
2
ZXTN2007Z
CHARACTERISTICS
ISSUE 1 - JUNE 2005 3
SEMICONDUCTORS
ZXTN2007Z
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Collector-emitter saturation voltage SYMBOL BV CBO BV CER BV CEO BV EBO I CBO I CER R 1k I EBO V CE(SAT) 22 25 40 90 150 Base-emitter saturation voltage Base-emitter turn-on voltage Static forward current transfer ratio V BE(SAT) V BE(ON) h FE 100 100 100 20 Transition frequency Output capacitance Switching times fT C OBO t ON t OFF * Measured under pulsed conditions. Pulse width 1000 890 175 200 150 30 140 48 37 425 300 s; duty cycle 2%. 300 MIN. 80 80 30 7 TYP. 125 125 40 8.1 20 0.5 20 0.5 10 35 45 60 115 190 1100 1000 MAX. UNIT CONDITIONS V V V V nA A nA A nA mV mV mV mV mV mV mV I C =100 A I C =1 A, RB 1k I C =10mA* I E =100 A V CB =70V VCB=70V, Tamb=100 C V CB =70V VCB=70V, Tamb=100 C V EB =6V I C =0.5A, I B =20mA* IC=1A, IB=100mA* IC=1A, IB=20mA* IC=2A, IB=20mA* IC=6.5A, IB=300mA* I C =6.5A, I B =300mA* I C =6.5A, V CE =1V* I C =10mA, V CE =1V* IC=1A, VCE=1V* IC=7A, VCE=1V* IC=20A, VCE=1V* MHz IC =100mA, VCE =10V f=50MHz pF ns V CB =10V, f=1MHz* I C =1A, V CC =10V, I B1 =-I B2 =100mA
ISSUE 1 - JUNE 2005
SEMICONDUCTORS
4
ZXTN2007Z
TYPICAL CHARACTERISTICS
ISSUE 1 - JUNE 2005 5
SEMICONDUCTORS
ZXTN2007Z
PACKAGE OUTLINE PAD LAYOUT DETAILS
Controlling dimensions are in millimeters. Approximate conversions are given in inches
PACKAGE DIMENSIONS
Millimeters DIM Min A b b1 b2 c D 1.40 0.38 1.50 0.28 4.40 Max 1.60 0.48 0.53 1.80 0.44 4.60 Min 0.550 0.015 0.060 0.011 0.173 Max 0.630 0.019 0.021 0.071 0.017 0.181 e E E1 G H Inches DIM Min 1.40 3.75 2.90 2.60 Max 1.50 4.25 2.60 3.00 2.85 Min 0.055 0.150 0.114 0.102 Max 0.059 0.167 0.102 0.118 0.112 Millimeters Inches
(c) Zetex Semiconductors plc 2005
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park Chadderton, Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 1 - JUNE 2005
SEMICONDUCTORS
6


▲Up To Search▲   

 
Price & Availability of ZXTN2007ZTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X