Part Number Hot Search : 
BZX55C30 J115F11 TB1251 STSR2M 100PG M29F400B 100PG 00A12
Product Description
Full Text Search
 

To Download ZXTDC3M832TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXTDC3M832
MPPSTM Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
SUMMARY NPN VCEO = 50V; RSAT = 68m ; C = 4A VCEO =-40V; RSAT = 104m ; C = -3A PNP DESCRIPTION
Packaged in the innovative 3mm x 2mm MLP (Micro Leaded Package) outline, these new 4th generation low saturation dual transistors offer extremely low on state losses making them ideal for use in DC-DC circuits and various driving and power management functions. Additionally users gain several other key benefits: Performance capability equivalent to much larger packages
3mm x 2mm (Dual die) MLP
Improved circuit efficiency & power levels PCB area and device placement savings Lower package height (nom 0.9mm) Reduced component count
C2
C1
FEATURES
* Low Equivalent On Resistance * Extremely Low Saturation Voltage (100mV @1A--NPN) * hFE characterised up to 6A * IC=4A Continuous Collector Current * 3mm x 2mm MLP
B2
B1
E2
E1
APPLICATIONS
* DC - DC Converters * Charging circuits * Power switches * Motor control * CCFL Backlighting
PINOUT
ORDERING INFORMATION
DEVICE ZXTDC3M832TA ZXTDC3M832TC REEL 7 13 TAPE WIDTH 8mm 8mm QUANTITY PER REEL 3000 10000
3mm x 2mm MLP underside view
DEVICE MARKING
DC3 ISSUE 1 - JUNE 2002 1
ZXTDC3M832
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current (a)(f) Base Current Power Dissipation at TA=25C (a)(f) Linear Derating Factor Power Dissipation at TA=25C (b)(f) Linear Derating Factor Power Dissipation at TA=25C (c)(f) Linear Derating Factor Power Dissipation at TA=25C (d)(f) Linear Derating Factor Power Dissipation at TA=25C (d)(g) Linear Derating Factor Power Dissipation at TA=25C (e)(g) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC IB PD PD PD PD PD PD T j :T stg NPN 100 50 7.5 6 4 1000 1.5 12 2.45 19.6 1 8 1.13 9 1.7 13.6 3 24 -55 to +150 PNP -50 -40 -7.5 -4 -3 UNIT V V V A A mA W mW/C W mW/C W mW/C W mW/C W mW/C W mW/C C
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a)(f) Junction to Ambient (b)(f) Junction to Ambient (c)(f) Junction to Ambient (d)(f) Junction to Ambient (d)(g) Junction to Ambient (e)(g)
Notes (a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. (b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. (c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal lead connections only. (d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. (e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. (f) For a dual device with one active die. (g) For dual device with 2 active die running at equal power. (h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph. (i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device as shown in the package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper 1 oz weight, 1mm wide tracks and one half of the device active is Rth = 250C/W giving a power rating of Ptot = 500mW.
SYMBOL R JA R JA R JA R JA R JA R JA
VALUE 83.3 51 125 111 73.5 41.7
UNIT C/W C/W C/W C/W C/W C/W
ISSUE 1 - JUNE 2002 2
ZXTDC3M832
TYPICAL CHARACTERISTICS
10
IC Collector Current (A)
10
IC Collector Current (A)
VCE(SAT) Limited
VCE(SAT) Limited
1
1
DC 1s 100ms 10ms Note (a)(f) Single Pulse, Tamb=25C 1ms 100us
DC 1s 100ms 10ms Note (a)(f) Single Pulse, Tamb=25C 1ms 100us
0.1
0.1
0.01 0.1
0.01 0.1
1
10
100
1
10
VCE Collector-Emitter Voltage (V)
VCE Collector-Emitter Voltage (V)
NPN Safe Operating Area
3.5
PNP Safe Operating Area
Max Power Dissipation (W)
2oz Cu Note (e)(g) Tamb=25C
Thermal Resistance (C/W)
80 60
Note (a)(f)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0
1oz Cu Note (d)(f)
2oz Cu Note (a)(f) 1oz Cu Note (d)(g)
D=0.5
40 20
D=0.2 Single Pulse D=0.05 D=0.1
0 100
1m
10m 100m
1
10
100
1k
25
50
75
100
125
150
Pulse Width (s)
Temperature (C)
Transient Thermal Impedance
3.5 3.0
Derating Curve
225 200 175 150 125 100 75 50 25 0 0.1
Thermal Resistance (C/W)
PD Dissipation (W)
2.5 2.0 1.5 1.0 0.5 0.0 0.1
Tamb=25C Tj max=150C Continuous 2oz copper Note (f)
2oz copper Note (g)
1oz copper Note (f) 1oz copper Note (g)
1oz copper Note (f)
1oz copper Note (g)
2oz copper Note (f) 2oz copper Note (g)
1
10
100
1
10
100
Board Cu Area (sqcm)
Board Cu Area (sqcm)
Power Dissipation v Board Area
Thermal Resistance v Board Area
ISSUE 1 - JUNE 2002 3
ZXTDC3M832
NPN TRANSISTOR ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO I CES V CE(sat) 10 70 145 115 225 270 1.00 0.94 200 300 200 100 100 400 450 400 225 40 165 12 170 750 20 MHz pF ns ns MIN. 100 50 7.5 TYP. 190 65 8.2 25 25 25 20 100 200 220 300 320 1.05 1.00 MAX. UNIT V V V nA nA nA mV mV mV mV mV mV V V CONDITIONS. I C =100 A I C =10mA* I E =100 A V CB =80V V EB =6V V CES =40V I C =0.1A, I B =10mA* I C =1A, I B =50mA* I C =1A, I B =10mA* I C =2A, I B =50mA* I C =3A, I B =100mA* I C =4A, I B =200mA* I C =4A, I B =200mA* I C =4A, V CE =2V* I C =10mA, V CE =2V* I C =0.2A, V CE =2V* I C =1A, V CE =2V* I C =2A, V CE =2V* I C =6A, V CE =2V* I C =50mA, V CE =10V f=100MHz V CB =10V, f=1MHz V CC =10V, I C =1A I B1 =I B2 =10mA
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V BE(sat) V BE(on) h FE
Transition Frequency Output Capacitance Turn-On Time Turn-Off Time
fT C obo t (on) t (off)
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
ISSUE 1 - JUNE 2002 4
ZXTDC3M832
NPN CHARACTERISTICS
0.25
Tamb=25C IC/IB=50
0.20 100m
VCE(SAT) (V)
VCE(SAT) (V)
IC/IB=100
0.15 0.10 0.05
100C 25C -55C
10m
IC/IB=50 IC/IB=10
1m 1m
IC Collector Current (A)
10m
100m
1
10
0.00 1m
VCE(SAT) v IC
IC Collector Current (A)
10m
100m
1
10
VCE(SAT) v IC
630 1.2
VCE=2V 100C 25C
1.0
IC/IB=50
540 450 360 270
Normalised Gain
1.0 0.8 0.6 0.4 0.2 0.0 1m 10m 100m 1
-55C
Typical Gain (hFE)
0.8
VBE(SAT) (V)
-55C
0.6
25C 100C
180 90 0 10
0.4 1m
IC Collector Current (A)
hFE v IC
IC Collector Current (A)
10m
100m
1
10
VBE(SAT) v IC
1.0
VCE=2V
0.8
VBE(ON) (V)
-55C
0.6
25C
0.4 1m 10m
100C
IC Collector Current (A)
100m
1
10
VBE(ON) v IC
ISSUE 1 - JUNE 2002 5
ZXTDC3M832
PNP TRANSISTOR ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO I CES V CE(sat) -25 -150 -195 -210 -260 -0.97 -0.89 300 300 180 60 12 150 480 450 290 130 22 190 19 40 435 25 MHz pF ns ns MIN. -50 -40 -7.5 TYP. -80 -70 -8.5 -25 -25 -25 -40 -220 -300 -300 -370 -1.05 -0.95 MAX. UNIT V V V nA nA nA mV mV mV mV mV V V CONDITIONS. I C =-100 A I C =-10mA* I E =-100 A V CB =-40V V EB =-6V V CES =-32V I C =-0.1A, I B =-10mA* I C =-1A, I B =-50mA* I C =-1.5A, I B =-100mA* I C =-2A, I B =-200mA* I C =-2.5A, I B =-250mA* I C =-2.5A, I B =-250mA* I C =-2.5A, V CE =-2V* I C =-10mA, V CE =-2V* I C =-0.1A, V CE =-2V* I C =-1A, V CE =-2V* I C =-1.5A, V CE =-2V* I C =-3A, V CE =-2V* I C =-50mA, V CE =-10V f=100MHz V CB =-10V, f=1MHz V CC =-15V, I C =-0.75A I B1 =I B2 =10mA
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V BE(sat) V BE(on) h FE
Transition Frequency Output Capacitance Turn-On Time Turn-Off Time
fT C obo t (on) t (off)
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
ISSUE 1 - JUNE 2002 6
ZXTDC3M832
PNP CHARACTERISTICS
1
Tamb=25C
0.25
IC/IB=50
0.20
VCE(SAT) (V)
VCE(SAT) (V)
100m I /I =100 CB
IC/IB=50
0.15 0.10 0.05
100C 25C -55C
10m 1m
IC/IB=10
IC Collector Current (A)
10m
100m
1
0.00 1m
VCE(SAT) v IC
IC Collector Current (A)
10m
100m
1
VCE(SAT) v IC
1.4
Normalised Gain
0.8 0.6 0.4 0.2 0.0 1m
25C
360 270
VBE(SAT) (V)
1.0
450
Typical Gain (hFE)
1.2
100C
VCE=2V
630 540
1.0 0.8
IC/IB=50
-55C
0.6 0.4 1m
25C 100C
-55C
180 90
10m
100m
1
0
IC Collector Current (A)
hFE v IC
IC Collector Current (A)
10m
100m
1
VBE(SAT) v IC
1.0 0.8
VCE=2V
VBE(ON) (V)
-55C
0.6
25C
0.4 0.2 1m
100C
IC Collector Current (A)
10m
100m
1
VBE(ON) v IC
ISSUE 1 - JUNE 2002 7
ZXTDC3M832
MLP832 PACKAGE OUTLINE (3mm x 2mm Micro Leaded Package)
CONTROLLING DIMENSIONS IN MILLIMETRES APPROX. CONVERTED DIMENSIONS IN INCHES
MLP832 PACKAGE DIMENSIONS
MILLIMETRES DIM A A1 A2 A3 b b1 D D2 D3 MIN. 0.80 0.00 0.65 0.15 0.24 0.17 MAX. 1.00 0.05 0.75 0.25 0.34 0.30 INCHES MIN. 0.031 0.00 0.0255 0.006 0.009 0.0066 MAX. 0.039 0.002 0.0295 0.0098 0.013 0.0118 DIM e E E2 E4 L L2 r 0 MILLIMETRES MIN. MAX. INCHES MIN. MAX.
0.65 REF 2.00 BSC 0.43 0.16 0.20 0.63 0.36 0.45 0.125 0.075 BSC 12
0.0256 BSC 0.0787 BSC 0.017 0.006 0.0078 0.00 0.0249 0.014 0.0157 0.005
3.00 BSC 0.82 1.01 1.02 1.21
0.118 BSC 0.032 0.0397 0.040 0.0476
0.0029 BSC 0 12
(c) Zetex plc 2002 Europe Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4422 Fax: (44) 161 622 4420 uksales@zetex.com Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY11788 USA Telephone: (631) 360 2222 Fax: (631) 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza, Tower 1 Hing Fong Road Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com ISSUE 1 - JUNE 2002 8


▲Up To Search▲   

 
Price & Availability of ZXTDC3M832TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X