Part Number Hot Search : 
KOE500XC AT24WC AT24WC 1T405 LA8638NV 100TS TLN113 TGP10
Product Description
Full Text Search
 

To Download ZXTC2045E6TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXTC2045E6 Dual 40V complementary transistors in SOT23-6
Summary
BVCEV = 40V BVCEO = 30V
Features
* * * * 40V complementary device Up to 5 amps peak current High hFE SOT236 package
C1
C2
Applications
* MOSFET and IGBT gate driving
B1
B2
E1
E2
Ordering information
Device ZXTC2045E6TA ZXTC2045E6TC Reel size 7" 13" Tape width 8mm embossed 8mm embossed Quantity per reel 3,000 10,000
Device marking
2045 Pin out - top view
Issue 1 - January 2006
(c) Zetex Semiconductors plc 2006
1
www.zetex.com
ZXTC2045E6
Absolute maximum ratings (each transistor)
Parameter Symbol Limit NPN Collector-base voltage Collector-emitter voltage Collector-emitter voltage Emitter-base voltage Peak pulse current Continuous collector current (a) Base current Power dissipation at TA =25C (a) (c) Linear derating factor Power dissipation at TA =25C (a) (d) Linear derating factor Power dissipation at TA =25C (b) (c) Linear derating factor Operating and storage temperature range BVCBO BVCEV BVCEO BVEBO ICM IC IB PD 40 40 30 7 5 1.5 1 0.9 7.2 1.1 8.8 1.7 13.6 -55 to +150 PNP -40 -40 -30 -7 -5 -1.5 -1 V V V V A A A W mW/C W mW/C W mW/C C Unit
PD
PD
Tj, Tstg
Thermal resistance
Parameter Junction to ambient (a) (c) Junction to ambient (b) (c) Junction to ambient (a) (d) Symbol RJA RJA RJC Value 139 73 113 Unit C/W C/W C/W
NOTES: (a) For a device surface mounted on 25mm x 25mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (b) As above measured at t < 5 seconds. (c) For device with one active die. (d) For device with two active dice running at equal power.
Issue 1 - January 2006
(c) Zetex Semiconductors plc 2006
2
www.zetex.com
ZXTC2045E6
Electrical characteristics (at TAMB = 25C unless otherwise stated)
Parameter Symbol Min. (-)40(*) (-)40(*) Typ. Max. Unit V V Conditions IC = (-)100 A IC = (-)1 A 0.25V>VBE>1.0V ( 0.25VCollector-base breakdown BVCBO voltage Collector-emitter breakdown voltage BVCEV
Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Collector-emitter saturation voltage Base-emitter saturation voltage Static forward current transfer ratio
BVCEO BVEBO ICBO ICES/R IEBO VCE(SAT) VBE(SAT) hFE
(-)30(*) (-)7(*) (-)8.5(*) (-)<1(*) (-)20(*) (-)<1(*) (-)20(*) (-)<1(*) (-)20(*) (-)375(*) (-)1.2(*) 180 300 500
V V nA nA nA mV V
NOTES: (*) ( ) applies to PNP () Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Issue 1 - January 2006
(c) Zetex Semiconductors plc 2006
3
www.zetex.com
ZXTC2045E6
Package details - SOT23-6
DIM A A1 A2 b C D E E1 L e e1 L Min. 0.90 0.00 0.90 0.35 0.09 2.70 2.20 1.30 0.10
Millimeters Max. 1.45 0.15 1.30 0.50 0.26 3.10 3.20 1.80 0.60 0.95 REF 1.90 REF 0 30 0 Min. 0.354 0.00 0.0354 0.0078 0.0035 0.1062 0.0866 0.0511 0.0039
Inches Max. 0.0570 0.0059 0.0511 0.0196 0.0102 0.1220 0.1181 0.0708 0.0236 0.0374 REF 0.0748 REF 30
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com
Americas Zetex Inc 700 Veterans Memorial Highway Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com
Asia Pacific Zetex (Asia Ltd) 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone: (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
For international sales offices, agents and distributors please go to www.zetex.com/salesnetwork This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 1 - January 2006
(c) Zetex Semiconductors plc 2006
4
www.zetex.com


▲Up To Search▲   

 
Price & Availability of ZXTC2045E6TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X