Part Number Hot Search : 
HN3C10FE WCB30C2 N360C AOT11N70 2SC17 G9131 S0500 T3906
Product Description
Full Text Search
 

To Download ZXT14P40DXTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXT14P40DX
SuperSOT4TM 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SUMMARY VCEO=-40V; RSAT = 26m ; IC= -4A
DESCRIPTION This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.
MSOP8
FEATURES * * * * * * * * * Extremely Low Equivalent On Resistance Extremely Low Saturation Voltage hFE characterised up to 8A IC=4A Continuous Collector Current MSOP8 package
C
B
APPLICATIONS DC - DC Converters Power Management Functions Power switches Motor control
E E C C C C
E
2
DEVICE ZXT14P40DXTA ZXT14P40DXTC DEVICE MARKING T14P40DX
REEL SIZE (inches) 7 13
TAPE WIDTH (mm)
12mm embossed 12mm embossed
QUANTITY PER REEL 1000 units
E B
3
Top View
4000 units
ISSUE 1 - MARCH 2000 1
4
5
6
7
ORDERING INFORMATION
1
8
ZXT14P40DX
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current (c) Continuous Collector Current Base Current Power Dissipation at TA=25C (a) Linear Derating Factor Power Dissipation at TA=25C (b) Linear Derating Factor Operating and Storage Temperature Range SYMBOL V CBO V CEO V EBO I CM IC IB PD LIMIT -50 -40 -7.5 -12 -4 -500 1.1 8.8 1.8 14.4 -55 to +150 UNIT V V V A A mA W mW/C W mW/C C
PD
T j :T stg
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b) SYMBOL R JA R JA VALUE 113 70 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 10 secs. (c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
ISSUE 1 - MARCH 2000 2
ZXT14P40DX
CHARACTERISTICS
ISSUE 1 - MARCH 2000 3
ZXT14P40DX
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage SYMBOL V (BR)CBO V (BR)CEO V (BR)EBO I CBO I EBO I CES V CE(sat) -10 -100 -45 -105 -130 MIN. -50 -40 -7.5 TYP. -110 -90 -8.5 -100 -100 -100 -15 -125 -55 -130 -160 -1.0 -0.85 300 300 200 50 500 450 380 100 185 95 130 435 900 MAX. UNIT V V V nA nA nA mV mV mV mV mV V V CONDITIONS. I C =-100 A I C =-10mA* I E =-100 A V CB =-40V V EB =-6V V CES =-40V I C =-0.1A, I B =-10mA* I C =-1A, I B =-20mA* I C =-1A, I B =-50mA* I C =-4A, I B =-400mA* I C =-4A, I B =-200mA* I C =-4A, I B =-200mA* I C =-4A, V CE =-2V* I C =-10mA, V CE =-2V* I C =-1A, V CE =-2V* I C =-4A, V CE =-2V* I C =-8A, V CE =-2V* MHz pF ns ns I C =-300mA, V CE =-10V f=-30MHz V CB =-10V, f=1MHz V CC =-10V, I C =-4A I B1 =I B2 =-100mA
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V BE(sat) V BE(on) h FE
Transition Frequency Output Capacitance Turn-On Time Turn-Off Time
fT C obo t (on) t (off)
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
ISSUE 1 - MARCH 2000 4
ZXT14P40DX
TYPICAL CHARACTERISTICS
ISSUE 1 - MARCH 2000 5
ZXT14P40DX
PACKAGE DIMENSIONS
D
PAD LAYOUT DETAILS
87
65
1
2
34
eX6
H
Conforms to JEDEC MO-187 Iss A
Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
ISSUE 1 - MARCH 2000 6
E B C
L
DIM
A1
Millimetres MIN MAX 1.10 0.05 0.25 0.13 2.90 0.65 2.90 4.90 0.40 0 0.15 0.40 0.23 3.10 BSC 3.10 BSC 0.70 6
Inches MIN MAX 0.043 0.002 0.010 0.005 0.114 0.0256 0.114 0.193 0.016 0 0.006 0.016 0.009 0.122 BSC 0.122 BSC 0.028 6
A A1 B C D e E H L q
Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries) Fax: (44)161 622 4420 Zetex Inc. 47 Mall Drive, Unit 4 Commack NY 11725 USA Telephone: (631) 543-7100 Fax: (631) 864-7630 Zetex (Asia) Ltd. 3510 Metroplaza, Tower 2 Hing Fong Road, Kwai Fong, Hong Kong Telephone:(852) 26100 611 Fax: (852) 24250 494 These are supported by agents and distributors in major countries world-wide (c) Zetex plc 2000 Internet http://www.zetex.com :


▲Up To Search▲   

 
Price & Availability of ZXT14P40DXTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X