Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download ZXMP6A17E6TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCE INFORMATION 60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6
SUMMARY V(BR)DSS = -60V; RDS(ON) = 0.125
ID = -3.0A
DESCRIPTION
This new generation of trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications.
FEATURES
* Low on-resistance * Fast switching speed * Low threshold * Low gate drive * SOT23-6 package
SOT23-6
APPLICATIONS
* DC - DC Converters * Power management functions * Disconnect switches * Motor control
ORDERING INFORMATION
DEVICE ZXMP6A17E6TA ZXMP6A17E6TC REEL SIZE 7" 13" TAPE WIDTH 8mm 8mm QUANTITY PER REEL 3000 units 10000 units
PINOUT
DEVICE MARKING
* 617
Top View
PROVISIONAL ISSUE B - MARCH 2005 1
ZXMP6A17E6
ABSOLUTE MAXIMUM RATINGS
PARAMETER Drain-Source Voltage Gate Source Voltage Continuous Drain Current V GS =10V; T A =25C (b) V GS =10V; T A =70C (b) V GS =10V; T A =25C (a) SYMBOL V DSS V GS ID
ADVANCE INFORMATION
LIMIT -60 20 -3.0 -2.4 -2.3 -13.6 -2.5 -13.6 1.1 8.8 1.7 13.6 -55 to +150
UNIT V V A
Pulsed Drain Current (c) Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Power Dissipation at T A =25C Linear Derating Factor
(a) (c) (b)
I DM IS I SM PD PD T j :T stg
A A A W mW/C W mW/C C
Power Dissipation at T A =25C (b) Linear Derating Factor Operating and Storage Temperature Range
THERMAL RESISTANCE
PARAMETER Junction to Ambient (a) Junction to Ambient (b) SYMBOL R JA R JA VALUE 113 73 UNIT C/W C/W
NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 5 secs. (c) Repetitive rating 25mm x 25mm FR4 PCB, D = 0.02, pulse width 300 s - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
PROVISIONAL ISSUE B - MARCH 2005 2
ADVANCE INFORMATION
CHARACTERISTICS
ZXMP6A17E6
1.2
-ID Drain Current (A)
Limited
Max Power Dissipation (W)
10 RDS(ON) 1
1.0 0.8 0.6 0.4 0.2 0.0 0 25 50 75 100 125 150
DC 1s 100ms 10ms 1ms 100us Single Pulse, Tamb=25C
100m
10m
1
10
100
P-channel Safe Operating Area
-VDS Drain-Source Voltage (V)
Temperature (C)
Derating Curve
100
Single Pulse Tamb=25C
Thermal Resistance (C/W)
100 80
D=0.5
60 40 20 0 100 1m 10m 100m
Single Pulse D=0.2 D=0.05 D=0.1
MaximumPower (W)
1k
10
1 100 1m 10m 100m 1 10 100 1k
1
10
100
Pulse Width (s)
Pulse Width (s)
Transient Thermal Impedance
Pulse Power Dissipation
PROVISIONAL ISSUE B - MARCH 2005 3
ZXMP6A17E6
PARAMETER STATIC Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Source Threshold Voltage Static Drain-Source On-State Resistance Forward Transconductance (1)(3) DYNAMIC
(3) (1)
ADVANCE INFORMATION
ELECTRICAL CHARACTERISTICS (at TA = 25C unless otherwise stated)
SYMBOL MIN. TYP. MAX. UNI T CONDITIONS
V (BR)DSS I DSS I GSS V GS(th) R DS(on) g fs
-60 -1.0 100 -1.0 0.125 0.190 4.9
V A nA V
I D =-250 A, V GS =0V V DS =-60V, V GS =0V V GS = 20V, V DS =0V I =-250 A, V DS = V GS D V GS =-10V, I D =-2.3A V GS =-4.5V, I D =-1.9A
S
V DS =-15V,I D =-2.3A
Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING
(2) (3)
C iss C oss C rss
670 46.7 28
pF pF pF V DS =-30V, V GS =0V, f=1MHz
Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge Total Gate Charge Gate-Source Charge Gate-Drain Charge SOURCE-DRAIN DIODE Diode Forward Voltage (1) Reverse Recovery Time (3) Reverse Recovery Charge
(3)
t d(on) tr t d(off) tf Qg Qg Q gs Q gd
2.4 3.5 30.0 7.4 7.3 15.1 1.8 1.9
ns ns ns ns nC nC nC nC V DS =-30V,V GS =-10V, I D =-2.3A V DS =-30V,V GS =-5V, I D =-2.3A V DD =-30V, I D =-1A R G 6.0 , V GS =-10V
V SD t rr Q rr
-0.85 26.4 32.7
-0.95
V ns nC
T J =25C, I S =-2A, V GS =0V T J =25C, I F =-1.7A, di/dt= 100A/s
NOTES: (1) Measured under pulsed conditions. Width=300s. Duty cycle 2%. (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing.
PROVISIONAL ISSUE B - MARCH 2005 4
ADVANCE INFORMATION
TYPICAL CHARACTERISTICS
ZXMP6A17E6
T = 25C
10V
-ID Drain Current (A)
1
2.5V -VGS 2V
-ID Drain Current (A)
10
4.5V 3.5V 3V
T = 150C
10V
10
4.5V 3.5V 3V 2.5V 2V
1
-VGS 1.5V
0.1
0.1
0.01
0.1
-VDS Drain-Source Voltage (V)
1
10
0.01
0.1
-VDS Drain-Source Voltage (V)
1
10
Output Characteristics
2.0 10
Output Characteristics
VGS = -10V ID = - 0.9A RDS(on)
Normalised RDS(on) and VGS(th)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50 0 50
-ID Drain Current (A)
T = 150C
1
T = 25C
VGS(th) VGS = VDS ID = -250uA
0.1 1 2 3
-VDS = 10V
4
5
100
150
-VGS Gate-Source Voltage (V)
Tj Junction Temperature (C)
Typical Transfer Characteristics
RDS(on) Drain-Source On-Resistance ()
2V -VGS 2.5V 3V 3.5V T = 25C
Normalised Curves v Temperature
-ISD Reverse Drain Current (A)
10
T = 150C
10
1
1
4.5V 10V
0.1
T = 25C
0.1
0.1
1
10
0.01 0.0
-ID Drain Current (A)
-VSD Source-Drain Voltage (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
On-Resistance v Drain Current
Source-Drain Diode Forward Voltage
PROVISIONAL ISSUE B - MARCH 2005 5
ZXMP6A17E6
ADVANCE INFORMATION
TYPICAL CHARACTERISTICS
-VGS Gate-Source Voltage (V)
1000 900 800 700 600 500 400 300 200 100 0 0.1
10
VGS = 0V f = 1MHz ID = -2.2A
C Capacitance (pF)
8 6 4 2
VDS = -30V
CISS COSS CRSS
1
10
0 0
2
4
6
8
10
12
14
16
-VDS - Drain - Source Voltage (V)
Q - Charge (nC)
Capacitance v Drain-Source Voltage
Gate-Source Voltage v Gate Charge
PROVISIONAL ISSUE B - MARCH 2005 6
ADVANCE INFORMATION
PACKAGE OUTLINE
ZXMP6A17E6
PAD LAYOUT DETAILS
CONTROLLING DIMENSIONS IN MILLIMETERS APPROX CONVERSIONS INCHES.
PACKAGE DIMENSIONS
Millimeters DIM Min A A1 A2 b C D 0.90 0.00 0.90 0.35 0.09 2.80 Max 1.45 0.15 1.30 0.50 0.20 3.00 Min 0.35 0 0.035 0.014 0.0035 0.110 Max 0.057 0.006 0.051 0.019 0.008 0.118 E E1 L e e1 L Inches DIM Min 2.60 1.50 0.10 Max 3.00 1.75 0.60 Min 0.102 0.059 0.004 Max 0.118 0.069 0.002 Millimeters Inches
0.95 REF 1.90 REF 0 10
0.037 REF 0.074 REF 0 10
(c) Zetex Semiconductors plc 2005
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
PROVISIONAL ISSUE B - MARCH 2005 7


▲Up To Search▲   

 
Price & Availability of ZXMP6A17E6TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X