Part Number Hot Search : 
AT25040 B39881 LVY3133 BFXXXX SL7299 E13005D MSKW2000 2A120
Product Description
Full Text Search
 

To Download ZXM64N035L304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXM64N035L3
35V N-CHANNEL ENHANCEMENT MODE MOSFET
SUMMARY
V(BR)DSS = 35V: RDS(on) = 0.060 : ID = 13A
DESCRIPTION
This new generation of high cell density planar MOSFETs from Zetex utilises a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications.
FEATURES
* Low on-resistance * Fast switching speed * Low threshold * Low gate drive * TO220 package
APPLICATIONS
* 100W Class D Audio Output Stage * Motor Control
ORDERING INFORMATION
DEVICE ZXM64N035L3 MULTIPLES 1000
Front View
DEVICE MARKING
* ZXM6 4N035
ISSUE 1 - JUNE 2004 1
ZXM64N035L3
ABSOLUTE MAXIMUM RATING
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (V GS =10V; T C =25C)(a) (V GS =10V; T A =25C)(b) Pulsed Drain Current (b) Continuous Source Current (Body Diode) (b) Pulsed Source Current (Body Diode) Power Dissipation at T A =25C (a) Linear Derating Factor Power Dissipation at T A =25C (b) Linear Derating Factor Operating and Storage Temperature Range
(b)
SYMBOL V DSS V GS ID I DM IS I SM PD PD T j :T stg
LIMIT 35 20 13 3.5 30 2.4 30 20 160 1.5 12 -55 to +150
UNIT V V A A A A W mW/C W mW/C C
THERMAL RESISTANCE
PARAMETER Junction to Case
(a) (b)
SYMBOL R JC R JA
VALUE 6.25 83.3
UNIT C/W C/W
Junction to Ambient
ISSUE 1 - JUNE 2004 2
ZXM64N035L3
ELECTRICAL CHARACTERISTICS (at TA = 25C unless otherwise stated)
PARAMETER STATIC Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Source Threshold Voltage V (BR)DSS I DSS I GSS V GS(th) 1.0 0.060 0.070 4.3 S 35 1 100 V A nA V I D =250 A, V GS =0V V DS =35V, V GS =0V V GS = 20V, V DS =0V I =250 A, V DS = V GS D V GS =10V, I D =3.7A V GS =4.5V, I D =1.9A V DS =10V,I D =1.9A SYMBOL MIN. TYP. MAX. UNIT CONDITIONS
Static Drain-Source On-State Resistance (1) R DS(on) Forward Transconductance (1)(3) DYNAMIC
(3)
g fs
Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING (2) (3) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge SOURCE-DRAIN DIODE Diode Forward Voltage (1) Reverse Recovery Time (3) Reverse Recovery Charge
(3)
C iss C oss C rss
950 200 50
pF pF pF V DS =25V, V GS =0V, f=1MHz
t d(on) tr t d(off) tf Qg Q gs Q gd
4.2 4.5 20.5 8 27 5 4.5
ns ns ns ns nC nC nC V DS =24V,V GS =10V, I D =3.7A V DD =15V, I D =3.7A R G =6.0 , V GS =10V
V SD t rr Q rr 24.5 19.1
0.95
V ns nC
T J =25 C, I S =3.7A, V GS =0V T J =25 C, I F =3.7A, di/dt= 100A/ s
NOTES (1) Measured under pulsed conditions. Width=300 s. Duty cycle 2% . (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing.
ISSUE 1 - JUNE 2004 3
ZXM64N035L3
Package Outline Package Dimensions
DIM Millimeters Min A b b1 c1 D E e e1 F H1 J1 L L1 P Q 3.54 2.54 3.56 0.38 1.15 0.41 14.23 9.66 2.29 4.83 0.51 5.58 2.04 12.70 Max 4.82 1.01 1.77 0.50 16.51 10.66 2.79 5.33 1.39 6.85 2.92 14.73 6.35 4.08 3.42 0.139 0.100 Inches Min 0.140 0.015 0.045 0.016 0.560 0.380 0.090 0.190 0.20 0.230 0.080 0.500 Max 0.189 0.040 0.070 0.020 0.650 0.419 0.110 0.210 0.055 0.270 0.115 0.580 0.250 0.160 0.134
(c) Zetex Semiconductors plc 2004
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex plc Lansdowne Road, Chadderton Oldham, OL9 9TY United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 1 - JUNE 2004 4


▲Up To Search▲   

 
Price & Availability of ZXM64N035L304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X