Part Number Hot Search : 
ER502 M81500FP 11ABZ8H S21ME6F KBP201 IS45S ISL5121 ER502
Product Description
Full Text Search
 

To Download ZXFV202E5TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED INFORMATION Video Amplifier
DEVICE DESCRIPTION The ZXFV202 is a single high speed amplifier designed for video and other high speed applications. Packaged in a small SOT23-5 it is ideally suited to applications where space is at a premium. In applications where cross talk is critical this part provides better isolation than dual or quad devices. I t fe a tu r es l ow di f f e re nt i a l gai n a nd p h a se p e r fo r manc e. H i gh out put dri v e c a p a b i l i t y compliments this part for use in video applications. FEATURES AND BENEFITS * * * * * * * * * * * * * * * * -3dB bandwidth 300MHz Slew rate 400V/s Differential gain 0.01% Differential phase 0.01 Output current 40mA Characterised up to 400pF load 5 Volt supply Supply current 7mA SOT23-5 package
ZXFV202
CONNECTION DIAGRAM
APPLICATIONS Video gain stages CCTV buffer Video distribution RGB buffering High frequency instrumentation Cable Driving Radar Imaging Medical Imaging
OUT V+IN
1
+
5
V+
*
-IN
ORDERING INFORMATION
PART NUMBER ZXFV202E5TA ZXFV202E5TC CONTAINER Reel 7" Reel 13" INCREMENT 3000 10000
TARGET - FEB 2001 1
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Inputs to ground Outputs to ground Operating Temperature Range Continuous Power Dissipation Thermal resistance 5.25V
ZXFV202
-40C to 85C Storage -65C to 150C 250mW 250C/W
The power dissipation of the device including the loads must be designed to keep tj below 150C
ELECTRICAL CHARACTERISTICS
Test Conditions: Vcc=5V, Tamb= 25C unless otherwise stated. Rf = 1k, RL = 150, CL<= 10pF
Parameter Supply Voltage V+ Supply Voltage VConditions Test Min. 4.75 -5.25 Typical 5 -5 Max. 5.25 -4.75 Units V V
Supply current
P
7
mA
Input Common mode Voltage Input offset voltage Input bias current non inverting input Input Resistance Output voltage swing Output drive current
P P P P P P 3 -10
3 3 +10 -4.5 7 3 40 10
V mV A A M V mA
Positive PSRR Negative PSRR Bandwidth Slew rate Av= +1 Av= +1 Av = +2 Av = +10 Vout = 1 V, 10% - 90% Vout = 1V, 10% - 90% Vout = +2 V, 50% C
-55 -57 300 400 400 4.0 3.2 4
dB dB MHz V/s
Rise time Fall time Propagation delay
ns ns ns
Open loop gain Differential Gain Differential phase RL = 150 RL = 150
53 0.01 0.01
dB % deg
Test: P=Production tested, C= Characterised
Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries) Fax: (44)161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc. 47 Mall Drive, Unit 4 Commack NY 11725 USA Telephone: (631) 543-7100 Fax: (631) 864-7630 Zetex (Asia) Ltd. 3701-04 Metroplaza, Tower 1 Hing Fong Road, Kwai Fong, Hong Kong Telephone:(852) 26100 611 Fax: (852) 24250 494 These are supported by agents and distributors in major countries world-wide (c) Zetex plc 2000 Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.


▲Up To Search▲   

 
Price & Availability of ZXFV202E5TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X