Part Number Hot Search : 
15KPA150 M48T59Y 12N10 2GPBF ADP1711 002000 IFD08845 T1006
Product Description
Full Text Search
 

To Download ZXBM200XX10TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXBM2001 ZXBM2002 ZXBM2003
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
DESCRIPTION
The ZXBM200x is a series of 2-phase, DC brushless motor pre-drivers with PWM variable speed control suitable for fan and blower motors.
FEATURES
* Built in lock detect protection, rotational speed sensing and automatic recovery * Built in Hall amplifier allows direct connection to Hall element * PWM Speed control via - External voltage - Thermistor input - External PWM source * Speed (FG) pulse output - ZXBM2003 * Rotor lock output - ZXBM2002 * Combined Rotor Lock (RD) and Speed (FG) signal - ZXBM2001 * Up to 18V input voltage (60V with external regulator) * MSOP10 package
APPLICATIONS
* Mainframe and Personal Computer Fans and Blowers * Instrumentation Fans * Central Heating Blowers * Automotive climate control
ORDERING INFORMATION
DEVICE ZXBM200xX10TA ZXBM200XX10TC REEL SIZE 7" (180mm) 13" (330mm) TAPE WIDTH 12mm 12mm QUANTITY PER REEL 1,000 4,000
Example: ZXBM2001X10TA
DEVICE MARKING
ZXBM2001 or BM21 ZXBM2002 or BM22 ZXBM2003 or BM23
ISSUE 4 - OCTOBER 2004 1
SEMICONDUCTORS
ZXBM2001 ZXBM2002 ZXBM2003
Absolute maximum ratings
Parameter Supply Voltage Input Current Power Dissipation 25C Operating Temp. Storage Temp. Symbol V CCmax I CCmax P Dmax T OPR T STG Limits -0.6 to 20 200 500 -40 to 85 -55 to 150 Unit V mA mW C C
Power Dissipation
1) Maximum allowable Power Dissipation, PD, is shown plotted against Ambient Temperature, TA, in the accompanying Power Derating Curve, indicating the Safe Operating Area for the device. 2) Power consumed by the device, PT, can be calculated from the equation: PT = PQ + PPh where PQ is power dissipated under quiescent current conditions, given by: PQ = VCC x ICC where VCC is the application device Supply Voltage and ICC is the maximum Supply Current given in the Electrical Characteristics and PPh is power generated due to either one of the phase outputs Ph1 or Ph2 being active, given by: PPh = IOL x VOL where and IOL is the application Ph1 and Ph2 output currents VOL is the maximum Low Level Output Voltage for the Ph1 and Ph2 outputs given in the Electrical Characteristics
ISSUE 4 - OCTOBER 2004
SEMICONDUCTORS
2
ZXBM2001 ZXBM2002 ZXBM2003
Electrical Characteristics (at Tamb = 25C & VCC = 12V)
Parameter Supply Voltage Supply Current Hall Amp Input Voltage Hall Amp Common Mode Voltage Hall Amp Input Offset Hall Amp Bias Current PH1, PH2 Output High PH1, PH2 Output Off Leakage Current PH1, PH2 Output Current High Lock/FG Maximum Collector Voltage Lock/FG Sink Current Lock/FG Low Level O/P Voltage C LCK Charge Current C LCK Discharge Current Lock condition On:Off ratio C LCK High Threshold Voltage C LCK Low Threshold Voltage C PWM Charge Current C PWM Discharge Current PWM Frequency C PWM High Threshold Voltage C PWM Low Threshold Voltage SPD Voltage Control Range SPD Open Circuit Voltage V THH V THL I PWMC I PWMD F PWM V THH V THL V SPD 1 1.5 3.6 50 V CM V OFS V BS V OH I OFF I OH V OH I OL V OL I LCKC I LCKD 1:7 -1.8 0.3 -2.8 0.28 1:10 2.0 1.0 4.3 62 24 34 2.0 1.0 2 5.0 75 V V A A kHz kHz V V V V 2 3 V in = 1.5V V in = 1.5V C PWM = 150pF C PWM = 100pF 0.35 V CC -2.2 Symbol V CC I CC 40 0.5 0.5V CC 7 -350 V CC -1.8 10 -80 V CC 5 0.5 V CC -1.5 Min 4.5 2.2 Typ Max 18 3.25 Unit V mA mV V mV nA V A mA V mA V A A I OL = 5mA V in = 1.5V V in = 1.5V I OH = 80mA No Load 1 diff p-p Conditions
Notes: 1 Measured with pins H+, H-, CLCK and CPWM = 0V and all other signal pins open circuit. 2 The 1V minimum represents 100% PWM drive and 2V represents 0% PWM drive. 3 This voltage is determined by an internal resistor network of 52.5k from the pin to Gnd and 19.5k resistors track each other the absolute values are subject to a 20% manufacturing tolerance
from the pin to a 2V reference. Whilst both
ISSUE 4 - OCTOBER 2004 3
SEMICONDUCTORS
ZXBM2001 ZXBM2002 ZXBM2003
Block Diagram (ZXBM2001):
Pin Assignments
Top View
Pin Functional Descriptions
1. VCC - Applied voltage 2. H+ 3. H- Hall input - Hall input
This is the device supply voltage. For 5V to 12V fans this can be supplied directly from the Fan Motor supply. For fans likely to run in excess of the 18V maximum rating for the device this will be supplied from an external regulator such as a zener diode.
The rotor position of the Fan Motor is detected by a Hall sensor whose output is applied to these pins. This sensor can be either a 4 pin `naked' Hall device or a 3 pin buffered switching type. For a 4 pin device the differential Hall output signal is connected to the H+ and H- pins. For a 3 pin buffered Hall sensor the Hall device output is attached to the H+ pin whilst the H- pin has an external potential divider attached to hold the pin at half VCC. When H+ is high in relation to H- Ph2 is the active drive. ISSUE 4 - OCTOBER 2004
SEMICONDUCTORS
4
ZXBM2001 ZXBM2002 ZXBM2003
4. SPD - Speed control voltage input This pin provides control over the Fan Motor speed by varying the Pulse Width Modulated (PWM) drive ratio at the Ph1 and Ph2 outputs. This control signal can take the form of either a voltage input of nominal range 2V to 1V, representing 0% to 100% drive respectively, or alternatively a thermistor can be attached to this pin to control the voltage. A third method of speed control is available by the application of an externally derived PWM signal and this will be discussed under the CPWM pin. This pin has an internal potential divider between an internal 2.0V reference and Gnd (see Block Diagram) designed to hold the pin at approximately 1.5V. This will represent a drive of nominally 50% PWM. For thermal speed control a 100k NTC thermistor is connected between the SPD and ground will provide a drive nominally 70% at 25C and 100% at 50C. As the thermistor is connected in parallel with the internal resistor the non-linearity of an NTC thermistor is largely taken out. A linearity of typically 2.5% is achievable. Lower values of thermistor can be used if needed and in this situation an external potential divider will be needed to set the speed range. This will take the form of a resistor from the SPD pint to Vcc and a resistor from the SPD pin to Gnd. Full details are given in the ZXBM200x series Application Note. If speed control is not required this pin is can be left open circuit for 50% drive or tied to ground by a 10k resistor to provide 100% drive. If required this pin can also be used as an enable pin. The application of a voltage of 2.0V to VCC will to force the PWM drive fully off, in effect disabling the drive. 5. GND - Ground On the ZXBM2001 the Lock/FG pin is designed to be a dual function pin to provide an indication of the Fans rotational speed together with an indication of when the Fan has failed rotating for whatever reason (Rotor Locked condition). Under correct operating conditions, and with the external pull-up in place, this pin will provide an output signal whose frequency will be twice that of the rotational frequency of the fan. Should the fan itself stop rotating for any reason, i.e. an obstruction in the fan blade or a seized bearing, then the device will enter a Rotor Locked condition. In this condition the Lock/FG pin will go high (regardless of the state of the Hall sensor) when the CLCK pin reaches the VTHH threshold and will remain high until the fan blades start rotating again. On the ZXBM2002 variant this pin is Lock. During normal operation the signal will be low and during a Locked Rotor condition the pin will go high when the CLCK pin reaches the VTHH threshold. For the ZXBM2003 variant this pin is FG. This signal is a buffered and inverted output of the Hall signal and therefore provides an output signal whose frequency will be twice that of the rotational frequency of the fan. 7. CLCK - Locked Rotor timing capacitor
When in a Locked Rotor condition as described above the Ph1 and Ph2 drive outputs go into a safe drive mode to protect the external drive devices and the motor windings. This condition consists of driving the motor for a short period then waiting for a longer period before trying again. The frequency at which this takes place is determined by the size of the capacitor applied to this CLCK pin. For a 12V supply a value of 1.0uF will typically provide an `On' (drive) period of 0.33s and an `Off' (wait) period of 4.0s, giving an On:Off ratio of 1:12. The C LCK timing periods are determined by the following equations: Tlock = V THH x C LCK ILCKC (V THH - V THL) x C LCK ILCKD (V THH - V THL) x C LCK Ton = ILCKC Toff =
This is the device supply ground return pin and will generally be the most negative supply pin to the fan. 6. LOCK/FG - Locked Rotor error output / Frequency Generator (speed) output
This pin is an open collector output and so will require an external pull up resistor for correct operation.
Where VTHH and VTHL are the CLCK pin threshold voltages and ILCKC and ILCKD are the charge and discharge currents.
ISSUE 4 - OCTOBER 2004 5
SEMICONDUCTORS
ZXBM2001 ZXBM2002 ZXBM2003
Locked Rotor timing capacitor (CONT). TPWM = C C + IPWMC IPWMD
As these threshold voltages are nominally set to VTHH=2V and VTHL=1V the equations can be simplified as follows: Tlock = 8. CPWM 2 x C LCK ILCKC Ton = C LCK ILCKC Toff = C LCK ILCKD
The CPWM pin can also be used as in input for an externally derived PWM signal to control the motor speed. The signal should have a VOL <1V and a VOH >2V. A standard TTL or CMOS digital signal is ideal. When driving from an external PWM source no capacitor should be attached to the CPWM pin and the SPD pin should be left open circuit. 9. PH2 10. PH1 - External transistor driver - External transistor driver
- Sets PWM frequency - external PWM input
This pin has an external capacitor attached to set the PWM frequency for the Phase drive outputs. A capacitor value of 0.15nF will provide a PWM frequency of typically 24kHz. The CLCK timing period (Tpwm) is determined by the following equation: Tlock = (V THH - V THL) x C (V THH - V THL) x C + IPWMC IPWMD
These are the Phase drive outputs and are open darlington emitter followers designed to provide up to 80mA of drive to external transistors as shown in the Application circuits following. The external transistors in turn drive the fan motor windings.
Where TPWM is in s C = CPWM +15 in pF IPWM & IPWMD are in A Where VTHH and VTHL are the CPWM pin threshold voltages and IPWMC and IPWMD are the charge and discharge currents. As these threshold voltages are nominally set to VTHH=2V and VTHL=1V the equations can be simplified as follows:
ISSUE 4 - OCTOBER 2004
SEMICONDUCTORS
6
ZXBM2001 ZXBM2002 ZXBM2003
Lock & FG Timing Waveform:
Lock Timing Example: Using the equation previously described and to be found under the CLCK pin description: Tlock = 2 x C LCK ILCKC Ton = C LCK ILCKC Toff = C LCK ILCKD
Using a value of CLCK = 1.0uF together with the values of I LCKC and I LCKD to be found in the Electrical Characteristics we can derive the following timings for operation at 12V and 25C. Tlock = 2 x 1.0 F 1.0 F = 0.714s = 3.6s Toff = 2.8 A 0.28 A 2 x 1.0 F = 0.36s Ton = 2.8 A
Figure 2 TYPICAL APPLICATION (ZXBM2001) using MOSFET power transistors
Figure 1 TYPICAL APPLICATION (ZXBM2001) using Bipolar power transistors
Graph 1
ISSUE 4 - OCTOBER 2004 7
SEMICONDUCTORS
ZXBM2001 ZXBM2002 ZXBM2003
APPLICATION INFORMATION
This section gives a brief insight into applications using the ZXBM200x series. More complete data is available in the ZXBM200x Series Applications Note, visit www.zetex.com/zxbm or contact your nearest Zetex office for full details. The ZXBM200x series of 2-phase DC brushless motor pre-drivers are capable of driving both Bipolar or MOSFET power transistors. For smaller fans and blowers it is likely that bipolar power transistors would be used as shown in the following Applications circuit. In Figure 1, R1 & R2 have their value selected to provide suitable base current in keeping with the winding current and gain of the power transistors Q1 & Q2. R3 & R4 have their value selected to provide efficient switch-off of Q1 & Q2. The Zener diodes ZD1 & ZD2 provide active clamping in conjunction with Q1 & Q2. It is also recommended that the supply de-coupling capacitor C3 is positioned as close as is practical to the ZXBM device pins. In the case of higher power fans and blowers it may be more applicable to use MOSFET devices to switch the windings as illustrated in the second applications circuit shown in Figure 2. In Figure 2, the Resistor ratio of R1 to R3 and R2 to R4 provide the required Gate turn-on voltage whilst the absolute values will be chosen to provide sufficient gate switching currents. Also illustrated in the two Applications circuits above are the methods of connection for both a `naked' Hall device, as seen in the bipolar circuit in Figure 1, and a buffered Hall device, as in the MOSFET circuit in Figure 2. In this latter circuit R5 & R6 bias the H- pin at a voltage equivalent to half the swing of the Hall device. R7 will be needed if the buffered Hall device does not have its own internal pull-up. Graph 1 below, illustrates the PWM drive waveform taken from and application using the MOSFET circuit in Figure 2. This shows the waveforms to be found at the Ph1 output and at the drain/Winding node.
ISSUE 4 - OCTOBER 2004
SEMICONDUCTORS
8
ZXBM2001 ZXBM2002 ZXBM2003
When driving fans with bipolar transistors, at higher voltages it may be necessary to provide extra noise protection by the addition of a diode from the driver collector to Gnd on each phase. This prevents negative voltage excursions from the windings affecting operation. See Figure 3 right, showing the placement of these diodes. It should be noted that these are not required for the MOSFET solution in Figure 2 as the diodes are inherent in the MOSFET structure. Zetex provide a variety of suitable power transistors for using with the ZXBM200x series of 2-phase DC brushless motor pre-drivers and suitable devices sufficient for a range of applications are given in the following table.
Figure 3 TYPICAL APPLICATION (ZXBM2001) illustrating addition of Clamp diodes.
SUMMARY TABLE OF SUITABLE DEVICES
Bipolar Types V CEO (V) 75 60 100 150 50 I C (A) 4.5 6 6 4 4 min H FE @ I C 300 @ 0.5A 100 @ 2A 100 @ 2A 100 @ 1A 300 @ 1A V CE(sat) max(mV) @ IC & IB
FZT1053A FZT851 FZT853 FZT855 ZXT13N50DE6
Package SOT223 SOT223 SOT223 SOT223 SOT23-6
200 @ 1A, 10mA 100 @ 1A, 10mA 175 @ 1A, 100mA 65 @ 0.5A, 50mA 100 @ 1A, 10mA
MOSFET Types
23 23
BV DSS (V) 30 60 60 60 100
I D (A) 7.6 5 3.8 3.8 1.9
I PEAK (A) (Pulsed) 25 17.6 10 10 5.9
R DS(on) max(m ) @ V GS 20 @ 10V 45 @ 10V 140 @ 10V 140 @ 10V 600 @ 10V
Package SO8 SO8 SOT89 SOT223 SOT223
ZXMN3A04DN8 ZXMN6A09DN8 ZXMN6A11Z
1
ZXMN6A11G ZXMN10A11G 24
Notes: 1 Contact your nearest Zetex office for further details and technical enquiries. 2 Dual device 3 Provisional information 4 Advanced information
ISSUE 4 - OCTOBER 2004 9
SEMICONDUCTORS
ZXBM2001 ZXBM2002 ZXBM2003
PACKAGE OUTLINE PACKAGE DIMENSIONS
DIM A A1 A2 D E E1 b c e 0.75 MILLIMETERS MIN. MAX. 1.10 0.15 0.95 0.0295 INCHES MIN. MAX. 0.43 0.006 0.037
3.00 BSC 4.90 BSC 3.00 BSC 0.17 0.08 0.27 0.23
0.118 BSC 0.1929 BSC 0.118 BSC 0.0066 0.003 0.0106 0.009
0.50 BSC 0 15 0.80
0.0196 BSC 0 0.015 15 0.031
L L1
0.40
0.95 BSC
0.037 BSC
Conforms to JEDEC MO-187 VARIATION BA CONTROLING DIMENSIONS IN METRIC APPROX. DIMENSION IN INCHES
(c) Zetex Semiconductors plc 2004
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquaters Zetex Semiconductors plc Lansdowne Road, Chadderton Oldham, OL9 9TY United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 4 - OCTOBER 2004
SEMICONDUCTORS
10


▲Up To Search▲   

 
Price & Availability of ZXBM200XX10TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X