Part Number Hot Search : 
ALD2711A FMS6143 2SD25 SC3150 AV19W M54580FP 23J75R 23J75R
Product Description
Full Text Search
 

To Download ZX5T853ZTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZX5T853Z
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
SUMMARY BVCEO = 100V : RSAT = 31m ; IC = 4.5A DESCRIPTION
Packaged in the SOT89 outline this new 5th generation low saturation 100V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.
FEATURES
* 4.5 amps continuous current * Up to 10 amps peak current * Very low saturation voltages
SOT89
APPLICATIONS
* Motor driving * Line switching * High side switches * Subscriber line interface cards (SLIC)
ORDERING INFORMATION
DEVICE REEL SIZE 7" TAPE WIDTH 12mm embossed QUANTITY PER REEL 1000 units
ZX5T853ZTA
PINOUT
DEVICE MARKING
* 853
VIEW
ISSUE 1 - DECEMBER 2004 1
ZX5T853Z
ABSOLUTE MAXIMUM RATINGS
PARAMETER Collector base voltage Collector emitter voltage Emitter base voltage Continuous collector current Peak pulse current Power dissipation at T A =25C Linear derating factor Power dissipation at T A =25C (b) Linear derating factor Operating and storage temperature range T j , T stg PD
(a) (a)
SYMBOL BV CBO BV CEO BV EBO IC I CM PD
LIMIT 200 100 7 4.5 10 1.5 12 2.1 16.8 -55 to +150
UNIT V V V A A W mW/C W mW/C C
THERMAL RESISTANCE
PARAMETER Junction to ambient (a) Junction to ambient
(b)
SYMBOL R JA R JA
LIMIT 83 60
UNIT C/W C/W
NOTES: (a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
ISSUE 1 - DECEMBER 2004 2
ZX5T853Z
CHARACTERISTICS
ISSUE 1 - DECEMBER 2004 3
ZX5T853Z
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
PARAMETER Collector base breakdown voltage Collector emitter breakdown voltage Collector emitter breakdown voltage Emitter base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Collector-emitter saturation voltage SYMBOL BV CBO BV CER BV CEO BV EBO I CBO I CER R 1k I EBO V CE(SAT) 20 45 85 155 Base emitter saturation voltage Base emitter turn on voltage Static forward current transfer ratio V BE(SAT) V BE(ON) h FE 100 100 30 10 Transition frequency Output capacitance Switching times fT C OBO t ON t OFF 1000 900 230 200 60 20 130 26 41 1010 300 MIN. 200 200 100 7 TYP. 235 235 115 8.1 20 0.5 20 0.5 10 30 60 115 195 1100 1000 MAX. UNIT CONDITIONS V V V V nA A nA A nA mV mV mV mV mV mV I C = 100 A I C = 1 A, RB I C = 10mA* I E = 100 A VCB = 150V VCB = 150V, Tamb=100 C V CB = 150V VCB = 150V, Tamb=100 C V EB = 6V I C = 0.1A, I B = 5mA* I C = 1A, I B = 100mA* I C = 2A, I B = 100mA* I C = 5A, I B = 500mA* I C = 5A, I B = 500mA* I C = 5A, V CE = 2V* I C = 10mA, V CE = 2V* I C = 2A, V CE = 2V* I C = 5A, V CE = 2V* I C = 10A, V CE = 2V* MHz I C = 100mA, V CE = 10V f=50MHz pF ns V CB = 10V, f= 1MHz* I C = 1A, V CC = 10V, I B1 = I B2 = 100mA 1k
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
ISSUE 1 - DECEMBER 2004 4
ZX5T853Z
TYPICAL CHARACTERISTICS
ISSUE 1 - DECEMBER 2004 5
ZX5T853Z
PACKAGE OUTLINE
PACKAGE DIMENSIONS
Millimeters DIM Min A b b1 b2 c D 1.40 0.38 1.50 0.28 4.40 Max 1.60 0.48 0.53 1.80 0.44 4.60 Min 0.550 0.015 0.060 0.011 0.173 Max 0.630 0.019 0.021 0.071 0.017 0.181 e E E1 G H Inches DIM Min 1.40 3.75 2.90 2.60 Max 1.50 4.25 2.60 3.00 2.85 Min 0.055 0.150 0.114 0.102 Max 0.059 0.167 0.102 0.118 0.112 Millimeters Inches
(c) Zetex Semiconductors plc 2004
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquaters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 1 - DECEMBER 2004 6


▲Up To Search▲   

 
Price & Availability of ZX5T853ZTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X