Part Number Hot Search : 
T1210 IT888 04447 FM101 MBL8048 24064 N60C3 67BGC
Product Description
Full Text Search
 

To Download ZWTS1007A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION
ITEM MODEL CUSTOMER
WHITE SIDE VIEW LED ZWTS1007A
Customer
Approved by Approved by Approved by
/
/
/
Supplier
Drawn by Checked by Approved by
/
/
/
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
Contents
1. 2. 3. 4. 5. 6. 7. 8. 9.
Features Applications Absolute Maximum Ratings Electro-Optical Characteristics CIE Chromaticity Diagram Characteristic Diagram Reliability Precautions Soldering Profile
02 02 03 03 04 05 08 09 10 11 12 13 14
10. Outline Dimension 11. Packing 12. Reel Packing Structure 13. History
SSC-QP-7-03-44()
1
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
1. Features
Package: SMT Solderability Dimension : 3.8 x 1.05 x 0.6 (mm) Low Thermal Resistance RoHS Compliant, Lead Free Suitable for small applications High High ESD Voltage Own Patent Reserved ZWTS1007A is very useful side view LED to make high gamut image in BLU application
2. Applications
Flat Backlighting (LCD, Display) Mobile Phone, Camera, PDA, Notebook Coupling into Light Guide Panel AV Systems
SSC-QP-7-03-44()
2
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A (Ta = 25C) Symbol Value 120 30 100 5 -30 ~ +85 -40 ~ +100 125 Unit mW mA mA V

3. Absolute Maximum Ratings
Parameter Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Junction Temperature
*1 *2
Pd*1 IF IFM*2 VR Topr Tstg Tj
C C C
IFM conditions : Pulse width TW 0.1ms, Duty ratio 1/10
Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product.
4. Electro-Optical Characteristics
Item Rank Y Forward Voltage Reverse Current Rank I7 Luminous Intensity*1 Rank I8 Rank I9 Rank J0 Viewing Angle
*2
(Ta = 25C) Condition Min 2.7 3.0 3.3 700 800 900 1000 21/2 Typ 120 0.264 0.296 0.295 0.311 0.315 0.248 0.287 0.276 Max 3.0 3.3 3.7 50 800 900 1000 1100 mcd A V Unit
Symbol Rank Z Rank A
VF IR
IF = 20 mA VR = 5 V
IV
IF = 20 mA
IF = 20 mA
Rank b Color Coordinates*3 Rank e
x y x y
IF = 20 mA
*1 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. Luminous Intensity Measurement allowance is 10%. *2 1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity. *3 Measurement Uncertainty of the Color Coordinates is 0.01 * Note : All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at 20mA within the maximum ratings shown above. All measurements were made under the standardized environment of Seoul Semiconductor.
SSC-QP-7-03-44()
3
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
5. CIE Chromaticity Diagram
0.9 0.8 0.7 0.6
520 515 525530 535 540 510 545 550 555 505 560 565 570 500 575 580 585 590 495 595 600 610 620 490 630 830 485 480 475 470 460
0.40 0.38 0.36 0.34
g d c a
b
h
y Coord.
y Coord.
0.5 0.4 0.3 0.2 0.1
0.32 0.30 0.28 0.26 0.24
f e
0.0 0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.22 0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
x Coor d.
x Coor d.
Luminous Intensity
Ranking by Color Coordinates b Ranking by Luminous Intensity I7 I8 I9 J0
* The Checked ranks are available
c
d
e
f
g
h
C D E F


Color Rank b
x
0.264 0.280 0.296 0.287
(IF = 20 mA, Ta = 25C)
e
y
0.267 0.248 0.276 0.295
x
0.296 0.311 0.307 0.287
y
0.276 0.294 0.315 0.295
SSC-QP-7-03-44()
4
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
6. Characteristic Diagram
Forward Current vs. Forward Voltage Intensity vs. Forward Current
Ta = 25 C
O
1800 1600
Ta = 25 C
O
Forward Current [mA]
10
Intensity [mcd]
1400 1200 1000 800 600 400 200 0
1
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
0
5
10
15
20
25
30
35
Forward Voltage [V]
Forward Current [mA]
Forward Current vs. Ambient Temperature
Radiation Diagram
30
1.0
x axis y axis
Ta = 25 C
O
Forward current [mA]
25
15 10 5 0 -30 -15
Intensity
20
0.5
y
0 15 30 45 60 75 90
o
0.0 -100 -80 -60 -40 -20
x
0 20 40 60 80 100
Ambient temperature [ C]
Theta
SSC-QP-7-03-44()
5
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
Color Coordinate vs. Forward Current
Spectrum
0.267
Ta = 25 C
0.266
O
30mA
Ta = 25 C IF = 20 mA
Intensity [%]
O
y Coord.
0.265
1mA
0.264
0.263 0.274
0.276
0.278
400
500
600
700
800
x Coord.
Wavelength [nm]
Forward Voltage vs. Ambient Temperature
Color Coordinate vs. Ambient Temperature
1.10 1.08 1.06
0.280
IF = 20 mA
0.278
IF = 20 mA
o
[25 C]
1.04 1.02 1.00 0.98 0.96 0.94 0.92 -30 -15 0 15 30 45 60 75
o
O
25 C
-30 C
o
VF / VF
y Coord.
0.276
0.274
0.272
85 C
90
o
0.270
0.282
0.284
0.286
0.288
0.290
Ambient Temperature Ta [ C]
x Coord.
SSC-QP-7-03-44()
6
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
Relative Luminosity vs. Ambient Temperature
Allowable Forward Current vs. Duty Ratio
1.3 1.2 1.1 1.0 0.9 0.8 0.7 -30 -15
120
Allowable Forward Current [mA]
Ta = 25 C
O
100 80 60 40 20 1 10 100
Iv / Iv
[25oC]
0
15
30
45
60
o
75
90
Ambient Temperature [ C]
Duty Ratio [%]
SSC-QP-7-03-44()
7
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
7. Reliability
(1) TEST ITEMS AND RESULTS
TEST ITEM Life Test 1 Life Test 2 Thermal Shock High Temperature Life Test Low Temperature Life Test High Temperature Storage Low Temperature Storage High Humidity Heat Life Test Humidity Heat Load Resistance to Soldering Heat Solder ability (Reflow Soldering) Temperature Cycle Moisture Resistance Cycle ESD Test conditions Note 1000 hr 500 hr 20 cycle 1000 hr 1000 hr 1000 hr 1000 hr 500 hr 1000 hr 2 time 1 time over 95% 100 cycle 10 cycle 1 time Number of Damaged 0/20 0/20 0/50 0/20 0/20 0/50 0/50 0/20 0/50 0/50 0/50 0/50 0/50 0/50 Reference EIAJ ED-4701 100 101 EIAJ ED-4701 100 101 EIAJ ED-4701 300 307 EIAJ ED-4701 200 201 EIAJ ED-4701 200 202 EIAJ ED-4701 100 102 EIAJ ED-4701 100 103 EIAJ ED-4701 301 302 EIAJ ED-4701 303 EIAJ ED-4701 100 105 EIAJ ED-4701 200 203 MIL-STD 888E
Ta = 25C; IF = 20 mA Ta = 25C; IF = 30 mA
-30C ~ 85C
(30 min) (30 min)
Ta = 85C; IF = 5 mA Ta = - 30C; IF = 20 mA Ta = 100C Ta = - 40C Ta = 60C; RH = 90%, IF = 20 mA
Ta = 85C; RH = 85% Tsld = 260 C, 10 sec Pre treatment; 30C, 70%, 168 hr Tsld = 2155C, 3 sec
(Lead Solder)
- 40C ~ 25C ~ 100C ~ 25C
(30 min) (5 min) (30 min) (5 min)
25C ~ 65C ~ - 10C RH = 90%, 24 hr / 1 cycle Human Body Mode : 1 kV
(2) CRITERIA FOR JUDGING THE DAMAGE
Item Symbol Test Condition Criteria for Judgment Min. Forward Voltage Reverse Current Luminous Intensity
U.S.L. : Upper Standard Level,
Max. U.S.L x 1.2 U.S.L x 2.0 -
VF IR IV
L.S.L. : Lower Standard Level
IF = 20 mA VR = 5 V IF = 20 mA
L.S.L x 0.5
SSC-QP-7-03-44()
8
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
8. Precautions
(1) Storage conditions
Keep the product in a dry box or a desiccator with a desiccant in order to prevent moisture absorption. a. Keep it at a temperature in the range from 5C to 30C and at a humidity of less than 60% RH. In case of being stored for more than 3 months, the product should be sealed with Nitrogen gas.
(2) After opening the package
When soldering, this could result in a decrease of the photoelectric effect or light intensity. a. Soldering should be done right after mounting the product. b. Keep the temperature in the range from 5C to 40C and the humidity at less than 30%. Soldering should be done within 7 days after opening the desiccant package. If the product has been exposed for more than 7 days after opening the package or the indicating color of the desiccator changes, the product must be baked at a temperature between 60C and 65C for 10 to 12 hours. An unused and unsealed product should be repacked in a desiccant package and kept sealed in a dry atmosphere.
(3) Precautions for use
Any external mechanical force or excessive vibration should not be applied to the product during cooling after soldering, and it is preferable to avoid rapid cooling. The product should not be mounted on a distorted part of PCB. Gloves or wrist bands for ESD(Electric Static Discharge) should be wore in order to prevent ESD and surge damage, and all devices and equipments must be grounded to the earth.
(4) Miscellaneous
Radiation resistance is not considered. When cleaning the product, any kind of fluid such as water, oil and organic solvent must not be used and IPA(Isopropyl Alcohol) must be used. When using the product, operating current should be settled in consideration of the maximum ambient temperature. Its appearance or specification for improvement is subject to change without notice.
SSC-QP-7-03-44()
9
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
9. Soldering Profile
The LED can be soldered in place using the reflow soldering method.
(1)
Lead solder
Preliminary heating to be at maximum 210C for maximum 2 minutes. Soldering heat to be at maximum 240C for maximum 10 seconds.
280
Device Surface Temperature [ C]
o
240 200 160 120 80 40 0 0 15 30 45 60 75 90 105 120 135 150 165 180 195
Soldering Times [sec]
(2)
Lead-free solder
Preliminary heating to be at maximum 220C for maximum 2 minutes. Soldering heat to be at maximum 260C for maximum 10 seconds.
280
Device Surface Temperature [ C]
o
240 200 160 120 80 40 0 0 15 30 45 60 75 90 105 120 135 150 165 180 195
Soldering Times [sec]
(3)
Hand Soldering conditions
Not more than 5 seconds @MAX 300C, under Soldering iron.
SSC-QP-7-03-44()
10
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A ( Tolerance : 0.2, Unit : mm )
10. Outline Dimension
Cathode Mark
0.395
MOLD GATE
[Bottom View] Cathode Anode

SSC-QP-7-03-44()
11
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A ( Tolerance : 0.2, Unit : mm )
4.00.1
+0.1 -0
11. Packing
2.00.05
Cathode
12.00.02
Anode
4.00.1
SECTION B-B'
180
+0 -3
15.4 1.0 13 +0.2 -0
2 0.2 60 +1 -0
22 13 0.3 Label
(1) (2) (3) (4)
Quantity: 3500 pcs / Reel Cumulative Tolerance: Cumulative Tolerance / 10 pitches to be 0.2 mm Adhesion Strength of Cover Tape: Adhesion strength to be 0.1 - 0.7 N when the cover tape is turned off from the carrier tape at 10 angle to be the carrier tape Package: P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
SSC-QP-7-03-44()
12
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
12. Reel Packing Structure
Reel
Aluminum Vinyl Bag
Desiccant Humidity indicator
Barcode Label
RANK :
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXXX SSC PART NUMBER : XXXXXXXX
SEOUL
Outer Box Structure
XXX
142 (mm) TOP LED
ZWTS1007A X
RoHS
Material : Paper(SW3B(B))
245 (mm)
220 (mm)
Lot Number
The lot number is composed of the following characters;
ZWTS1007A
Symbol Meaning Year Month Day Number Example 7 for 2007, 8 for 2008, 9 for 2009 01 for Jan., 02 for Feb., 12 for Dec. 01, 02, 03, 04, 05, 27, 28, 29, 30, 31 001, 002, 003, 004, 005, 006, 007

SSC-QP-7-03-44()
13
SEOUL SEMICONDUCTOR CO., LTD.
Rev.
1.00
ZWTS1007A
13. History
Rev. No. 1.00 - The institution of New Spec. Contents Date 2007. 06. 11
Published by SEOUL SEMICONDUCTOR CO., LTD.
http://www.seoulsemicon.com
148-29, Gasan-Dong, Geumcheon-Gu, Seoul, 153-801. South Korea (c) All Right Reserved.
SSC-QP-7-03-44()
14
SEOUL SEMICONDUCTOR CO., LTD.


▲Up To Search▲   

 
Price & Availability of ZWTS1007A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X