Part Number Hot Search : 
FP254 ACS573MS 645NIP AEFVBF15 P4V3B P4V3B VA2656 B43712
Product Description
Full Text Search
 

To Download ZTX555 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 1 MARCH 94 FEATURES * 150 Volt VCEO * 1 Amp continuous current * Ptot= 1 Watt
ZTX554 ZTX555
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation: at Tamb = 25C derate above 25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg ZTX554 -140 -125 -5 -2 -1 1 5.7
E-Line TO92 Compatible ZTX555 -160 -150 UNIT V V V A A W mW/ C C
-55 to +200
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-on Voltage SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) VBE(sat) VBE(on) 50 50 100 10 3-198 ZTX554 MIN. -140 -125 -5 -0.1 -0.1 -0.3 -1 -1 300 50 50 100 10 MAX ZTX555 MIN. -160 -150 -5 -0.1 -0.1 -0.3 -1 -1 300 MHz pF MAX V V V
A A A
UNIT
CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-120V VCB=-140V VEB=-4V IC=-100mA, IB=-10mA* IC=-100mA, IB=-10mA* IC=-100mA, VCE=-10V* IC=-10mA, VCE=-10V* IC=-300mA, VCE=-10V* IC=-50mA, VCE=-10V f=100MHz VCB=-10V, f=1MHz
V V V
Static Forward hFE Current Transfer Ratio Transition Frequency Output Capacitance fT Cobo
ZTX554 ZTX555
TYPICAL CHARACTERISTICS
ZTX554/55-2
IB1=IB2=IC/10
tf ns 1000 800
-0.8 IC/IB=10
tr ts ns s 500 5
VCE(sat) - (Volts)
-0.6
ts
Switching time
400 300 200 100
4 3 2 td 1 0 -0.01 tr -0.1 -1 tf
-0.4
-0.2
td ns 400 100 200 0 50 0
600
0
-0.0001
-0.001
-0.01
-0.1
-1
0
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VCE(sat) v IC
Switching Speeds
100
-1.4
hFE - Normalised Gain (%)
80 60 40 VCE=-10V
-1.2
IC/IB=10
VBE(sat) - (Volts)
-1.0
-0.8
20 0
-0.6 -0.0001 -0.001 -0.01 -0.1 1 -0.0001 -0.001 -0.01 -0.1 -1
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
1.0
VBE(sat) v IC
Single Pulse Test at Tamb=25C
-1.2 VCE=-10V
IC - Collector Current (Amps)
-1.4
VBE - (Volts)
0.1
-1.0
-0.8
0.01
D.C. 1s 100ms 10ms 1.0ms 100s
-0.6 -0.0001 -0.001 -0.01 -0.1 -1
ZTX554
ZTX555
0.001 1 10 100 1000
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
VBE(on) v IC
Safe Operating Area
3-199


▲Up To Search▲   

 
Price & Availability of ZTX555

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X