Part Number Hot Search : 
11N451 PBPC801 DRC4143E SFBUX18 1E101 LTC17 D42C1 D3FK60
Product Description
Full Text Search
 

To Download ZRT06203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZRT062
6.2V LOW POWER PRECISION REFERENCE SOURCE
DESCRIPTION
The ZRT062 is a monolithic integrated circuit providing a precise stable reference voltage of 6.17V at 500A. The circuit features a knee current of 150A and operation over a wide range of temperatures and currents. The ZRT062 is available in a SOT223 package for surface mount applications. This device offers a trim facility whereby the output voltage can be adjusted as s h o w n i n Fi g. 1 . Thi s f a c i l i t y i s use d w h e n compensating for system errors or setting the reference output to a particular value. When the trim facility is not used, the pin should be left open circuit.
SOT223
FEATURES
* Trimmable output * Excellent temperature stability * Low output noise figure * Available in two temperature ranges * 1 and 2% initial voltage tolerance versions
available
* No external stabilising capacitor required in most
cases
* Low slope resistance * SOT223 small outline package
SOT223 Package suffix G
Top view (pin 4 floating or connected to pin 2)
ORDERING INFORMATION
DEVICE ZRT062GC2 ZRT062GC1 ZRT062GA1 TOL% 2 1 1 OPERATING TEMP. -40 to 85C -40 to 85C -55 to 125C PACKAGE SOT223 SOT223 SOT223 PARTMARK ZRT062C2 ZRT062C1 ZRT062A1
A grade C grade
-55C to 125C -40C to 85C
ISSUE 3 - DECEMBER 2003 1
SEMICONDUCTORS
ZRT062
ABSOLUTE MAXIMUM RATINGS
PARAMETER Reverse current A grade C grade Storage temperature
(1) (1)
SYMBOL
LIMIT 50
UNIT mA C C C
Operating temperature:
T OMP -55 to 125 -40 to 85 T STG -55 to 150
Above 25C this figure should be linearly derated to 10mA at 125C
POWER DISSIPATION (at Tamb = 25C unless otherwise stated)
PACKAGE SOT223 VALUE 2 UNIT W
TEMPERATURE DEPENDENT ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER INITIAL VOLTAGE TOLERANCE % 1&2 GRADE A TYP 15.0 MAX 40.0 GRADE C TYP 6.5 MAX 22.0 mV UNIT
V R
Output voltage change over relevant temperature range(See note (a)) Output voltage temperature coefficient (See note (b))
TCVR
1&2
15.0
40.0
15.0
50.0
ppm/C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
SYMBOL VR PARAMETER Output voltage 1% tolerance (A1,C1) 2% tolerance (C2) V TRIM T C V TRIM IR t on t off e np-p RS Output voltage adjustment range Change in T C V R with output adjustment Operating current range Turn-on time Turn-off time Output voltage noise (over the range 0.1 to 10Hz) Slope resistance See note (c) R L =1k Peak to peak measurement I R = 0.5mA to 5mA See note (d) 0.15 250 0.3 50 1.4 3.0 R T =100k I R =500 A 6.11 6.05 6.17 6.17 5 5.0 50 6.23 6.29 V V % ppm/C/% mA s V CONDITIONS MIN. TYP. MAX. UNIT
ISSUE 3 - DECEMBER 2003
SEMICONDUCTORS
2
ZRT062
TYPICAL CHARACTERISTICS
NOTES: (a) Output change with temperature The absolute maximum difference between the maximum output voltage and the minimum output voltage over the specified temperature range:
(d) Slope resistance (RS) The slope resistance is defined as:
RS =
VR=Vmax-Vmin
(b) Output temperature coefficient (TCVR) The ratio of the output change with temperature to the specified temperature range expressed in ppm/C: V R x 10 6 TCV R = ppm C V R xT T= Full temperature range (c) Operating current (IR) Maximum operating current must be derated as indicated in maximum ratings. ISSUE 3 - DECEMBER 2003 3
change inV R specific current range
I=5-0.5=4.5mA (typically)
(e) Line regulation The ratio of change in output voltage to the change in input voltage producing it:
RS x 100 %/V V R x RSOURCE
SEMICONDUCTORS
ZRT062
SCHEMATIC DIAGRAM
Figure 1: This circuit will allow the reference to be trimmed over a wide range. The device is specified over a 5% trim range.
ISSUE 3 - DECEMBER 2003
SEMICONDUCTORS
4
ZRT062
PACKAGE OUTLINE
Controlling dimensions are in millimeters. Approximate conversions are given in inches
PACKAGE DIMENSIONS
Millimeters DIM Min A A1 b b2 C D - 0.02 0.66 2.90 0.23 6.30 Max 1.80 0.10 0.84 3.10 0.33 6.70 Min - 0.0008 0.026 0.114 0.009 0.248 Max 0.071 0.004 0.033 0.122 0.013 0.264 e e1 E E1 L Inches DIM Min Max Min Max 2.30 BSC 4.60 BSC 6.70 3.30 0.90 - 7.30 3.70 - - 0.0905 BSC 0.181 BSC 0.264 0.130 0.0355 - 0.287 0.146 - - Millimeters Inches
(c) Zetex plc 2003
Europe Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com
ISSUE 3 - DECEMBER 2003 5
SEMICONDUCTORS


▲Up To Search▲   

 
Price & Availability of ZRT06203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X