Part Number Hot Search : 
TD204028 AC120 H11N3TVM SIP42104 12D12 AS44261 RFU37 KMOC3051
Product Description
Full Text Search
 

To Download ZMC10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Sensor
Issue 2 - July 2006
ZMC10D
* Package : mod. DIL-14 (12 pin) * Double magnetic sensor chip (employing the magnetoresistive effect of thin film permalloy) measures the magnetic field generated by an internal current-carrying conductor * measurable direct or alternating current IM up to 10A * supply voltage 12 V * no auxiliary field HX required * it's possible to overload the conductor (between pin's 8,9,10 and 11,12,13) with 300A for 10 ms at Tamb = 25 C
FEATURES
Issue 2 - July 2006
(c) Zetex Semiconductors plc 2006
www.zetex.com
ZMC 10D
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Supply current Measurable current at DC: absolute value at AC: peak value Operating temperature range Storage temperature range Symbol Vbr Ibr Im 12 20 10 Unit V mA A
Tamb Tstg
-25 to +100 -25 to +125
C C
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C unless otherwise stated) Parameter Symbol Min. Typ. Max. 5 Unit nA Test conditions test voltage: 2000V DC test time: 1s
Ii-o Input-Output-Insulation (pin 7, 8, 9, 10, 11, 12 shorted together and pin 1, 2, 3, 4, 5, 6 shorted together) Bridge resistance Temperature coefficient of bridge resistance Bridge supply current (constant current source) Offset coefficient of Voutoff1 (current supply rejection ratio) Offset voltage (static, constant) Offset voltage (dynamic, nonlinear) Temperature coefficient of Voutoff1 Open circuit sensitivity (absolute Vout/Im, with offset compensation, no disturbing field allowed) Resistance of the conductor Operating frequency Rbr Tcrbr Ibr CSRR
600 -
800 +0.3 13
1300 -
%/K mA mV/mA Tamb = -25...+100C Tamb = -25...+100C
1.5 2.5
Voutoff1 Voutoff2 Tcvoff1 Sa
-35 2.7
19 3.9
ae32 2 +35 5.1
mV mV V/K mV/A
Ibr =13mA and Rbr = 0.8k in dependence on Im and Tamb Ibr =13mA and Rbr = 0.8k Ibr =13mA and Rbr = 0.8k
R fmax
0
0.7 -
100
m kHz
Im 10A
Issue 2 - July 2006
(c) Zetex Semiconductors plc 2006
www.zetex.com
ZMC 10D
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C unless otherwise stated) Parameter Temparature coefficient of Sa Output voltage range Nonlinearity error of Sa Disturbance signal influence on disturbing field Hd (Vout =Im*Sa + Vouthd) Symbol Min. Typ. Max. Tcsi Vout NLE Vouthd - |6| 0.5 -0.12 Equations of condition: Voutoff1 [mV] = CSRR [mV/mA] * Ibr [mA] CSRR [mV/mA] = (R34 + R12 - R24 - R13) [] * 0.5 (at Im = 0) pinning of magnetoresistive resistors: R34 : between pin 3 and pin 4 R12 : between pin 1 and pin 2 R24 : between pin 2 and pin 4 R13 : between pin 1 and pin 3 external connections: pin 2 shorted to pin 5 pin 1 shorted to pin 6 Circuit connections: condition: pin4: +Ibr and pin 1,6: -Ibr pin 7, 8, 9 pin 10, 11, 12 pin 7, 8, 9 pin 10, 11, 12 : +Im : -Im : -Im : + Im pin 2, 5: -Vout and pin 3: +Vout
pin 2, 5: +Vout and pin 3: -Vout
Devices are identified by type on the body of the device:
ZMC10D ..... ZMC10D
Ordering information:
ZMC10D.......... in boxes
Issue 2 - July 2006
(c) Zetex Semiconductors plc 2006
www.zetex.com
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com
Americas Zetex Inc 700 Veterans Memorial Highway Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com
Asia Pacific Zetex (Asia Ltd) 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone: (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
For international sales offices visit www.zetex.com/offices Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 2 - July 2006
(c) Zetex Semiconductors plc 2006
www.zetex.com


▲Up To Search▲   

 
Price & Availability of ZMC10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X