Part Number Hot Search : 
AUIRF MM1383 74FCT 2N684 1N472 MAX1847 231810 TM9143
Product Description
Full Text Search
 

To Download ZM-PTZ91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZM-PTZ3.6B ~ ZM-PTZ36B
SILICON EPITAXIAL PLANAR ZENER DIODES
Features 1) Small surface mounting type 2) 1W of power can be obtained despite compact size 3) High surge withstand level Applications 1) Voltage regulation and voltage limiting 2) Voltage surge absorption
LL-41
Absolute Maximum Ratings (Ta = 25oC)
Symbol Power Dissipation 1) Junction Temperature Storage Temperature Range Ptot Tj TS Value 1 150 -55 to +150 Unit W
O O
C C
1) Mounting density of other power components should be taken into consideration when laying out the pattern.
SEMTECH ELECTRONICS LTD. ( Wholly owned subsidiary of Honey Technology Ltd.)
(R)
Dated : 05/11/2003
ZM-PTZ3.6B ~ ZM-PTZ36B
Zener Voltage Range TYPE Min.
ZM-PTZ3.6B ZM-PTZ3.9B ZM-PTZ4.3B ZM-PTZ4.7B ZM-PTZ5.1B ZM-PTZ5.6B ZM-PTZ6.2B ZM-PTZ6.8B ZM-PTZ7.5B ZM-PTZ8.2B ZM-PTZ9.1B ZM-PTZ10B ZM-PTZ11B ZM-PTZ12B ZM-PTZ13B ZM-PTZ15B ZM-PTZ16B ZM-PTZ18B ZM-PTZ20B ZM-PTZ22B ZM-PTZ24B ZM-PTZ27B ZM-PTZ30B ZM-PTZ33B ZM-PTZ36B 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13.3 14.7 16.2 18 20 22 24 27 30 33 36
Operating Resistance Zz () IZ (mA)
40 40 40 40 40 40 40 40 40 40 40 40 20 20 20 20 20 20 20 10 10 10 10 10 10
Reverse current IR (uA) Max.
20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10
Vz (V) Max.
4 4.4 4.8 5.2 5.7 6.3 7 7.7 8.4 9.3 10.2 11.2 12.3 13.5 15 16.5 18.3 20.3 22.4 24.5 27.6 30.8 34 37 40
IZ (mA)
40 40 40 40 40 40 40 40 40 40 40 40 20 20 20 20 20 20 20 10 10 10 10 10 10
Max.
15 15 15 10 8 8 6 6 4 4 6 6 8 8 10 10 12 12 14 14 16 16 18 18 20
VR (V)
1 1 1 1 1 1.5 3 3.5 4 5 6 7 8 9 10 11 12 13 15 17 19 21 23 25 27
1) The Zener voltage is measured 40ms after power is supplied. 2) The operating resistances (ZZ, ZZK) are measured by superimposing a minute alternating current on the regulated current (Iz).
SEMTECH ELECTRONICS LTD. ( Wholly owned subsidiary of Honey Technology Ltd.)
(R)
Dated : 05/11/2003
ZM-PTZ3.6B ~ ZM-PTZ36B
Derating curve
1200 Glass epoxy substrate 32x30x1.6(mm) 200
Rise in surface temperature
ALUMINA SUBSTRATE 114X124X1.6(mm) 200
Rise in surface temperature
Power dissipation(mW)
Rise in diode a surface temperature( C)
1.5W
Rise in diode a surface temperature( C)
1.5W
1W
800
Ceramic substrate 82x30x1.0(mm)
100 1W
100
0.5W
400 Individual part (not mounted)
0.5W 0 50 87.5 100 150 200 1 10 100 0 1
GLASS EPOXY SUBSTRATE 144X220X1.6(mm) 10 100
0
Ta ( C)
Mounting quantity(pcs/substrate)
Mounting quantity(pcs/substrate)
0.10
Zener voltage - temp. coefficient characteristics
Iz=20mA Iz=40mA
Zener voltage characteristics
100m 4.3 4.7 5.1 10m 3.9 3.6 5.6 6.2 6.8 7.5 8.2 9.1 10 12 11 13 15 16 18 20 22
Temperature coefficient ( %/ C)
0.08
24
27
30
33
36
0.04
Zener current, (A)
125-25 C 0
1m
0
100
-0.04
10
-0.08 10 20 30 40
1
0
5
10
15
20
25
30
35
40
Zener voltage (V)
Zener voltage (V)
SEMTECH ELECTRONICS LTD. ( Wholly owned subsidiary of Honey Technology Ltd.)
(R)
Dated : 05/11/2003


▲Up To Search▲   

 
Price & Availability of ZM-PTZ91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X