Part Number Hot Search : 
53102 53102 53102 ABT24 CM311 NTE1616 TQ9203 R7NZF
Product Description
Full Text Search
 

To Download ZLDO330T8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ISSUE 2 - MAY 1997 DEVICE DESCRIPTION
The ZLDO Series low dropout linear regulators operate with an exceptionally low dropout voltage, typically only 30mV with a load current of 100mA. The regulator series features output voltages in the range 2.7 to 18 volts, this device provides an output voltage of 3.3 volts. The ZLDO330 consumes a typical quiescent current of only 560A and is rated to supply load currents up to 300mA. A battery low flag is available to indicate potential power fail situations. If the input voltage falls to within 300mV of the regulated output voltage then the error output pulls low. The device also features an active high disable control. Once disabled the ZLDO quiescent current falls to typically 11A. The ZLDO devices are packaged in Zetex SM8 8 pin small outline surface mount package, ideal for applications where space saving is important. The device low dropout voltage, low quiescent current and small size make it ideal for low power and battery powered applications. Battery powered circuits can make particular use of the low battery flag and shutdown features.
Low Battery Flag
ZLDO330
FEATURES
* * * * * * * * * * * * * * * *
Very low dropout voltage 6mV dropout at 10mA output 30mV dropout at 100mA output 100mV dropout at 300mA output 3.3 volt fixed output Other voltages available Low quiescent current 1mA quiescent (typ) at 300mA output Low battery flag Shutdown control Surface mount package
APPLICATIONS
Battery powered devices Portable instruments Portable communications Laptop/Palmtop computers Electronic organisers
Vin LOW BATTERY COMPARATOR THERMAL SHUTDOWN Vo
Shutdown Control SHUTDOWN
BIAS CIRCUIT
OUTPUT DRIVE Cs BANDGAP REFERENCE
Shaping
Gnd
4-62
ZLDO330
ABSOLUTE MAXIMUM RATING
Input Supply Voltage Range Shutdown Input Voltage Range Low Battery Output Voltage Range -0.3 to 20V -0.3 to Vin -0.3 to 20V Output Current Operating Temperature Storage Temperature Power Dissipation (Tamb=25C) 300mA -40 to 85C -55 to 150C 2W (Note 1)
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated) Tamb =25C,IL=10mA,Cs=10pF,Cout =1F
Parameter Output voltage SYMBOL CONDITIONS Vo Vin=4.3V Vin=4.3V (Note 2, Note 4) Vin=4.3 to 20V IL=10 to 300mA Vin=4.3V IL=10mA IL=100mA IL=300mA Vin=4.3V, IL=0 Vin=4.3V, IL=0, Vshdn=Vin Vshdn=Vin=4.3V MIN. 3.2 TYP. 3.3 100 15 45 6 30 100 0.56 11 2 MAX. UNITS 3.4 250 52 78 10 75 200 1 30 10 V ppm/C mV mV mV
Vo Output voltage temperature coefficient T Line regulation Load regulation Dropout voltage (Note3) Quiescent current Quiescent current at shutdown Shutdown control input current Shutdown control threshold voltage Output current in shutdown mode (Note4) Output noise voltage (Note4)
Vo Vo
Vin-Vo
Iq Iqs Iins
mA A A
Vts
Vin=4.3V low(on) high(off) Vin=20V Vo=Gnd Vin=4.3V f=10Hz to100kHz, IL=100mA
0.4 1.5 50 100
V nA
ILs
en
190
V RMS
Low battery detect threshold Low battery flag output voltage Low battery flag leakage current
Vin(bld) Vbl Ibl Ibl=100A, VinVo+400mV 4-63
Vout + 0.2V 0.16 0.1
Vout + V 0.4V 0.4 1 V A
ZLDO330
NOTES. 1. Maximum power dissipation of the device is calculated assuming the package is mounted on a PCB measuring 2 inches square. 2 Output voltage temperature coefficient is calculated as:-
VO change x 1000000 VO x temperature change
3. Dropout voltage is defined as the input to output voltage differential at which the circuit ceases to regulate. The value is measured when the output voltage has dropped by 100mV from Vout measured at the nominal input Vin = Vout + 1V 4. Guaranteed by design. FUNCTIONAL DESCRIPTION The ZLDO is a high performance, ultra low dropout, low quiescent regulator. Available in SM8 surface mount packaging, the device is able to dissipate 2W(note 1) allowing complete design flexibility with an input span upto 20V and 300mA output current. The device quiescent is 1mA (typ) at 300mA load current. A low battery comparator signifies impending battery failure, whilst a shutdown function reduces quiescent current to a mere 11A (typ). A precision bandgap reference gives 2.5% output tolerance and good temperature characteristics over the range -40 to +85C. AC performance is enhanced via the use of a small external capacitor. PIN DEFINITIONS Pin 1 LBF - Low Battery Flag. An open collector NPN output which pulls low on failing input supply. Pin 2 SC - Shutdown Control. This high impedance logic compatible input disables the regulator when taken high. It includes a diode wired to Vin and so will pass current if taken more than 0.5V above Vin. Pin 3 Vin - Voltage Input. The power supply to the regulator. The permissible input voltage range is -0.3 to 20V. An input capacitor is not mandatory but will be useful in reducing the coupling of noise from input to output and minimising the effect of sudden changes in load current on the input voltage. Pin 4 N/C - Not Connected. Not internally connected and so can be left open or wired to any pin without affecting the performance of the regulator. Pin 5 Vout - Voltage Output. The output of the regulator. An output capacitor of 1uF or greater and having low ESR should be wired in close proximity to the regulator to ensure stability for all loads. Pin 6 D/C - Do Not Connect. This pin is wired to an internal circuit node of the regulator. No external connection should be made to this pin. Pin 7 Gnd - Ground. The ground connection of the regulator against which the output voltage is referenced. Pin 8 Spg - Shaping. The shaping node for the error amplifier of the regulator. A capacitor of 10pF wired from this pin to the output pin (pin 5) gives optimum stability. Improved AC can be achieved by reducing the value of this capacitor but stability may be impaired for some load conditions.
4-64
ZLDO330
TYPICAL CHARACTERISTICS
1400 1200 45 1000 40 C(out)=1F 55 50 C(out)=1F
Output Impedance (m )
Ripple Rejection (dB)
10pF 4.7pF 2.2pF
35 30 25 20 15 10 5 0 100 1K
800 600 400 200 0 100
10pF 4.7pF 2.2pF
1K
10K
100K
10K
100K
Frequency (Hz)
Frequency (Hz)
Output Impedance vs. Frequency
Ripple Rejection vs. Frequency
3.33
Io=10mA V(in)=5V
680 640
V(in)=5V
3.32
Quiescent Current (A)
100
600 560 520 480 440 400 -40
Output Voltage (V)
3.31
3.30
3.29
3.28
3.27 -40 -20 0 20 40 60 80
-20
0
20
40
60
80
Temperature ( C)
Temperature ( C)
Output Voltage Temperature Coefficient
Quiescent Current vs. Temperature
16
3.61 V(in)=5V
V(in)=7V Io=10mA
L.B.F. Operation Voltage (V)
100
Shutdown Current (A)
14
3.60
3.59
12
3.58
10
3.57
8
3.56
6 -40
-20
0
20
40
60
80
3.55 -40
-20
0
20
40
60
80
100
Temperature ( C)
Temperature ( C)
Shutdown Current vs. Temperature
Low Battery Flag Operating Point
4-65
ZLDO330
TYPICAL CHARACTERISTICS
Output Voltage Deviation (V)
120 85 C 100 25 C -40 C 80 V(in)=10V
V(in)=5V
Dropout Voltage (mV)
0.8 Io=100mA 0.4 Output Voltage Deviation
60
40
20 0 0.1 1.0 10 100 1000
0
-0.4 0 200 400 600 800 1000
Load Current (mA)
Time (s)
Dropout Voltage vs. Load Current
Line Transient Response
V(in)=5V
SINGLE PULSE TEST Tamb = 25 C
IO=100mA 1.0 DC IO=0mA 1s 0.1s 10ms
Output Voltage Deviation (V)
0.2
Load Current (AMPS)
160
0.1
0 Output Voltage Deviation -0.2
-0.4 0 40 80 120 200
0.01 1 2 5 10 20
Time (s)
Input-Output Differential Voltage (VOLTS)
Load Transient Response
Safe Operating Area
Operation in shaded area is not guaranteed
4-66
ZLDO330
APPLICATIONS
2). Post Converter Regulation
+5V In IC1 ZLDO330
LBF SC Vin Spg Gnd D/C
+5V Out
C1 10pF +3.3V Out
N/C Vout
C3 100nF
C2 1uF
0V In
0V Out
Figure 1
1). Simple 3.3V Supply
Using a circuit such as Figure 1, the ZLDO330 can easily provide a 3.3V logic supply from an available 5V rail where most standard regulators could not guarantee correct operation. Although this approach is not particularly energy efficient, if the load taken at 3.3V is not too large, then the added complexity and cost of a 3.3V switching converter may not be justifiable and so this linear solution can be preferable. This circuit will also give far less noise than a switching regulator which can be important when handling low level analogue signals or low voltage measurements.
Voltage Feedback D1
A common problem with multiple output switch mode converters is that only one output can be used in the feedback control loop of the switching regulator. Thus only one output is fully regulated. All other outputs are prone to tracking errors that occur if the load on any output changes significantly. By ensuring close coupling of all transformer windings and minimising the impedance of all outputs, these errors can be reduced but never eliminated. A simple way round this problem is to wind the switching regulator transformer to give a slightly higher voltage than required and regulate down from this to the desired voltage with a linear regulator. This is indicated in Figure 2. To keep losses low and so maintain the advantages of a switch mode supply, it is important that the voltage drop across this regulator is kept as low as possible, i.e. just high enough to compensate for the poor output impedance of the switching power supply but no higher. The low dropout voltage of the ZLDO330 allows this circuit technique to be implemented very effectively, giving a highly stable and accurate low noise supply.
+ 5V Out
TR1 D2
C4 220uF
ZLDO330
LBF Spg SC Vin Gnd D/C
Switching Regulator
C1 10pF + 3.3V Out
N/C Vout
C5
C2 1uF
Figure 2
220uF
0V Out
4-67
ZLDO330
APPLICATIONS
3). Low Battery Flag
The ZLDO330 provides an output called Low Battery Flag (LBF). Unlike many regulators that only signal that they are falling out of regulation, the LBF output of the ZLDO330 indicates that the voltage drop across the regulator has fallen to less than typically 300mV and so supply failure is imminent.
4). Over Temperature Shutdown
The ZLDO330 regulator includes an over temperature shutdown circuit that disables the regulator if its chip temperature should exceed 125C for any reason. Although intended to provide a limited guard against excessive internal power dissipation, this circuit will shut down the regulator if its ambient rises above 125C.
ZLDO330
LBF Spg SC Vin Gnd D/C
C1 10pF + 3.3V R1 100k Microproc. System Interrupt Input
N/C Vout
4.8V
C3 100nF
C2 1uF
Figure 3 This improved warning gives both more time for the system supplied to shutdown gracefully and maintains regulation while this happens. This could be a vital point if measurements are under way and must be completed accurately for instance. The LBF output is driven by an open collector NPN transistor which pulls low when the supply to the regulator is failing. Figure 3 shows this output being used. Note that resistor R1 is necessary only if the interrupt logic does not include a pull-up resistor.
0V
Thus, the regulator could be used to disable a circuit in the event of the ambient temperature within which the circuit is mounted becoming too high. Any internal power dissipation caused as a result of supplying load current, will reduce the ambient temperature at which shutdown occurs. Note that to achieve the extremely low dropout voltage and high current performance provided by the ZLDO devices, the parts can be damaged by sustained output shorts or excessive loads when combined with high input supply voltages. To ensure reliable operation, keep loads within the SOA graph boundaries indicated in the typical characteristics.
4-68
ZLDO330
APPLICATIONS
5). Logic Controlled Power Supply
Fig.4 shows all that is necessary to allow a microprocessor to control a power supply based on the ZLDO330. The Shutdown Control pin (pin 2), is a logic compatible input that disables the regulator when a voltage in excess of 1.5V is applied. The current required to drive this input is less than 10uA. When the regulator is shutdown in this way, the quiescent current of the ZLDO330 falls to around 11A. This makes the regulator suitable for a wide range of battery powered applications where intermittent operation occurs. The shutdown control pin should not be taken to a voltage higher than Vin if low quiescent supply current is important. The shutdown control is a high impedance input and so if not required, should be wired to the ground pin (pin 7). + 5V to 20V
Vin Vout Gnd IC1
ZSR330 Microproc. System
IC2 ZLDO330
LBF Spg SC Vin Gnd D/C
C1 10pF + 3.3V
Supply Input
N/C Vout
C3 100nF
C2 1uF
Switched Output
0V
0V Figure 4
4-69
ZLDO330
CONNECTION DIAGRAM
SM8 Package Suffix - T8
Top View - Pin 6 must be left floating SEE PIN DEFINITIONS
ORDERING INFORMATION
Part Number ZLDO330T8 Package SM8 Part Mark ZLDO330
4-70


▲Up To Search▲   

 
Price & Availability of ZLDO330T8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X