Part Number Hot Search : 
MTC4503 600ETTT CT6A06 100GP C4351 GM82C765 5KP188A ECM100UT
Product Description
Full Text Search
 

To Download ZL70100LDG1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZL70100 Medical Implantable RF Transceiver
Data Sheet Features
* * * * * * * 402-405 MHz (10 MICS channels) and 433-434 MHz (2 ISM channels) High data rate (800/400/200 kbps raw data rate) High performance MAC with automatic error handling and flow control, typ < 1.5x10-10 BER. Very few external components (2 pcs + antenna matching) Extremely low power consumption (5 mA, continuous TX/RX, <1 mA low power mode) Ultra low power wakeup circuit (200 nA) Standards compatible (MICS, FCC, IEC)
May 2005
Ordering Information ZL70100LDF1 - 48 pin QFN* (tape & reel, bake and drypack) ZL70100LDG1 -48 pin QFN* (tray, bake and drypack) *Pb Free Matte Tin 0C to +55C
Description
The ZL70100 is a high performance half duplex RF communications link for medical implantable applications. The system is very flexible and supports several low power wakeup options. Extremely low power is achievable using the 2.45 GHz ISM Band Wakeup-receiver option. The high level of integration includes a Media Access Controller, providing complete control of the device along with coding and decoding of RF messages. A standard SPI interface provides for easy access by the application For further information please contact sales.
Applications
* Implantable Devices e.g., Pacemakers, ICD's, Cochlea implants, Neurostimulators, Implantable Insulin Pumps, Bladder Control Devices, implantable physiological monitors Body area network, short range device applications using the 433 MHz ISM band.
*
24 MHz
Zarlink MICS Transceiver - ZL70100
400 MHz Transceiver
PLL
XTAL2
XTAL1
MediaAccess Controller
Whitening RS Encoder CRC Generation Message Storage
ADC analog Inputs (TESTIO[4:1] pins)
4
To ADCMux PowerAmplifier Mixer tx_data
TX 400 MHz
RF 400 MHz
TX
+
T X IFModulator
tx_clk
T X Control 4
PeakDetector Antenna Matching LowNoise Amplifier Mixer
AnalogInputs 4 RSSI
3 5bit ADC DataBus Control Interface SPI
Programmable PO[3:0] IO PI[2:0] SPI_CS_B SPI SPI_CLK Interf ace SPI_SDI SPI_SDO IRQ
RX 400 MHz
RF 400 MHz
RX
RX IFFilter and FMDetector
RX ADC
RX Control rx_data Correlator
RS Decode Clock Recovery
CRC Decode
Message Storage T estModeControl 2
2.45 GHz Wake-Up Receiver
RX 2.45 GHz
RF 2.45 GHz
UltraLow Power Oscillator Regulator 1.85-2.0V
InputPinPull-downControl Bypass ofon-chipCrystal OscillatorControl SelectIMDorBaseT ransceiver WakeupIMD
RX
Antenna Matching Enable
Wake-Up Control
MODE[1:0] PDCTRL XO_BY PASS IBS WU_EN
Analog Test TESTIO[6:5]
2
Batteryor OtherSupply
68nFDecoupling Capacitor
Figure 1 - ZL70100 Block Diagram 1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2005, Zarlink Semiconductor Inc. All Rights Reserved.
VDDIO
VSUP
VDDA
VSSA
VDDD
VSSD
ZL70100
1.0
1.1
Data Sheet
Functional Description
General
The ZL70100 is an ultra low power, high bandwidth RF link for medical implantable applications. It operates in the MICS (Medical Implantable Service Band) at 402-405 MHz. It uses a Reed-Solomon coding scheme together with CRC error detection to achieve an extremely reliable link. For data-blocks, a maximum BER (Bit Error Rate) of less than 1.5x10-10 is provided assuming a raw radio channel quality of 10-3 BER. An even higher quality of 2x10-14 BER is available using Housekeeping messages, a facility fully described in the ZL70100 Design Manual.
1.2
Basic Operation and Modes
The MICS transceiver is intended for operation in both an Implant and Basestation. These systems have different requirements especially with regard to power consumption. Therefore, the MICS transceiver has defined two fundamental startup modes of operation: * * Implantable Medical Device (IMD) Mode Basestation Mode
When configured as an IMD, the transceiver is usually asleep and in a very low current state. The IMD transceiver may be woken up by either receipt of a specially coded 2.45 GHz wakeup message or directly by the IMD processor via the WU_EN pin. This flexibility leads to the following options for waking up an IMD transceiver for communication. * * * * IMD transceiver woken up by specially coded 2.45 GHz wakeup message using an ultra low power sniffing method. IMD transceiver woken up to sniff 400 MHz link. The ZL70100 supports such a mode of operation although the 2.45 GHz wakeup system has lower power consumption. IMD transceiver woken to send an emergency message in which case no clear channel assessment by the Basestation is required. IMD transceiver woken up by a low frequency inductive link (as typically used in pacemakers/ICDs) or some alternative mechanism.
2
Zarlink Semiconductor Inc.
ZL70100
2.0 Example Configurations
Data Sheet
The MICS Transceiver device is configurable as an Implant transceiver or as a Basestation transceiver. Typical configurations are shown in the following diagrams.
XO_BYPASS
VSSD10
VSSD9
VSSD5
VSSD4
VDDA1
VSSD6
MODE0*
MODE1*
VSSD
V DD (i nternal regulator) 68 nF C1, note 3 T o V S UP VSUP (m ain s upply) VSSA V DDA 2
VSSD VSSD V S S D1 V DDIO S P I_S DI V S S D7 S P I_S DO S P I_CLK V S S D2 V DDD P DCT RL* V S S D3 S P I_CS _B W U_E N V S S D8 T o V DD
PO0
PO1
PO2
PO3
IBS*
PI0*
PI1*
RX _245A RX _245B V S S A _W A K E _LNA V S S A _GE N1 RF_T X V S S A _RF_P A RF_RX V S S A _RF_LNA
Implantable R F Transceiver (Bare D ie)
PI2*
Applic ation Interf ac e
Ex am ple of m atc hing network f or a patc h antenna.
V S S A _GE N2 RB IA S VSSD VSSA_RF_VCO VSSA_RF_XO VSSA_GEN3 VSSA_GEN4 VSSD
IRQ TESTIO1 TESTIO2 TESTIO3 TESTIO4 VSSD VSSD
TESTIO[5]
TESTIO[6]
CLF_REF
XTAL1
24 MHz
N ote 1: * Inputs c onnec ted v ia int ernal pull-down to ground. U pper s ide pins do not need t o be bonded out N ote 2: Two s upply v oltages are required VSU P (the m ain s upply ,2.1-3.6V) and VD D IO (the digital IO v olt age whic h m ay be 1.5V to VSU P) VD D is an on-c hip deriv ed regulated s upply whic h requires a 68 nF dec oupling c apac itor and c onnec tion of VD D A to VD D D N ote 3: C 1 is an opt ional D C bloc k ing c apac itor.
Figure 2 - MICS Transceiver Configured for an Implant
3
Zarlink Semiconductor Inc.
XTAL2
CLF1
CLF2
ZL70100
Data Sheet
2.45 GH z Transm itter
TX245
T o Applic ation Interfac e (optional) T X_MODE T o V DDIO
XO_BYPASS
MODE0*
V DD (internal regulator) 68nF T o V SUP (main s upply)
VSSA VDDA VSUP VSSA RX_245A
MODE1*
VSSD
PO 0
PO 1
PO 2
PO 3
IBS*
PI0*
PI1*
PI2*
VSSD VDDIO SPI_SDI S PI_SDO SPI_CLK
Switc h
RX_245B VSSA_W AK E_LNA LPF RF_T X VSSA_RF_PA
ZL70100 QFN48
VSSA_RF_XO TESTIO[5] TESTIO[6] CLF_REF TESTIO1 TESTIO2 TESTIO3 TESTIO4
VSSD VDDD PDCT RL* VSSD SPI_CS_B W U_EN T o VDD
Application Interf ace
LNA SAW
RF_RX VSSA_RF_LNA RBIAS VSSA_RF_VCO
XTAL1
T CXO (Note1) T o Proc es s or
XTAL2
CLF1
Matc hing network dependent on antenna
IRQ
ADC
BPF RSSI E xternal RSSI / Note 2
N ote 1: F or Bases tation, a TC XO is recom m ended (in which case XO_BY PASS is tied high) N ote 2: External R SSI D etector Sy stem is recom m ended. C onnection to be done either to MIC S chip af ter R SSI or direct to application N ote 3: Two supply v oltages are required VSU P (the m ain s upply ,2.1-3.6V) and VD D IO (the digital IO v oltage whic h m ay be 1.5V to VSU P) VD D is an on-chip deriv ed regulated s upply which requires a 68 nF decoupling capac itor and connection of VD D A to VD D D
Figure 3 - MICS Transceiver Configured for a Basestation
4
Zarlink Semiconductor Inc.
ZL70100
3.0 Electrical Characteristics
Data Sheet
Absolute Maximum ratings - Voltages are with respect to ground (VSS) unless otherwise stated. Parameter 1 2 3 . Recommended Operating Conditions - Note1 Parameter 4 5 6
Note 1: Note 2:
Symbol VSUP VDDIO Tstg 0 0
Min.
Max. 3.6 3.6 +70 V
Unit
Notes
Supply voltage Input voltage (Digital IO) Storage temperature
Vpeak rel. to VSS C
-40
Symbol VSUP VDDIO Top
Min. 2.1 1.5 0
Typ.
Max. 3.5 VSUP 55
Unit V V C
Notes
Supply voltage Input voltage (Digital IO) Operating temperature
Note 2
The table above lists the external conditions under which the chip shall operate according to the specifications detailed within this document. Note that VDDIO must always be less than VSUP even during system startup.
5
Zarlink Semiconductor Inc.
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL70100LDG1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X