Part Number Hot Search : 
91100 MPC83 1N5255B LL55C10 E43CA MCH6001 C5001 18VDC
Product Description
Full Text Search
 

To Download ZL60001TBD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZL60001 High speed 2.5 Gbps 850 nm VCSEL
Data Sheet
April 2004
Ordering Information ZL60001/TBD TO-46 with lens
-0C to +70C
CATHODE
Features
* * * * 850 nm oxide confined VCSEL Data rate up to 3.1 Gbps High fiber coupling efficiency Optical field stable over temperature and current
ANODE
CASE
Bottom View The cathode is in electrical contact with the case.
Applications
* * High speed Data Communication and Telecommunication Gigabit Ethernet / InfiniBand / FiberChannel / ATM
Figure 1 - Pin Diagram
Description
The ZL60001 is a high speed TO-46 assembled 850 nm VCSEL (Vertical Cavity Surface-Emitting Laser). The product converts electrical current into optical power to be used for fibre optic communications. The ZL60001 has a narrow beam divergence which is stable over temperature and current. This gives rise to high and stable fibre coupling efficiency without any additional lenses.
WARNING: Laser Radiation, avoid exposure to
beam. Class 3B laser product, potential eye hazard. Warning labels in each box
1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2003-4, Zarlink Semiconductor Inc. All Rights Reserved.
ZL60001
Optical and Electrical Characteristics - Case Temperature 25C Parameter Fiber-Coupled Power (50/125 m fibre) Optical Power Threshold Current (0 - 70C) Forward Voltage Centre wavelength RMS Spectral Width Differential resistance Relative Intensity Noise Optical Rise Time (20%-80%) Optical Fall Time (20%-80%) Beam divergence (1/e2)
Note 1: Note 2: Note 3: ANSI X3.230-1994 InfiniBand sec. 8.5.3.2 Over operating current and bias over threshold
Data Sheet
Symbol Pfibre PO Ith VF C Rdiff RIN tr tf
Min. 0.7
Typ.
Max.
Unit mW
Test Condition IF = 7 mA IF = 7 mA
3.5 1 1.6 830 850 4.5 2.2 860 0.85 50 -120 80 100 5 130 140 15
mW mA V nm nm dB/Hz ps ps
IF = 7 mA IF = 7 mA IF = 7 mA IF = 7 mA IF = 7 mA, Note 1 Note 2 Note 2 Note 3
Absolute Maximum Ratings Parameter Storage Temperature Operating Temperature (case) Electrical Power Dissipation Continuous Forward Current (f<10 kHz) Reverse Voltage Soldering Temperature (2 mm from case for 10 sec) Thermal Characteristics Parameter Thermal Resistance - Infinite Heat Sink Thermal Resistance - No Heat Sink Temp. Coefficient - Wavelength Optical Power - Variation (0 - 70C) Threshold Current - Variation (0 - 70C) Symbol Rthjc Rthja d/dTj PO Ith Min Typ 1300 1600 0.06 0.3 0.6 Max Unit C/W C/W nm/C %/C mA Symbol TS TO Pdiss IF VR Tsld Limit -40 to +100C 0 to +70C 35 mW 15 mA 5V 260C
2
Zarlink Semiconductor Inc.
ZL60001
140%
Data Sheet
Relative Threshold Current
120% 100% 80% 60% 40% 20% 0% -40 -20 0 20 40 60 80 100
Temperature (C)
Figure 2 - Threshold Current over Temperature
120%
100%
Relative Optical Power
80%
60%
40%
20% 0% 0 2 4 6 8 10 12 14 16
Forward Current (mA)
Figure 3 - Optical Power vs Forward Current
3
Zarlink Semiconductor Inc.
BOTTOM VIEW ( 10 : 1 )
3,8
n2,54 n0,9 max n0,4 + 0,07 (3x) -
SIDE VIEW
140,5 0,6 Welded
n1,19 (2x)
0
0, 2
0, 9
R2,7 Lens n1.50.05
1, 0 45 0, 2
n4,7
0.25 max glass overmould (2x) R0,4 max
NOTES:1. All dimensions in mm. 2. General tol. ISO-2768-mK. 3. Coating: Case: Ni 1,5-2,5 m. Header: Ni min 0,5 m / Au min 1,5 m.
(c) Zarlink Semiconductor 2002. All rights reserved.
Package code Previous package codes
Drawing type
ISSUE ACN DATE
1
JS0040 77R1A
TB
Package drawing, TO-46 with lens Title
22-MAR-03
APPRD. TD/BE
JS004077
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL60001TBD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X