Part Number Hot Search : 
R331M T7001225 MT9M112 RB4812 B564A 5KP40 00LVEL MAX44
Product Description
Full Text Search
 

To Download ZL30462MCF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Obsolescence Notice
This product is obsolete. This information is available for your convenience only. For more information on Zarlink's obsolete products and replacement product lists, please visit
http://products.zarlink.com/obsolete_products/
ZL30462 Compact Timing Module
Data Sheet Features
* * * Complete timing solution in a small outline package 8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz input reference frequencies 8 kHz (frame pulse), 2.048 MHz, 8.192 MHz, 16.384 MHz, 19.44 MHz and two 155.52 MHz (LVPECL) output clock frequencies Low intrinsic jitter and wander generation Automatic Holdover modes Holdover and lock indication Selectable operation modes Accepts reference inputs from two independent sources 3.3 V Supply Voltage Ordering Information ZL30462MCF 40 SMTDIL 0C to +70C
January 2005
* * * * * *
Description
The ZL30462 is a Timing Module, which functions as a complete system clock solution for general timing applications. The ZL30462 has been designed around Zarlink's Digital and Analog Phase Locked Loop (DPLL and APLL) technology and can lock to one of two inputs that can be derived from two independent sources. The inputs automatically detect if one of four frequencies is present, 8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz. The module has three jitter attenuated output clocks one 19.44 MHz (CMOS) and two 155.52 MHz (LVPECL). In addition to these outputs the module also supplies an 8 kHz frame pulse plus 2.048 MHz, 8.192 MHz and 16.384 MHz clocks.
Applications
* * * * SDH Add/Drop multiplexers Next Gen. Digital Loop Carriers ATM edge switches Line cards
TVdd
TGND
OSC
Vdd
AGND
M a s te r O s c illa to r O u tp u t In te rfa c e C irc u it D PLL PRI SEC R e fe re n c e S e le c t MUX T IE C o rre c to r C irc u it In p u t Im p ra irm e n t M o n ito r
/C 1 6 o C8o C2o /F 1 6 o LK1 (1 9 .4 4 M H z ) LK2 JA19M o J A 1 5 5 P /N -1 C o n v e rte r J A 1 5 5 P /N -2
APLL
RSEL
C o n tro l S ta te M a c h in e
MS1
MS2
/R E S E T /T C L R
H O LD O V E R
LO C K
Figure 1 - Functional Block Diagram 1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2003-2005, Zarlink Semiconductor Inc. All Rights Reserved.
ZL30462
Data Sheet
1
40
1
20
21
Figure 2 - 40 Pin SMT DIL Top View
Pin Description Table Pin Number 1 2 3 4 Name C16o C8o C2o F16o Description Clock 16.384 MHz (CMOS Output). This general purpose output may be used for ST-BUS operation with a 16.384 MHz clock. Clock 8.192 MHz (CMOS Output). This general purpose output may be used for ST-BUS operation at 8.192 Mb/s. Clock 2.048 MHz (CMOS Output). This general purpose output may be used for ST-BUS operation at 2.048 Mb/s. Frame Pulse ST-BUS 16.384 Mb/s (CMOS Output). This is an 8 kHz 61 ns active low framing pulse, which marks the beginning of an ST-BUS frame. This is typically used for ST-BUS operation at 16.384 Mb/s. Link1. Connect this pin to pin 6. This 19.44 MHz signal must not be used for external applications. Link2. Connect this pin to pin 5. Ground. No Connection. This pin is unused and has no internal connection. No Connection. This pin is unused and has no internal connection. Ground. JA 155-2 Clock (LVPECL Output). This differential output provides a low jitter 155.52 MHz clock. Positive Power Supply. 3.3 V Lock Indicator (CMOS Output). This output goes high when the PLL is frequency locked to the input reference. Clock 19.44 MHz (CMOS Output). This output provides a low jitter 19.44 MHz clock.
5 6 7 8 9 10 11 12 13 14 15
LK1 (19.44MHz) LK2 AGND1 NC NC AGND1 JA155N-2 JA155P-2 VDD2 LOCK JA19Mo
2
Zarlink Semiconductor Inc.
ZL30462
Pin Description Table (continued) Pin Number 16 17 18 19 20 21 22 23 24 25 Name JA155N-1 JA155P-1 AGND2 VDD3 AGND1 TVDD TGND OSC VDD1 PRI Description
Data Sheet
JA 155-1 Clock (LVPECL Output). This differential output provides a low jitter 155.52 MHz clock. Ground. Positive Power Supply.3.3 V Ground. Oscillator Positive Power Supply. 3.3 V Oscillator Ground. Oscillator Master Clock (CMOS Output). This pin can be used to monitor the output of the on-board master oscillator. Positive Power Supply. 3.3 V Primary Reference (Input). This input is a Primary reference source for synchronization. The module can synchronize to falling edge of the following reference clocks: 8 kHz, 1.544 MHz, 2.048 MHz or the rising edge of 19.44 MHz. This pin is selected when a logic 0 is applied to the RSel input pin. This pin is internally pulled up to VDD. Secondary Reference (Input). This input is a Secondary reference source for synchronization. The module can synchronize to falling edge of the following reference clocks: 8 kHz, 1.544 MHz, 2.048 MHz or the rising edge of 19.44 MHz. This pin is selected when a logic 1 is applied to the RSel input pin. This pin is internally pulled up to VDD. Internal Connection. Do not connect to this pin. TIE Circuit Reset (Input). A high to low transition at this input initiates phase realignment between the input reference and the generated output clocks. This pin is internally pulled to GND. Reset (Input). Logic 0 will forces the module into a reset state. This pin must be held to logic 0 for a minimum of 1s to reset the module properly. The module must be reset after power-up. Ground. Internal Connection. Do not connect to this pin. No Connection. This pin is unused and has no internal connection. No Connection. This pin is unused and has no internal connection. Reference Source Select (Input). A logic low selects the PRI (primary) reference source as the input reference signal and a logic high selects the SEC (secondary) input. This pin is internally pulled down to GND. See Table 1. Mode/Control Select 1 (Input). This input, in conjunction with MS2, determines the state (Normal, Holdover or Freerun) of operation. See Table 2. Mode/Control Select 2 (Input). This input, in conjunction with MS1, determines the state (Normal, Holdover or Freerun) of operation. See Table 2. No Connection. This pin is unused and has no internal connection. HOLDOVER (CMOS Output). This output goes to a logic high whenever the PLL goes into holdover mode. No Connection. This pin is unused and has no internal connection.
26
SEC
27 28
IC TCLR
29
RESET
30 31 32 33 34
AGND1 IC NC NC RSEL
35 36 37 38 39
MS1 MS2 NC HOLDOVER NC
3
Zarlink Semiconductor Inc.
ZL30462
Pin Description Table (continued) Pin Number 40 Name VDD Positive Power Supply. 3.3 V Description
Data Sheet
1.0
Functional Description
The ZL30462 offers a complete timing solution in a 1.2" x 1" module package. The module comprises three main components, a DPLL which performs the main operational functions, an APLL which provides three low jitter output clocks and an on-board master oscillator. Figure 1 shows a functional block diagram of the module, which is described in the following sections.
1.1
Reference Select MUX Circuit
The ZL30462 accepts two simultaneous reference input signals which can be derived from independent sources. Both reference inputs will automatically accept one of four frequencies, 8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz. The 8 kHz, 1.544 MHz and 2.048 MHz input clocks are all triggered on the falling edge and the 19.44 MHz is triggered on the rising edge. The primary reference (PRI) signal or the secondary reference (SEC) signal can be selected by simply using the RSEL pin, see Table 1. RSEL 0 1 PRI SEC Table 1 - Input Reference Selection Input Reference
1.2
Time Interval Error (TIE) Corrector Circuit
When the ZL30462 finishes locking to a reference an arbitrary phase difference will remain between its output clocks and its reference; this phase difference is part of the normal operation of the ZL30462. If so desired, the output clocks can be brought into phase alignment with the PLL reference by using the TCLR control pin. Using TCLR If the ZL30462 is locked to a reference, then the output clocks can be brought into phase alignment with the PLL reference by using the TCLR control pin according to the procedure below: * * * * Wait until the ZL30462 LOCK indicator is high, indicating that it is locked Pull TCLR low Hold TCLR low for 250 s for 1.544 MHz, 2.048 MHz or 19.44 MHz, or 10 sec for 8 kHz (input frequency). Pull TCLR high
This sequence re-initiates the ZL30462 locking procedure; the LOCK indicator will go low 5 sec after TCLR is pulled low and will remain low for 10 sec.
1.3
Core PLL
The most critical element of the ZL30462 is the Core PLL. This generates a phase-locked clock filters wander and suppresses input phase transients.The Core PLL supports three mandatory modes of operation: Free-run, Normal (Locked) and Holdover. Each of these modes places specific requirements on the building blocks of the Core PLL.
4
Zarlink Semiconductor Inc.
ZL30462
* *
Data Sheet
In Free-run Mode, the Core PLL locks to the 20 MHz Master Clock Oscillator (OSC). The stability of the generated clock remains the same as the stability of the Master Clock Oscillator. In Normal Mode, the Core PLL locks to one of the input reference clocks. Both inputs provide preprocessed phase data to the Core PLL including detection of reference clock quality. This preprocessing reduces the load on the Core PLL and improves quality of the generated clock. In Holdover mode, the Core PLL generates a clock based on data collected from past reference signals. The Core PLL enters Holdover mode if the selected reference input is lost, or under external hardware control.
*
Table 2 shows how each of these modes can be selected via the external hardware pins MS1 and MS2. MS2 0 0 1 1 MS1 0 1 0 1 Normal mode Holdover mode FreeRun mode Reserved Table 2 - Operating Modes Within the DPLL there are a number of key components, which include a Phase Detector, Limiter, Loop Filter, Digitally Controlled Oscillator, Clock Synthersizer and Lock Indicator. Mode of Operation
1.3.1
Phase Detector
The Phase Detector compares the virtual reference signal from the TIE Corrector circuit, with its internal input frequency select circuit and provides an error signal corresponding to the phase difference between the two. This error signal is passed to the Limiter circuit.
1.3.2
Limiter
The Limiter receives the error signal from the Phase Detector and ensures that the DPLL responds to all input transient conditions with a maximum output phase slope of 41 ns per 1.326 ms.
1.3.3
Loop Filter
In Normal mode, the clocks generated by the ZL30462 are phase-locked to the input reference signal. The DPLL Loop Filter is similar to a first order low pass filter with a 1.5 Hz cutoff frequency for all four reference frequency selections (8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz). This filter ensures that the wander transfer requirements in ETS 300 011 and AT&T TR62411 are met.
1.3.4
Digitally Controlled Oscillator (DCO)
The DCO receives the limited and filtered signal from the Loop Filter, and based on its value, generates a corresponding digital output signal. The synchronization method of the DCO is dependent on the state of the ZL30462. In Normal Mode, the DCO provides an output signal which is frequency and phase locked to the selected input reference signal. In Holdover Mode, the DCO is free running at a frequency equal to the last (30 ms to 60 ms) frequency the DCO was generating while in Normal Mode. In Freerun Mode, the DCO is free running with an accuracy equal to the accuracy of the OSC 20 MHz source.
5
Zarlink Semiconductor Inc.
ZL30462
1.3.5 Clock Synthesizer
Data Sheet
The output of the DCO is connected to the Clock Synthesizer that generates the output clocks and frame pulse. * * * * C2o: 2.048 MHz clock with nominal 50% duty cycle C8o: 8.192 MHz clock with nominal 50% duty cycle C16o: 16.384 MHz clock with nominal 50% duty cycle F16o: 8 kHz frequency, with 61 ns wide, logic low frame pulse
In addition to the above, LK1 also generates a 19.44 MHz clock, which is linked externally to LK2. This clock drives the APLL stage which generates the low jitter 19.44 MHz and 155.52 MHz clock outputs (see Section 1.4). LK1: 19.44 MHz clock with nominal 50% duty cycle
1.3.6
Lock Indicator (LOCK)
The ZL30462 is considered locked (LOCK=1) when the residual phase movement after declaring locked condition does not exceed 20 ns; as required by standard wander generation MTIE and TDEV tests. To ensure the integrity of the LOCK status indication, the ZL30462 holds the LOCK pin low for a minimum of 10 sec.
1.4
Jitter Attenuator
The ZL30462 output driver circuit provides two LVPECL jitter attenuated outputs at 155.52 MHz and one CMOS output at 19.44 MHz. There are no external components or adjustments required to support this part of the circuit, as the loop filter and additional power supply decoupling circuitry has been built into the module. The on-board loop filter has been optimized to ensure the quality of the jitter attenuated output. But to maintain the quality of these outputs it is extremely important that they are terminated correctly and the track impedance is 50 Ohms. Failure to do so will affect the modules performance will affect the quality of these clocks. Figure 3 shows one method of terminating one of the LVPECL outputs, further termination information can be found in the ZL30462 Applications Note. The input to the APLL stage can be isolated from the DPLL, by removing the link connection between LK1 (pin 5) and LK2 (pin 6), this may be useful for product verification or test purposes.
6
Zarlink Semiconductor Inc.
ZL30462
Data Sheet
Vcc
Output Driver 127 127
= 50
LVPECL Driver
= 50
LVPECL Receiver
82.5
82.5
Note : Vcc = +3.3V
Figure 3 - LVPECL Output Termination Circuit
1.5
Input Impairment Monitor
This circuit monitors both the input reference signals and reports their status automatically to the DPLL. This block automatically enables the Holdover Mode (Auto-Holdover) when the selected reference is outside the AutoHoldover capture range. (See AC Electrical Characteristics - Performance). This includes a complete loss of incoming signal, or a large frequency shift in the incoming signal. When the incoming signal returns to normal, the DPLL is returned to Normal Mode with the output signal locked to the input signal. The holdover output signal in the ZL30462 is based on the incoming signal 30 ms minimum to 60 ms prior to entering the Holdover Mode. The amount of phase drift while in holdover is negligible because the Holdover Mode is very accurate (e.g., <0.01 ppm, relative to the master oscillator frequency). Consequently, the phase delay between the input and output after switching back to Normal Mode is preserved.
1.6
Control State Machine
The ZL30462 Control State Machine supporting the three mandatory clock modes required by any Network Element that operates in a synchronous network. The simplified version of this state machine is shown in Figure 4 and includes the mandatory states: Free-run, Normal and Holdover. These states are complemented by two additional states: Reset and Auto Holdover, which are critical to the ZL30462 operation under the changing external conditions. These clock modes determine the behavior of a Network Element to the unforeseen changes in the network synchronization hierarchy. Requirements for clock modes are defined in the international standards e.g.: G.812, G.813, GR-1244-CORE and GR-253-CORE and they are very strictly enforced by network operators. Figure 4 also shows how the control input pins - RSEL, MS1, MS2 and RESET interact with the Control State Machine.
7
Zarlink Semiconductor Inc.
ZL30462
Data Sheet
MS2, MS1 == 01 or RSEL change
______ RESET == 1
Ref: OK & MS2, MS1 == 00 {Auto} MS2, MS1 != 10
Normal (Locked) 00
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=1 & MHR 0 --> 1 {Manual} Ref: OK --> Fail & MS2, MS1 == 00 {Auto}
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=0 & {Auto}
Reset
FreeRun 10
Holdover 01
RSEL change
Auto Holdover
MS2, MS1 == 10 forces unconditional return from any state to FreeRun Notes: == : equal != : not equal &= : AND operation 0 --> 1 : transition from 0 to 1 {Auto} : Automatic transition {Manual} : Manual transition Auto Holdover: Automatic Holdover {AHRD} : Automatic Holdover {MHR} : Manual Holdover
State MS2, MS1
Figure 4 - ZL30462 State Machine
1.6.1
Reset State
In this state, the DPLL clocks are stopped and all functions are initialized. The Reset state is entered by pulling the RESET pin to logic 0 for a minimum of 1 s. When the RESET pin is pulled back to logic 1, internal logic starts a 625 s initialization process before switching into the Free-run state (MS2, MS1 = 10). It is recommended that a module reset is performed immediately after power up, to ensure the ZL30462 is set to a know state. The RESET function would normally be under the control of the system or host controller, usually in the form of a microprocessor or FPGA. Alternatively, Figure 5 shows how to connect a simple hardware reset circuit to the ZL30462.
ZL30462
R 10k ______ RESET
Vdd
Rp 1k
C 10nF
Figure 5 - Simple Reset Circuit
8
Zarlink Semiconductor Inc.
ZL30462
1.6.2 Free-Run State
Data Sheet
The Free-run state is entered when synchronization to the network is not required or is not possible. Typically this occurs during installation, repairs or when a Network Element operates as a master node in an isolated network. In the Free-run state, the accuracy of the generated clocks is determined by the accuracy and stability of the ZL30462 Master Crystal Oscillator. When powering up the equipment, it is recommended that the module has at least 2 hours to stabilize after the equipment has reached its normal operating temperature.
1.6.3
Normal State (Locked State)
The Normal State is entered when Normal mode is selected and a good quality reference clock is available. The ZL30462 automatically detects the frequency of the reference clock (8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz) and sets the LOCK status pin to logic 1 after acquiring synchronization. In the Normal state all generated clocks (C2o, C8o, C16o, JA19Mo, JA155P/N-1 and JA155P/N-2) and frame pulse (F16o) are derived from network timing. To guarantee uninterrupted synchronization, the ZL30462 continuously monitors the quality of both input reference clocks. This dual architecture enables quick replacement of a poor or failed reference and minimizes the time spent in other states. During this state the ZL30462 can tolerate a 17 ppm/s frequency change (on the active input) without generating an alarm or changing state.
1.6.4
Holdover State
The Holdover State is typically entered for short durations while network synchronization is temporarily disrupted. In Holdover Mode, the ZL30462 generated clocks are not locked to an external reference signal, but these outputs are based on stored coefficients in memory. These coefficients are determined while the module is in Normal State for at least 10 minute after the modules stabilization period." The initial frequency offset of the ZL30462's DPLL in Holdover Mode is 1x10-10. Once the ZL30462 has transitioned into Holdover Mode, holdover stability is determined by the stability of the 20 MHz Master Clock Oscillator (OSC pin), which is a 20 ppm crystal oscillator.
1.6.5
Auto Holdover State
The Auto Holdover state is a transitional state that the ZL30462 enters automatically when the active reference fails unexpectedly. When the ZL30462 detects loss of reference it waits in Auto Holdover state until the failed reference recovers. The HOLDOVER status pin may be used to alert the system controller about the failure and in response the controller may switch to the secondary reference clock. The HOLDOVER pin indicates when you are in either Auto Holdover and Holdover states. If the selected input fails (or becomes invalid for any reason) the ZL30462 will transition into Auto-Holdover. If the system controller then elects to switch to the other input and that input is also invalid, then the ZL30462 will remain in Auto Holdover until that input becomes valid. This is an internal protection system, to ensure that the module does not use an invalid reference. If the ZL30462 is reset at any time (e.g., during power-up) and mode select pins are trying to force the module to lock to an invalid input (MS1, MS2 == 00) the module will transition into Auto Holdover and the HOLDOVER pin will be asserted. Because the reset function clears the ZL30462's memory, then there will be no holdover history. In this case, even though the output status pin is showing that the module is in Holdover, the output clock accuracy will default to that of Freerun mode. So to summarise the above, in a typical Network Element application, the ZL30462 will typically operate in Normal mode (MS2, MS1 == 00) generating synchronous clocks. The State Machine is designed to perform some transitions automatically, leaving other, less time dependent tasks to the system controller. The state machine includes two stimulus signals which are critical to automatic operation: "OK --> FAIL" and "FAIL --> OK" that represent loss (and recovery) of the reference signal or its drift by more than 30000 ppm. Their transitions force
9
Zarlink Semiconductor Inc.
ZL30462
Data Sheet
the DPLL to move into and out of the Auto Holdover state. The ZL30462 State Machine may also be driven by controlling the mode select pins MS2, MS1. To avoid network synchronization problems, the State Machine has built-in basic protection that does not allow switching the DPLL into a state where it cannot operate correctly e.g., it is not possible to force the DPLL into Normal mode when all references are lost.
2.0
Applications
This section details how to control and monitor the hardware pins of the ZL30462 and general power supply decoupling information. More detailed application information can be found in the ZL30462 Applications Note.
2.1
ZL30462 Mode Switching - Examples
The ZL30462 is designed to transition from one mode to the other driven by the internal State Machine or by manual control. The following examples present a couple of typical scenarios of how the ZL30462 can be employed in network synchronization equipment (e.g., timing modules, line cards or stand alone synchronizers).
2.1.1
System Start-up Sequence: FREE-RUN --> HOLDOVER --> NORMAL
The Free-run to Holdover to Normal transition represents a sequence of steps that will most likely occur during a new system installation or scheduled maintenance of timing cards. The process starts from the RESET state and then transitions to Free-run when the device is being initialized. At the end of this process the ZL30462 should be switched into Normal mode (with MS2, MS1 set to 00) instead of Holdover mode. If the reference clock is available, the ZL30462 will transition briefly into Holdover state to acquire synchronization and switch automatically to Normal state. If the reference clock is not available the ZL30462 will stay in Holdover state indefinitely. Whilst in Holdover state, the DPLL will continue generating clocks with the same accuracy as in the Free-run mode, waiting for a valid reference clock. When the system is connected to the network (or timing card switched to a valid reference) this will enable the DPLL to start the synchronization process. After acquiring lock, the ZL30462 will automatically switch from Holdover state to Normal state without system intervention. This transition to the Normal state will be flagged by the LOCK status pin.
MS2, MS1 == 01 or RSEL change
______ RESET == 1
Ref: OK & MS2, MS1 == 00 {Auto} MS2, MS1 != 10
Normal (Locked) 00
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=1 & MHR 0 --> 1 {Manual} Ref: OK --> Fail & MS2, MS1 == 00 {Auto}
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=0 & {Auto}
Reset
FreeRun 10
Holdover 01
RSEL change
Auto Holdover
MS2, MS1 == 10 forces unconditional return from any state to FreeRun
Figure 6 - Transition from Free-run to Normal mode
10
Zarlink Semiconductor Inc.
ZL30462
2.1.2 Single Reference Operation: NORMAL --> AUTO HOLDOVER --> NORMAL
Data Sheet
The Normal to Auto-Holdover to Normal transition will usually happen when the Network Element loses its single reference clock unexpectedly or when it has two references but switching to the secondary reference is not a desirable option. The sequence starts with the unexpected failure of a reference signal shown as transition OK --> FAIL in Figure 7 at a time when ZL30462 operates in Normal mode. This failure is detected at the active input based on the following FAIL criteria: * * Frequency offset on 8 kHz, 1.544 MHz, 2.048 MHz and 19.44 MHz reference clocks exceeds 30000 ppm (3%). Phase hit on 1.544 MHz, 2.048 MHz and 19.44 MHz exceeds half of the cycle of the reference clock.
After detecting any of these anomalies on a reference clock the Control State Machine will force the DPLL to automatically switch into the Auto Holdover state. This condition is flagged by LOCK = 0 and HOLDOVER = 1.
MS2, MS1 == 01 or RSEL change
______ RESET == 1
Ref: OK & MS2, MS1 == 00 {Auto} MS2, MS1 != 10
Normal (Locked) 00
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=1 & MHR 0 --> 1 {Manual} Ref: OK --> Fail & MS2, MS1 == 00 {Auto}
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=0 & {Auto}
Reset
FreeRun 10
Holdover 01
RSEL change
Auto Holdover
MS2, MS1 == 10 forces unconditional return from any state to FreeRun
Automatic return to Normal: AHDR=0 or Manual return to Normal: AHRD=1 & MHR 0--> 1
Figure 7 - Automatic entry into Auto Holdover State and recovery into Normal mode
The ZL30462 will automatically return to the Normal state after the reference signal recovers from failure. This transition is shown on the state diagram as a FAIL --> OK change. This change becomes effective when the reference is restored and there have been no phase hits detected for at least 64 clock cycles. This transition from Auto Holdover to Normal state is performed as "hitless" reference switching.
2.1.3
Dual Reference Operation: NORMAL --> AUTO HOLDOVER --> HOLDOVER --> NORMAL
The Normal to Auto-Holdover to Holdover to Normal sequence represents the most likely operation of ZL30462 in Network Equipment. The sequence starts from the Normal state and transitions to Auto Holdover state due to an unforeseen loss of reference. The failure conditions triggering this transition were described in Section 2.1.2. When in the Auto Holdover state, the ZL30462 can return to Normal state automatically if the lost reference is restored. If the reference clock failure persists for a period of time that exceeds the system design limit, the system control processor may initiate a reference switch. If the secondary reference is available the ZL30462 will briefly switch into Holdover state and then transition to Normal state.
11
Zarlink Semiconductor Inc.
ZL30462
Data Sheet
MS2, MS1 == 01 or RSEL change
______ RESET == 1
Ref: OK & MS2, MS1 == 00 {Auto} MS2, MS1 != 10
Normal (Locked) 00
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=1 & MHR 0 --> 1 {Manual} Ref: OK --> Fail & MS2, MS1 == 00 {Auto}
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=0 & {Auto}
Reset
FreeRun 10
Holdover 01
RSEL change
Auto Holdover
MS2, MS1 == 10 forces unconditional return from any state to FreeRun
AHRD=0 (automatic return enabled)
Figure 8 - Entry into Auto Holdover state and recovery into Normal mode by switching references
The new reference clock will most likely have a different phase but it may also have a different fractional frequency offset. To lock to a new reference with a different frequency, the DPLL will step gradually towards the new frequency. The frequency slope will be limited to less than 2.0 ppm/sec.
2.1.4
Reference Switching (RefSel): NORMAL --> HOLDOVER --> NORMAL
The Normal to Holdover to Normal sequence switching can be performed at any time. An example of this could be during routine maintenance or an upgrade of equipment, where the active input references is going to be affected. So, changing the input reference under controlled conditions should avoid any unnecessary chances of generating a phase hit.
MS2, MS1 == 01 or RSEL change
______ RESET == 1
Ref: OK & MS2, MS1 == 00 {Auto} MS2, MS1 != 10
Normal (Locked) 00
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=1 & MHR 0 --> 1 {Manual} Ref: OK --> Fail & MS2, MS1 == 00 {Auto}
Ref: Fail --> OK & MS2, MS1 == 00 & AHRD=0 & {Auto}
Reset
FreeRun 10
Holdover 01
RSEL change
Auto Holdover
MS2, MS1 == 10 forces unconditional return from any state to FreeRun
Figure 9 - Manual Reference Switching
12
Zarlink Semiconductor Inc.
ZL30462
Two types of transitions are possible: *
Data Sheet
Semi-automatic transition, which involves changing the RSEL input to select the other reference clock, without changing the mode select inputs MS2, MS1 = 00 (Normal mode). This forces ZL30462 to momentarily transition through the Holdover state and automatically return to Normal state after synchronizing to the other reference clock. Manual transition, which involves switching into Holdover mode (MS2, MS1 = 01), changing references with RSEL, and manual return to the Normal mode (MS2, MS1 = 00).
*
In both cases, the change of references provides "hitless" switching.
2.2
Power Supply Decoupling
Figure 10 shows the recommended power supply decoupling requirements of the ZL30462. The ZL30462 does have a level of internal decoupling components built in to the module, but to ensure optimum performance these external components are required.
3.3V C1
L1 TVdd C2 C3 TGnd L2 C4 C5 C6 AGnd1 Vdd1 C7 AGnd1 Vdd2 C8 AGnd1 Vdd3 C9 AGnd2 Vdd
L1 & L2 : 10H C2 & C5 : 10F C1, C3, C4, C6 - C9 : 100nF
ZL30462
Figure 10 - Power Supply Decoupling
13
Zarlink Semiconductor Inc.
ZL30462
3.0
3.1
Data Sheet
Characteristics
AC and DC Electrical Characteristics
Absolute Maximum Ratings* Parameter Symbol Min. Max. Units
1
Supply Voltages
VDD TVDD
-0.3 -0.3
5.0 5.0
V V V
2 Input Voltage VIN -0.05 VDD+0.5 * Voltages are with respect to ground (GND) unless otherwise stated. * Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Recommended Operating Conditions* Parameter Symbol Min Typ. Max.
Units
1 2
Supply Voltages Operating Temperature
VDD TVDD TA
3.0 0
3.3 25
3.6 70
V
C
* Voltages are with respect to ground (GND) unless otherwise stated.
DC Electrical Characteristics* Characteristics Symbol Min. Typ. Max. Units Test Conditions
1 2 3 4 5 6 7 8 9 10 11
Supply Current Supply Current CMOS: High-level input voltage CMOS: Low-level input voltage CMOS: Input leakage current CMOS: High-level output voltage CMOS: Low-level output voltage LVPECL: Differential output voltage LVPECL: High-level output voltage LVPECL: Low-level output voltage LVPECL: Output rise and fall times
IDD TIDD VIH VIL IIL VOH VOL |VOD| VOH VOL TRF 250 480 2.4 0.7VDD 0
325 5
450 10 0.3VDD 15
mA mA V V A V
Output unloaded Output unloaded
VI=VDD or GND IOH = 8mA IOL = 8mA ZT=100 Ohms ZT=100 Ohms
0.4 600 VDD-0.9 VDD-1.5 300 700 720
V mVp V V ps
Note 1
* Voltages are with respect to ground (GND) unless otherwise stated. Note 1: Rise and fall times are measured at 20% and 80% levels.
14
Zarlink Semiconductor Inc.
ZL30462
AC Electrical Characteristics* Parameter Symbol Min. Max. Units
Data Sheet
Test Conditions
1 2 3 4 5 6 7 8 9
Note 2: Note 3: Note 4:
Freerun Mode accuracy Holdover Mode accuracy Lock range Wander Generation Wander Transfer Phase response to input signal interruptions Phase Transients Holdover Entry Phase Transients Lock Time
FA
-20 FA-0.01 FA-104
20 FA+0.01 FA+104
ppm ppm ppm
Note 2 Note 3 Note 4 ITU-T G.813 Option1 ITU-T G.813 Option1 ITU-T G.813 Option1 ITU-T G.813 Option1 ITU-T G.813 Option1
WGEN WTR PTT PT HEPT LT 30 s
* Voltages are with respect to ground (GND) unless otherwise stated. The Freerun accuracy is directly related to the accuracy of the master oscillator. The DPLL Holdover accuracy is also affected by the holdover stability of the master oscillator. This figure is offset by the accuracy of the master oscillator.
AC Electrical Characteristics* - Timing Parameter Measurements - CMOS Voltage Levels* Characteristics Symbol Typical Units
1 2 3
Threshold voltage Rise and fall threshold voltage High Rise and fall threshold voltage Low
VT VHM VLM
0.5VDD 0.7VDD 0.3VDD
V V V
* Voltages are with respect to ground (GND) unless otherwise stated.
Timing Reference Points
All Signals
V HM VT V LM
T IF, TOF
T IR, TOR
Figure 11 - Timing Parameters Measurement Voltage Levels
15
Zarlink Semiconductor Inc.
ZL30462
AC Electrical Characteristics - Input Phase Alignment Characteristics Symbol Min. Max. Units
Data Sheet
Test Conditions
1 2 3 4 5 6 7 8 9
8 kHz ref. pulse width high 8 kHz ref. input to F16o delay 1.544 MHz ref. pulse width high 1.544 MHz ref. input to F16o delay 2.048 MHz ref. pulse width high 2.048 MHz ref. input to F16o delay 19.44 MHz ref. pulse width high 19.44 MHz ref. input to F16o delay Reference input rise and fall time
tR8H tR8D tR1.5H tR1.5D tR2H tR2D tR19H tR19D tIR, tIF
100 43 100 360 100 252 23 30 51 10 288 393 61
ns ns ns ns ns ns ns ns ns
t R8H
t R8D VT
PRI/SEC 8kHz tc = 125s tR1.5H tR1.5D
PRI/SEC 1.544MHz tc = 647.67ns t R2H t R2D
VT
PRI/SEC 2.048MHz tc = 488.28ns t R19H t R19D
VT
PRI/SEC 19.44MHz tc = 51.44ns
VT
/F16o tc = 125s
VT
Figure 12 - Input to Output Timing (Normal Mode)
16
Zarlink Semiconductor Inc.
ZL30462
AC Electrical Characteristics - Input Control Signals Characteristics Symbol Min. Max. Units
Data Sheet
Test Conditions
1 2
Input Controls Setup Time Input Controls Hold Time
tS tH
100 100
ns ns
/F16o tS MS1, MS2, RSEL, tH
VT
VT
Figure 13 - Input Control Signal Setup and Hold Time
AC Electrical Characteristics - Outputs Timing Characteristics Symbol Min. Max. Units Test Conditions
1 4 5 6
F16o to JA19Mo delay F16o to C16o delay F16o to C8o delay F16o to C2o delay
tJ19D tC16D tC8D tC2D
-35 -35 -35 -35
-25 -25 -25 -25
ns ns ns ns
17
Zarlink Semiconductor Inc.
ZL30462
Data Sheet
/F16o tc = 125s t J19D JA19Mo tc = 51.44ns t C16D /C16o tc = 61.035ns t C8D C8o tc = 122.07ns t C2D C2o tc = 488.28ns
VT
VT
VT
VT
VT
Figure 14 - Output Timing
18
Zarlink Semiconductor Inc.
ZL30462
3.2 Performance Characteristics
Data Sheet
Performance Characteristics: Measured Output Jitter - GR-253-CORE and T1.105.03 conformance* Telcordia GR-253-CORE and ANSI T1.105.03 Jitter Generation Requirements Jitter Measurement Filter Limit in UI Equivalent limit in time domain ZL30462 Jitter Generation Performance
Interface
TYP
Units
Notes
JA155P/N Clock Output 1 OC-12 622.08 Mbit/s 12 kHz to 5 MHz (Category II) 0.1 UIPP 161 24.2 1.905 0.15 UIPP 0.1 UIPP 964 643 283.1 22.89 12 kHz to 1.3 MHz (Category II) 209.4 16.49 psP-P psRMS JA19Mo Clock Output 2 3 OC-3 155.54 Mbit/s 65 kHz to 1.3 MHz psP-P psRMS psP-P psRMS
* Supply voltage and operating temperature are as per Recommended Operating Conditions.
Performance Characteristics: Measured Output Jitter - G.732, G.735 to G.739 conformance* ITU-T G.732, G.735, G.736, G.737, G.738, G739 Jitter Generation Requirements Jitter Measurement Filter Limit in UI Equivalent limit in time domain ZL30462 Jitter Generation Performance
Interface
TYP
Units
Notes
C16o, C8 and C2 Clock Outputs 1 E1 2048 kbits/s 20 Hz to 100 kHz 0.05 UIPP 24.4 1.26 nsP-P
* Supply voltage and operating temperature are as per Recommended Operating Conditions.
19
Zarlink Semiconductor Inc.
ZL30462
Performance Characteristics: Measured Output Jitter - G.813 conformance - Option 1 ITU-T G.813 Jitter Generation Requirements Jitter Measurement Filter Limit in UI Equivalent limit in time domain
Data Sheet
ZL30462 Jitter Generation Performance
Interface
TYP
Units
Notes
JA155P/N Clock Output 1 STM-4 622.08 Mbit/s 250 kHz to 5 MHz 0.1 UIPP 161 11.9 0.94 0.1 UIPP 643 283.1 22.89 psP-P psRMS JA19Mo Clock Output 2 STM-1 155.54 Mbit/s 65 kHz to 1.3 MHz psP-P psRMS
C16o, C8o and C2o Clock Output 3 E1 2048 kbit/s 20 Hz to 100 kHz 0.05 UIPP 24.4 1.26 nsP-P
* Supply voltage and operating temperature are as per Recommended Operating Conditions.
Performance Characteristics: Measured Output Jitter - G.813 conformance - Option 2 ITU-T G.813 Jitter Generation Requirements Jitter Measurement Filter Limit in UI Equivalent limit in time domain ZL30462 Jitter Generation Performance
Interface
TYP
Units
Notes
JA155P/N Clock Output 1 STM-4 622.08 Mbit/s 12 kHz to 5 MHz 0.1 UIPP 161 24.2 1.905 65 kHz to 1.3 MHz 0.1 UIPP 643 283.1 22.89 psP-P psRMS psP-P psRMS
JA19Mo Clock Output 2 STM-1 155.54 Mbit/s
20
Zarlink Semiconductor Inc.
c Zarlink Semiconductor 2003 All rights reserved.
Package Code Previous package codes
ISSUE ACN DATE APPRD.
1 --15 Oct 03
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL30462MCF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X