Part Number Hot Search : 
10SB4M 22001 10SB4M H5PS1G83 XW130 240U80DR TRMPB SB860
Product Description
Full Text Search
 

To Download ZGL41-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZGL41-100 THRU ZGL41-200A
SURFACE MOUNT GLASS PASSIVATED ZENER
Zener Voltage - 100 to 200 Volts
DO-213AB
Steady State Power - 1.0 Watt
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mount applications Glass passivated junction Low Zener impedance Low regulation factor High temperature soldering guaranteed: 250C/10 seconds at terminals
SOLDERABLE ENDS 1st BAND
D2
D1= 0.105 0.095 (2.67) (2.41)
0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185(4.7) 1st band denotes type and positive end (cathode) 0 D2 = D1 + 0.008 (0.20) -
MECHANICAL DATA
Case: JEDEC DO-213AB molded plastic body over passivated junction Terminals: Solder plated solderable per MIL-STD-750, Method 2026 Polarity: Red band denotes Zener diode and positive end (cathode) Mounting Position: Any Weight: 0.0046 ounce, 0.116 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55C to +150C
NOMINAL ZENER VOLTAGE at IZT TYPE
(NOTE 1)
MAXIMUM ZENER DYNAMIC IMPEDANCE TEST CURRENT (IZT) (mA)
(VZ) (Volts)
ZZT at IZT (Ohms)
ZZK at (Ohms)
IZK (mA)
MAXIMUM DC REVERSE LEAKAGE CURRENT at VR (IR) (VR) (A) (Volts)
MAXIMUM MAXIMUM SURGE INSTANTANEOUS CURRENT FORWARD VOLTAGE at 200mA (NOTE 2) (IRM) (VF) (mAdc) (VOLTS)
ZGL41-100 ZGL41-110 ZGL41-120 ZGL41-130 ZGL41-140 ZGL41-150 ZGL41-160 ZGL41-170 ZGL41-180 ZGL41-190 ZGL41-200
100 110 120 130 140 150 160 170 180 190 200
3.7 3.4 3.1 2.9 2.7 2.5 2.3 2.2 2.1 2.0 1.9
250 300 380 450 525 600 700 800 900 1050 1200
3100 4000 4500 5000 5500 6000 6500 6750 7000 7500 8000
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
76.0 83.6 91.2 98.8 106.4 114.0 121.6 129.2 136.9 144.4 152.0
10.0 9.1 8.3 7.7 7.1 6.7 6.3 5.9 5.6 5.3 5.0
1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5
NOTES: (1) Standard voltage tolerance is 10%, Suffix A = 5% (2) Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method (3) Maximum steady state power dissipation is 1.0 watt at TT=75C
8/26/98
RATINGS AND CHARACTERISTIC CURVES ZGL41-100 THRU ZGL41-200A
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPATION PM(AV), AVERAGE POWER DISSIPATION, WATTS
60 HZ RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - TYPICAL ZENER IMPEDANCE ZZ, DYNAMIC ZENER IMPEDANCE, OHMS
1.0
10,000
TJ=25C IZ ma +/- 0.1 IZ(dc)
0.75
1,000
VZ=200V VZ=180V VZ=150V
0.5
100
VZ=100V
0.25
P.C.B. MOUNTED ON 0.31 X 0.31 0.08" (8 x 8 x 2mm) COPPER AREAS PADS
0 25
10 0.5
10
100
500
50
75
100
125
150
175
IZT, ZENER TEST CURRENT, mA
TERMINALS TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
1
TJ=100C
1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
0.1
0.1
TJ=25C
0.01
0
20
40
60
80
100
PERCENT OF RATED ZENER VOLTAGE, %
0.01 0.4
0.6
0.8
1
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 6 - TYPICAL ZENER VOLTAGE FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS OVZ, TEMPERATURE COEFFICIENT, mV/C IZT, TEST ZENER CURRENT, mA
10
220 200 180 160 140 120 100 80 100 110 120 130 140 150 160 170 180 190 200
VZ, ZENER VOLTAGE, VOLTS
TESTED at RATED IZT
1
0.1 100
150
200
250
VZ, ZENER VOLTAGE, VOLTS
8/26/98


▲Up To Search▲   

 
Price & Availability of ZGL41-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X