Part Number Hot Search : 
IT8206R 83251 G261P1 LPC764 MV1652 20211 L40CW CG5649
Product Description
Full Text Search
 

To Download ZF2UOATBMBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K F Series Pushbutton Switches
Features/Benefits * Up to 10 poles per module * Various contact terminals * Various mounting & switch
ganging configurations * Mechanical indicator buttons * Illumination options * RoHS compliant Specifications
SWITCHING POWER: F module max. AC/DC: Silver: 50 VA/15W, Gold: 1 VA/300 mW. SWITCHING VOLTAGE: F module max. AC/DC: Silver: 125/30V, Gold: 50/30 V. SWITCHING CURRENT: F module max. AC/DC: Silver: 0.5A/0.5A, Gold: 0.04A/0.01A. CARRYING CURRENT: Max at du = 20C: Silver: < 2A, Gold: <0.5A. DIELECTRIC STRENGTH (50 Hz, 1 min.): Chassis/contact: ^1500V Between contacts: ^1500V. OPERATING LIFE "OA/EE" (24V/200mA): >105 operations "GR": >3.5 x 104 operations. CONTACT RESISTANCE: Initial: Typical %10 m, max. 20 m After operating life: %100 m INSULATION RESISTANCE: ^109 between open contacts, ^109 between chassis and contacts. CAPACITANCE (at f = 10 kHz): %0.7 pF between 2 contacts. TOTAL TRAVEL/LATCHING TRAVEL: 4.7mm/3.3mm (.185 inch/ .130 inch). All models and options are RoHS compliant and compatible.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models and options are RoHS compliant and compatible. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Typical Applications * Audio selection * Digital equipment interface * Medical equipment interface
A Pushbutton
TYPICAL F OPERATING FORCE: 2U: 6.5N (650 grams); 4U: 6.5N (650 grams); 6U: 7.5N (750 grams); 8U: 9.0N (900 grams); 10U: 9.0N (900 grams). EUROPEAN TYPICAL SF OPERATING FORCE: 2U: 3.5N0.5N (350 grams100 grams); 4U: 5N1N (500 grams100 grams); 6U: 6.5N1N (650 grams100 grams); 8U: 9.0N1N (900 grams100 grams). OPERATING TEMPERATURE RANGE: -40C to 70C.
Materials
HOUSING: Polycarbonate UL 94V-0 or polyester UL 94V-0. ACTUATOR: Polyester UL 94V-0. MOVABLE CONTACTS: Bimetal brass, silver plated, gold plate over nickel. STATIONARY CONTACTS & TERMINALS: Brass, silver plated, gold plated. TERMINAL BOARD: Polyester UL 94V-0. RETURN SPRING: Music wire. TERMINAL SEAL: RTV adhesive sealant. CHASSIS: Steel. LOCKOUT PIN: Steel. BLOCKERS: Steel.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages A-90 thru A-98. For additional options not shown in catalog, consult Customer Service Center. If requesting only a switch, select either a North American or European switch as noted below. Chassis and buttons are sold separately. If multiple stations are selected, we will assume all switches are the same unless noted otherwise.
North American Order Code - Switch Only
Designation F F Series FLT Light touch F series ZF Central mounted F series Contact Arrangement 2U 2PDT Mechanical Function 4U 4PDT OA Momentary 6U 6PDT EE Alternate (push-push) 8U BPDT GR Interlock 10U 1OPDT AOR Central release OASP Momentary with lockout GRSP Interlock with lockout
Terminal Sealing (NONE) None TB Top/bottom Terminal Style (NONE) Solder lugs & PC pins 01A Cut solder lugs 01B Cut PC pins, for other configurations, consult factory Electrical Function (NONE) BBM M MBB (special)
Contact Material (NONE) Silver, AG AU Gold
Dress nut* *Central mounted F series only (NONE) No dress nut B Black C Chrome
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-89
www.ittcannon.com
C&K F Series Pushbutton Switches
A Pushbutton
European Order Code - Switch Only
Designation SF F Series ZF Central mounted F series Contact Arrangement 2U 2PDT Mechanical Function 4U 4PDT OA Momentary 6U 6PDT EE Alternate (push-push) 8U BPDT GR Interlock
*Minimum order quantities apply.
Terminal Style (NONE) Solder lugs & PC pins LB Cut solder lugs PB Cut PC pins, for other configurations, consult factory Electrical Function (NONE) BBM
Contact Material (NONE) Silver, AG P Gold Dress nut* *Central mounted F series only (NONE) No dress nut B Black C Chrome
Order Code - Buttons
Solid Buttons Mechanical Indicator Buttons
Style F01 FMR F02 FG* F12 FSC F13 FSD F14 FU12 F15 FSB F16 FE F19 FA F21 F001
Button Color 01 Black 02 White 03 Red 04 Light gray
Style F01 FA100 F02 FA101 F07 FA120 F08 FA2O1 F11 FA200*
Shell Color 01 Black Out Position Color 01 Black In Position Color 02 White 06 Yellow 07 Blue 08 Green 12 Orange
*Button options for central mounting configurations, use `FG' for central mount with chrome dress nut, use `FA200' for central mount with black dress nut.
BUTTON REMOVAL A button of a push-push switch should only be removed in the "OFF" non-latching position.
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-90
www.ittcannon.com
C&K F Series Pushbutton Switches
A
Order Code - Chassis
To order a switch with chassis, create the switch part number listed above and add the Chassis part number configurator information at the end of the part number. Note: We do not guarantee or recommend interlocking beyond 10 stations.
Pushbutton
C
No. of Stations 01 thru 23 Comes with standard .094 (2,4mm) mounting holes Note: Single station chassis available with special mounting configurations, consult factory.
*Minimum order quantities apply.
Spacing 00 10 12.5 15 17.5 20
between Stations Single station 10mm 12.5mm 15mm 17.5mm 20mm
Special Acknowledgements See note
SWITCHES WITH STANDARD OPTIONS
F2UEE
CONTACT ARRANGEMENT 2U 4U 6U 8U 10U
LENGTH DIM `L' 0.827 (21,00) 1.300 (33,00) 1.770 (45,00) 2.240 (57,00) 2.720 (69,00)
ZF2UEEBF11010108
CONTACT ARRANGEMENT 2U 4U 6U 8U 10U
LENGTH DIM `L' 0.827 (21,00) 1.300 (33,00) 1.770 (45,00) 2.240 (57,00) 2.720 (69,00)
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-91
www.ittcannon.com
C&K F Series Pushbutton Switches
A Pushbutton
Designation, North America F F Series FLT Light touch F series ZF Central mounted F series
DESIGNATION
Designation, Europe SF F Series ZF Central mounted F series
CONTACT ARRANGEMENT
PC MOUNTING
OPTION CODE
NO. OF POLES 2PDT 4PDT 6PDT 8PDT 10PDT
SCHEMATIC
2U 4U 6U 8U 10U
2X 3X 4X 5X
MECHANICAL FUNCTION
North America
OPTION CODE FUNCTION Momentary Alternate (push-push) Interlock Central release Momentary with lockout Interlock with lockout
Europe
OPTION CODE FUNCTION Momentary Alternate (push-push) Interlock
OA EE GR AOR OASP GRSP
OA EE GR
TERMINAL SEALING
(NONE)
NO SEAL
TB
TOP & BOTTOM
F2UEE shown in example above. NOTE: Available for North America only Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-92
www.ittcannon.com
C&K F Series Pushbutton Switches
TERMINAL STYLE
(NONE)
SOLDER LUGS & PC PINS
A
01B PB
CUT PC PINS (North America) CUT PC PINS (Europe)
01A LB
CUT SOLDER LUGS (North America) CUT SOLDER LUGS (Europe)
Pushbutton
.067 (1.70)
.079 (2.01)
ELECTRICAL FUNCTION
OPTION CODE FUNCTION BBM Non-shorting MBB Shorting (North America only)
(NONE) M
CONTACT MATERIAL
NORTH AMERICA OPTION CODE EUROPE OPTION CODE RoHS COMPLIANT * YES YES RoHS COMPATIBLE * YES YES MATERIAL SILVER, AG GOLD RATING 50 VA/15 W; 125/30 V; 0.5/0.5 A 1 VA/300mW; 50/30 V; 0.04 A/0.01 A
(NONE) AU
(NONE) P
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
DRESS NUT
(NONE)
NO DRESS NUT FOR F & F/LT DESIGNATIONS
B
BLACK
C
CHROME
PANEL CUTOUT PANEL CUTOUT
NOTE: Available with ZF designation and FG button. NOTE: Available with ZF designation and FA200 buttons. Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-93
www.ittcannon.com
C&K F Series Pushbutton Switches
COLOR
A Pushbutton
STYLE
F01
FMR
SOLID BUTTON
STYLE
F02
FG
F12
FSC
F13
FSD
F14
FU12
OPTION CODE
COLOR BLACK WHITE RED LT. GRAY
01 02 03 04
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-94
www.ittcannon.com
C&K F Series Pushbutton Switches
COLOR
SOLID BUTTON
STYLE
A Pushbutton
STYLE
F15
FSB
F16
FE
OPTION CODE
COLOR BLACK WHITE RED LT. GRAY
01 02
F19
FA
F21
F001
03 04
SHELL COLOR
IN POSITION COLOR
MECHANICAL BUTTON
STYLE OUT POSITION COLOR
STYLE
F01
FA100
F02
FA101
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-95
www.ittcannon.com
C&K F Series Pushbutton Switches
SHELL COLOR IN POSITION COLOR
A Pushbutton
STYLE
F07
FA120
MECHANICAL BUTTON
STYLE OUT POSITION COLOR
F08
FA201
F11
FA200
SHELL COLOR
01
BLACK
OUT POSITION COLOR
01
BLACK
IN POSITION COLOR
OPTION CODE COLOR WHITE YELLOW BLUE GREEN ORANGE
02 06 07 08 12
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-96
www.ittcannon.com
C&K F Series Pushbutton Switches
SPACING
CHASSIS
NO. OF STATIONS
A Pushbutton
NUMBER OF STATIONS
C00 Thru C10
Comes with standard 0.094 (2,44mm) mounting holes NOTE: Single station chassis available with mounting configurations, consult factory.
SPACING
00
SINGLE STATION
10
10mm
No. of Stations 2 3 4 .394 (10,0) 5 6 7 8 9 10
Dim. `A' 1.182 (30,02) 1.575 (40,01) 1.969 (50,01) 2.363 (60,02) 2.757 (70,03) 3.150 (80,01) 3.544 (90,02) 3.938 (100,03) 4.331 (110,01)
Dim. `B' 1.418 (36,02) 1.811 (46,00) 2.205 (56,01) 2.599 (66,01) 2.993 (76,02) 3.386 (86,00) 3.780 (96,01) 4.174 (106,02) 4.567 (116,00)
Tolerance 0.005 0.010 0.010 0.010 0.015 0.015 0.015 0.015 0.015
12.5
12.5mm
No. of Stations 2 3 4 .492 (12,5) 5 6 7 8 9 10
Dim. `A' 1.200 (30,48) 1.692 (42,98) 2.184 (55,47) 2.676 (67,97) 3.169 (80,49) 3.661 (92,99) 4.153 (105,49) 4.645 (117,98) 5.137 (130,48)
Dim. `B' 1.436 (36,47) 1.928 (48,97) 2.420 (61,47) 2.912 (73,96) 3.405 (86,49) 3.897 (98,98) 4.389 (111,48) 4.881 (123,98) 5.373 (136,47)
Tolerance 0.005 0.010 0.010 0.010 0.015 0.015 0.015 0.015 0.015
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-97
www.ittcannon.com
C&K F Series Pushbutton Switches
SPACING
A Pushbutton
SPACING
15
2 3 4 5 6 7 8 9 10 15mm Dim. `A' 1.374 (34,90) 1.969 (50,01) 2.560 (65,02) 3.150 (80,01) 3.741 (95,02) 4.332 (110,03) 4.922 (125,02) 5.513 (140,03) 6.103 (155,02) Dim. `B' 1.615 (41,02) 2.205 (56,01) 2.796 (71,02) 3.386 (86,00) 3.977 (101,02) 4.568 (116,03) 5.158 (131,01) 5.749 (146,02) 6.339 (161,01) Tolerance 0.005 0.010 0.010 0.010 0.015 0.015 0.015 0.015 0.015
CHASSIS
NO. OF STATIONS
No. of Stations
.591 (15,0)
17.5
17.5mm
No. of Stations 2 3 4 5 6 7 8 9 10
Dim. `A' 1.477 (37,52) 2.166 (55,02) 2.855 (75,52) 3.544 (90,02) 4.233 (107,52) 4.922 (125,02) 5.611 (142,52) 6.300 (160,02) 6.989 (177,52)
Dim. `B' 1.713 (43,51) 2.402 (61,01) 3.091 (78.51) 3.780 (96,01) 4.469 (113,51) 5.158 (131,01) 5.847 (148.51) 6.536 (166,01) 7.225 (183,52)
Tolerance 0.005 0.010 0.010 0.010 0.015 0.015 0.015 0.015 0.015
20
2 3 4 5 6 7 8 9
20mm Dim. `A' 1.575 (40,01) 2.363 (60,02) 3.150 (80,01) 3.938 (100,03) 4.725 (120,02) 5.512 (140,00) 6.300 (160,02) 7.087 (180,01) 7.875 (200,03) Dim. `B' 1.811 (46,00) 2.599 (66,01) 3.386 (86,00) 4.174 (106,02) 4.961 (126,01) 5.748 (146,00) 6.536 (166,01) 7.323 (186,00) 8.111 (206,02) Tolerance 0.005 0.010 0.010 0.010 0.015 0.015 0.015 0.015 0.015 Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
No. of Stations
10
A-98
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of ZF2UOATBMBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X