Part Number Hot Search : 
GSMBTA92 MA2S376 TEA63 18CV8ZP 16244 AAT250 SI4112 MT48LC3
Product Description
Full Text Search
 

To Download ZDT619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ISSUE 1 - NOVEMBER 1995
ZDT619
C1 C1 C2 C2 PARTMARKING DETAIL T619
B1 E1 B2 E2 SM-8 (8 LEAD SOT223)
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Tj:Tstg VALUE 50 50 5 6 2 -55 to +150 UNIT V V V A A C
THERMAL CHARACTERISTICS
PARAMETER Total Power Dissipation at Tamb = 25C* Any single die on Both die on equally Derate above 25C* Any single die on Both die on equally Thermal Resistance - Junction to Ambient* Any single die on Both die on equally SYMBOL Ptot VALUE 2 2.5 16 20 62.5 50 UNIT W W mW/ C mW/ C C/ W C/ W
* The power which can be dissipated assuming the device is mounted in a typical manner on a PCB with copper equal to 2 inches square.
3 - 330
ZDT619
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage SYMBOL MIN. V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO ICES VCE(sat) 12 125 150 0.87 0.80 200 300 200 100 100 400 450 400 225 40 165 12 170 750 20 MHz pF ns ns 50 50 5 TYP. 190 65 8.3 100 100 100 20 200 220 1.0 1.0 MAX. UNIT V V V nA nA nA mV mV mV V V CONDITIONS. IC=100A IC=10mA* IE=100A VCB=40V VEB=4V VCES=40V IC=0.1A, IB=10mA* IC=1A, IB=10mA* IC=2A, IB=50mA* IC=2A, IB=50mA* IC=2A, VCE=2V* IC=10mA, VCE=2V* IC=200mA, VCE=2V* IC=1A, VCE=2V* IC=2A, VCE=2V* IC=6A, VCE=2V* IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz VCC=10V, IC=1A IB1=-IB2=10mA
VBE(sat) VBE(on)
Static Forward Current hFE Transfer Ratio
Transition Frequency Output Capacitance Turn-On Time Turn-Off Time
fT Cobo ton t off
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
3 - 331
ZDT619
3 - 332


▲Up To Search▲   

 
Price & Availability of ZDT619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X