Part Number Hot Search : 
2SA1238F 04M161RT HMC28508 SDR9100 CXA13 74HC10 MBR20030 DS1486
Product Description
Full Text Search
 

To Download ZAV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZAV
ZAV
FEATURES
SERIES
105C Ultra Low Impedance.
* Extremely reduced impedance at high frequency range. * Reflow soldering is available. * Load Life : 105C 1000 hours.
SPECIFICATIONS
Items Category Temperature Range Rated Voltage Range Capacitance Tolerance Characteristics -40~+105C 6.3~35V.DC 20%(20C,120Hz)
Leakage Current(MAX)
I=0.01CV or 3A whichever is greater. I=Leakage Current(A)
(After 2 minutes application of rated voltage) V=Rated Voltage(V)
C=Rated Capacitance(F)
Dissipation Factor(MAX)
Rated Voltage (V) tan
6.3
10
16
25
35
(20C,120Hz)
0.15 0.13 0.12 0.10 0.10
After applying rated voltage with rated ripple current for 1000 hrs at 105C, the capacitors shall meet the following requirements. Endurance
Capacitance Change Dissipation Factor Leakage Current Within 20% of the initial value. Not more than 200% of the specified value. Not more than the specified value.
Low Temperature Stability Impedance Ratio(MAX)
Rated Voltage (V) Z(-40C)/Z(20C)
6.3 3
10 3
16 3
25 3
35 3
(120Hz)
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Frequency
(Hz) 4.7~10F 15~33F 47~100F 120~220F 330~470F
120 0.15 0.20 0.25 0.35 0.45
1k 0.40 0.50 0.60 0.70 0.75
10k 100k< = 0.75 0.80 0.90 0.92 0.95 1.00 1.00 1.00 1.00 1.00
Coefficient
PART NUMBER
ZAV
Rated Voltage Series Rated Capacitance Capacitance Tolerance Option
DxL
Case Size
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
DIMENSIONS
ZAV
(mm)
L+ MAX
A10.2
D+0.5MAX
B10.2
SLEEVE
0.3MAX
W1
0.5MAX
D 4 5 6.3 8
L 7 7 7 12
A1 4.3 5.3 6.6 8.3
B1 4.3 5.3 6.6 8.3
C 2.0 2.2 2.7 2.9
W1 0.5~0.8 0.5~0.8 0.5~0.8 0.8~1.1
P 0.8 1.3 1.8 3.1
0.3 0.3 0.3 0.5
STANDARD SIZE
Rated voltage (V.DC) Rated capacitance (F) 22 47 6.3(0J) 100 470 15 33 10(1A) 56 330 10 22 16(1C) 47 180 6.8 15 25(1E) 27 120 4.7 8.2 35(1V) 18 82 6.3X7 8X12 310 930 0.25 0.058 6.3X7 8X12 4X7 5X7 310 930 150 230 0.22 0.057 0.85 0.46 6.3X7 8X12 4X7 5X7 310 930 150 230 0.21 0.055 0.79 0.39 6.3X7 8X12 4X7 5X7 310 930 150 230 0.21 0.054 0.72 0.38 6.3X7 8X12 4X7 5X7 310 930 150 230 0.20 0.053 0.70 0.36 Size DXL(mm) 4X7 5X7 Rated ripple current (mA r.m.s./105C, 100kHz) 150 230 Impedance (MAX/20C, 100kHz) 0.68 0.36
C
P
C


▲Up To Search▲   

 
Price & Availability of ZAV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X