Part Number Hot Search : 
GP7N60 STUK018 MCP4017 32FCZ DG32240 AT24C01 PN3035 1N3290R
Product Description
Full Text Search
 

To Download Z89340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
1
Z89340
DIGITAL WAVETABLE ENGINE
FEATURES
Part Number Z89340
s s
1
Speed 50 MHz
Package 160-Pin QFP
Supports 16- and 8-Bit Linear PCM Sampling, ADPCM, and Wavetable Synthesis, Variable Playback Rates for ADPCM Internal 24-Bit Audio Accumulators Addresses 16M x 16 Sample ROM Directly (No Paging Necessary) Jumperless Configurable ISA Bus Interface Sound Blaster and OPL3 Register Compatibility, MPU401 UART Mode Compatible Built-In 64-Channel Bus-Mastering DMA Controller FM Emulation
64 High-Speed Audio Processing Units (APUs) or 128 Half-Speed APUs 3-D Sound Capability Downloadable Sample Capability 8-Channel, 20-Bit Linear PCM Audio Generator Output Sampling Rates up to 50 kHz Supports 16-, 18-, and 20-Bit Serial DACS - Greater than 96 Db Dynamic Range
s s
s s s s s
s s
s s
GENERAL DESCRIPTION
The Z89340 is a high-performance, programmable wavetable engine designed for musical instruments, general MIDI (Musical Instrument Digital Interface) sound modules, digital mixing consoles with high-quality PC sound cards, and computer-controlled multimedia applications. This device features a 24-bit address bus for addressing16-bit sample-storage ROM and DRAM (DRAM refresh controller on-board), a 12x16 two's-complement scaler, eight 24-bit accumulators with clipping circuitry, a 2x8x16 interpolator to allow a high resolution of phase angles between input samples, CD-quality sampling rates, and 64 high-speed audio processing units (APUs) that can be split into two low-speed APUs that operate at half the sampling rate, allowing up to 128 notes to play simultaneously. All APUs are independent and can address any part of data storage at any time. The Z89340 can operate at output sampling rates up to 50 kHz, and offers eight channels of 16- to 20-bit serial output data. The microprocessor interface allows full control of frequency, amplitude, and sample data input to each oscillator. The Z89340 features eight output registers, and their contents can be sent to DAC or CODEC. Four of these can be used for quadraphonic output, and have a panning mechanism called Polar Pan that supports motion in all four quadrants. The other four output registers are used internally as effects channels, but can still send their data streams to a DAC, a second Z89340, or other digital signal processor. The Z89340 also has eight serial input data registers. In addition, there are 24 stereo submix register pairs for use in sending output data from one APU to be used as the input to another. In particular, the Z89340 is well-suited for 8- and 16-bit linear PCM recording/playback, wave synthesis, Sound Blaster command set, and ADPCM (IMA/DVI) real-time decompression. DS96DSP0201 PRELIMINARY 1-1
Z89340 Digital Wavetable Engine
GENERAL DESCRIPTION (Continued)
CODEC I/F ISA Interface
Audio Bus
Sound Blaster Registers
Dual Port Control RAM
Synchronous Audio Processor Unit
Wave Bus Interface
Wave Bus
FM Emulation
MIDI (MPU 401) Port
IDE CD-ROM Interface
Joystick/ Game Port
Figure 1. Z89340 Simplified Functional Block Diagram
1-2
PRELIMINARY
DS96DSP0201
DS96DSP0201
PIN IDENTIFICATION
GND MIDI_TX CODEC_SCLK_0 CODEC_SD_IN_0 CODEC_SD_OUT_0 CODEC_STROBE_0 CODEC_STROBE_1 CODEC_STROBE_2 CODEC_STROBE_3 VCC CLOCK GND MODE_0 MODE_1 MODE_2 MODE_3 AUX_CS0 AUX_CS1 AUX_CS2 AUX_CS3 VCC GND RAS CAS DRAM_OE DRAM_WE ROMADD21 ROMADD22 ROMADD23 ROMADD20 ROMADD18 ROMADD19 ROMADD17 ROMADD08 ROMADD07 ROMADD09 ROMADD06 ROMADD10 ROMADD05 VCC 120 1
Z89340 160-Pin QFP
Figure 2. 160-Pin QFP Pin Configuration
PRELIMINARY
40
GND ROMADD11 ROMADD04 ROMADD12 ROMADD03 ROMADD13 ROMADD02 ROMADD14 ROMADD01 ROMADD15 ROMADD00 ROMADD16 WAVE_DATA_OE WAVE_DATA_WRITE WAVE_DATA_15 WAVE_DATA_00 WAVE_DATA_07 WAVE_DATA_08 WAVE_DATA_14 WAVE_DATA_01 WAVE_DATA_06 WAVE_DATA_09 WAVE_DATA_13 WAVE_DATA_02 WAVE_DATA_05 WAVE_DATA_10 WAVE_DATA_12 WAVE_DATA_03 WAVE_DATA_04 WAVE_DATA_11 ISA_MASTER16 ISA_DATA15 ISA_DATA14 ISA_DATA13 ISA_DATA12 ISA_DATA11 ISA_DATA10 ISA_DATA09 ISA_DATA08 VCC 80
VCC MIDI_RX AGND TVREFGAMEPORT_7_BUTTON_7 GAMEPORT_6_BUTTON_6 GAMEPORT_5_BUTTON_5 GAMEPORT_4_BUTTON_4 GAMEPORT_3_BUTTON_3 GAMEPORT_2_BUTTON_2 GAMEPORT_1_BUTTON_1 GAMEPORT_0_BUTTON_0 TVREF+I AVDD ISA_DATA07 ISA_DATA06 ISA_DATA05 ISA_DATA04 ISA_DATA03 ISA_DATA02 ISA_DATA01 ISA_DATA00 ISA_IOCHRDY ISA_AEN ISA_SA19 ISA_SA18 ISA_SA17 ISA_SA16 ISA_SA15 ISA_SA14 ISA_SA13 ISA_SA12 ISA_SA11 ISA_SA10 ISA_SA09 ISA_SA08 ISA_SA07 ISA_SA06 ISA_SA05 GND
VCC ISA_SA04 ISA_SA03 ISA_SA02 ISA_SA01 ISA_SA00 ISA_RESDRV ISA_IRQ_09 ISA_IOW ISA_IOR ISA_DACK_03 ISA_DRQ_03 ISA_DACK_01 ISA_DRQ_01 ISA_BCLK ISA_IRQ_07 ISA_IRQ_05 Reserved ISA_I0CS16 ISA_IRQ_10 ISA_IRQ_11 ISA_DACK_00 ISA_DRQ_00 ISA_DACK_05 ISA_DRQ_05 ISA_DACK_06 ISA_DRQ_06 ISA_DACK_07 ISA_DRQ_07 ISA_BHE ISA_LA23 ISA_LA22 ISA_LA21 ISA_LA20 ISA_LA19 ISA_LA18 ISA_LA17 ISA_MEMR ISA_MEMW GND
Z89340 Digital Wavetable Engine
1-3
1
Z89340 Digital Wavetable Engine
PIN IDENTIFICATION (Continued)
Table 1. 160-Pin QFP Pin Identification Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32-39 40 41 42 43 44-50 51 52 53 54 55 56 57 58 59 Symbol GND ROMADD11 ROMADD04 ROMADD12 ROMADD03 ROMADD13 ROMADD02 ROMADD14 ROMADD01 ROMADD15 ROMADD00 ROMADD16 WAVE_DATA_OE WAVE_DATA_WRITE WAVE_DATA_15 WAVE_DATA_00 WAVE_DATA_07 WAVE_DATA_08 WAVE_DATA_14 WAVE_DATA_01 WAVE_DATA_06 WAVE_DATA_09 WAVE_DATA_13 WAVE_DATA_02 WAVE_DATA_05 WAVE_DATA_10 WAVE_DATA_12 WAVE_DATA_03 WAVE_DATA_04 WAVE_DATA_11 ISA_MASTER16 ISA_SD_15-8 VCC GND ISA_MEMW ISA_MEMR ISA_LA 17-23 ISA_BHE ISA_DRQ_07 ISA_DACK_07 ISA_DRQ_06 ISA_DACK_06 ISA_DRQ_05 ISA_DACK_05 ISA_DRQ_00 ISA_DACK_00 Function Ground Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus External Memory Output Enable External Memory Write External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus External Waveform Mem. Data Bus ISA Master 16-Bit Transfer ISA Data Bus Power Supply GND ISA Memory Write ISA Memory Read ISA Address Bus ISA Bus High Byte Enable ISA DMA Request 07 ISA DMA Acknowledge 07 ISA DMA Request 06 ISA DMA Acknowledge 06 ISA DMA Request 05 ISA DMA Acknowledge 05 ISA DMA Request 00 ISA DMA Acknowledge 00 Direction - Output Output Output Output Output Output Output Output Output Output Output Output Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Input/Output Tri-State Input Input/Output - - Input/Output Input/Output Tri-State Output Input/Output Tri-State Output Input Tri-State Output Input Tri-State Output Input Tri-State Outputt Input
1-4
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine Table 1. 160-Pin QFP Pin Identification Pin # 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75-79 80 81 82-96 97 98 99-106 107 108 109-112 113-116 117 118 119 120 121 122 123 124 125 126-129 130 131 132 133-136 137-140 141 142 143 Symbol ISA_IRQ_11 ISA_IRQ_10 ISA_IOCS16 Reserved ISA_IRQ_05 ISA_IRQ_07 CLKOUT ISA_DRQ_01 ISA_DACK_01 ISA_DRQ_03 ISA_DACK_03 ISA_IOR ISA_IOW ISA_IRQ_09 ISA_RESDRV ISA_SA00-SA04 VCC GND ISA_SA05-SA19 ISA_AEN ISA_I0CHRDY ISA_SD_00-07 AVDD ADC_VREF_HI ADC_0-3 ADC_4-7 ADC_VREF_LO AGND MIDI_RX VCC GND MIDI_TX CODEC_SCLK CODEC_SD_IN CODEC_SD_OUT CODEC_STROBE_0-3 VCC CLK GND MODE_0-3 AUX_CS0-3 VCC GND RAS Function ISA Interrupt Request 11 ISA Interrupt Request 10 ISA I/O Select 16-Bit Transfer Reserved ISA Interrupt Request 05 ISA Interrupt Request 07 Clock Output ISA DMA Request 01 ISA DMA Acknowledge 01 ISA DMA Request 03 ISA DMA Acknowledge 03 ISA I/O Read ISA I/O Write ISA Interrupt Request 09 Chip Reset ISA Address Bus Power Supply Ground Address Bus ISA Bus Address Enable ISA Channel Ready ISA Data Bus Analog Supply ADC Voltage Reference High Joystick Button 00-03 Gameport ADC 04-07 ADC Voltage Reference Low Analog Ground MIDI Input Power Supply Ground MIDI Output Serial Clock Signal Serial Data In Serial Data Out Serial CODEC Chip Select Strobe Power Supply System Clock Ground Operation Mode Select 00-S3 Auxiliary Chip Select 00-03 Power Supply Ground Ext. DRAM Row Address Strobe Direction Tri-State Output Tri-State Output Tri-State Output N/A Tri-State Output Output Output Tri-State Output Input Tri-State Output Input Input/Output Input/Output Tri-State Output Input Input/Output - - 82-92: I/O; 93-96: Tri O Input Open-Drain Output Input/Output - Input Input/Output Input Input - Input - - Output Output Input Output Output - Input - Input Output Input - Output
1
DS96DSP0201
PRELIMINARY
1-5
Z89340 Digital Wavetable Engine
PIN IDENTIFICATION (Continued)
Table 1. 160-Pin QFP Pin Identification Pin # 144 145 146 147-149 150 151-153 154 155 156 157 158 159 160 Symbol CAS DRAM_OE DRAM_WE ROMADD21-23 ROMADD20 ROMADD18,19, 17 ROMADD08 ROMADD07 ROMADD09 ROMADD06 ROMADD10 ROMADD05 VCC Function Ext. DRAM Col. Address Strobe Ext. DRAM Output Enable Ext. DRAM Write Enable Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Wavetable ROM Address Bus Power Supply Direction Output Output Output Output Output Output Output Output Output Output Output Output -
1-6
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
ABSOLUTE MAXIMUM RATINGS
Sym VCC TSTG - IOL TA Description Supply Voltage Storage Temp Voltage on any Pin Maximum Output Leakage per I/O Pin Oper Ambient Temp. 0 70 Min -0.5 -65 -0.5 Max +6.5 +150 VCC Units V C V mA C
1
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; operation of the device at any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to absolute maximum rating conditions for an extended period may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Sym VCC TA Description Supply Voltage Oper Ambient Temp Min 4.75 0 Max +5.25 70 Units V C
DC CHARACTERISTICS VCC = 4.5 V to 5.5V @ 0C to +70C
Sym VIL VIH VOL VOH ICC Parameter Low-Level Input Voltage High-Level Input Voltage Low-Level Output Voltage High-Level Output Voltage Power Supply Current (crystal freq. = 50 MHz) Min -0.5 2.0 - 2.4 - Typ. - - - - 25 Max 0.8 VCC 0.4 - TBD Unit V V V V mA
DS96DSP0201
PRELIMINARY
1-7
Z89340 Digital Wavetable Engine
AC CHARACTERISTICS DMA Write/Playback Timing
Figure 3. DMA Write Timing Diagram No. 1 2 3 4 5 6 Description DRQ Low from /DACK Low /DACK High to DRQ High Write Enable Width /DACK Hold from End of /IOW Data Setup to End of Write Enable Data Hold Time from End of /IOW Min 130 30 100 0 50 40 Max Units ns ns ns ns ns ns
1-8
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
DMA Read/Record Timing Diagram
1
Figure 4. DMA Read Timing Diagram No. 1 2 3 4 5 Description DRQ Low from /DACK Low /DACK High to DRQ High /DACK Hold Time from End of /IOR Data Access Time from Read Enable Data Hold Time from End of /IOR Min 130 30 0 115 20 Max Units ns ns ns ns ns
DS96DSP0201
PRELIMINARY
1-9
Z89340 Digital Wavetable Engine
AC CHARACTERISTICS (Continued) External ROM Reading Timing Diagram
CLK
ROMADD00-23
RAS/ CAS WOE (CAS Case Only)
Figure 5. Sample Memory Address Timing Diagram
Figure 6. Sample Memory Read Timing Diagram
1-10
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
MIDI Timing Diagrams
1
...
SCLK
MIDI_TX
Start Bit
MSB
...
LSB
Stop Bit
8 Bits
Figure 7. MIDI Transmit Timing Diagram
...
SCLK
MIDI_RX
Start Bit
MSB
...
LSB
Stop Bit
8 Bits
Figure 8. MIDI Receive Timing Diagram
DS96DSP0201
PRELIMINARY
1-11
Z89340 Digital Wavetable Engine
CODEC INTERFACE TIMING DIAGRAM
CODEC_STROBE_n
CODEC_SCLK_n CODEC_SDIN_n CODEC_SDOUT_n
Figure 9. CODEC Interface Timing Diagram
PIN FUNCTIONS
ADC_VREF_HI, ADC_VREF_LO. Analog-to-Digital Converter Voltage Reference. ADC_0-3 (I/O). Joystick button 0-3. ADC_4-7 (Input). Game port 4-7. AGND. Analog Ground. AUX_CS0-3 (Ouput). Auxiliary chip-select. These pins are used to select the CD-ROM interfaces. AVDD. Analog Supply. CAS (Output). Column Address Strobe Output. This memory address strobe is used in conjunction with the address lines ROMADD01-R0MADD23. CLKOUT (Output). Clock Output. CODEC_SCLK (Output). Serial clock signal 0-1. CODEC_SD_IN (Input). Serial data in 0-1. CODEC_SD_OUT (Output). Serial data out 0-1. CODEC_STROBE_0-3 (Output) Serial CODEC chip select strobe 0-3. GND. Ground. ISA_AEN (Input). ISA Bus Address Enable. This is the address enable line and should be connected to the ISA bus signal of the same name. ISA_BHE (I/O). ISA Bus High Byte Enable. ISA_DRQ_01,03,05,06,07 (Tristate/Output). ISA DMA Request 01,03,05,06,07. These are DMA request pins and should be connected to the appropriate ISA bus lines. ISA_IOCHRDY (Output). Connected to the ISA bus signal of the same name. ISA_IOCS16 (Tristate/Output). ISA I/0 Select 16-bit Transfer. This pin is used during 16-bit DMA transfers and should be connected to the ISA bus signal of the same name. ISA_IOR (I/O). ISA I/0 Read. This is the I/0 Read. The I/0 read pulse should be connected to the ISA bus signal of the same name. ISA_IOW (I/O). ISA I/0 Write. This is the I/0 write pulse line that should be connected to the ISA bus signal of the same name. ISA_IRQ_05,07,09,10,11 (Output). ISA Interrupt Request 05,07,09,10,11. These are Interrupt request pins and should be connected to the appropriate ISA bus lines. ISA_LA_17-23 (Tri-State Output). ISA Address Bus. These lines map directly to the PC address bus; the pins should be connected to the ISA bus address lines of the same name. ISA_MASTER16 (Tr-State Output). ISA Master Mode 16bit Transfer. ISA_MEMR (I/O). ISA Memory Read. ISA_DACK_01,03,05,06,07 (Input). ISA DMA Acknowledge 01,03,05,06,07. These are DMA acknowledge pins and should be connected to the appropriate ISA bus lines.
1-12
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
PIN FUNCTIONS (Continued)
ISA_MEMW (I/O). ISA Memory Write. ISA_SA_0-4 (I/O). ISA Address Bus. ISA_SD_08-15 (I/O). Data Bus. This data bus is used to transfer data between PC and the Z89340. The lines map directly to the PC data bus; the pins should be connected to the ISA bus address lines of the same name. MIDI_RX (Input). Receives data from MIDI interface. MIDI_TX (Output). Sends data to MIDI interface. MODE_S0-3 (Input). Mode Selection pins that are general purpose input pins. DRAM_OE (Output). External DRAM Output Enable. This signal is an output enable strobe for external DRAM. DRAM_WE (Output). External DRAM Write Enable. This signal is a write enable strobe for external DRAM. RAS (Output). Row Address Strobe Output. This memory address strobe is used in conjunction with the address lines ROMADD01-R0MADD23. RESET. (Input). Device Reset. ROMADD01-ROMADD23 (Output). Wavetable ROM Address Bus. These lines are used to address external sample memory. VCC. Power supply that connects to 5V 5%. Wave_Data_0E (Output). External Memory Output Enable. This signal is an output enable strobe for external sample memory. Wave_Data_00-15 (I/O). Waveform Memory DRAM/SRAM/ROM Data Bus. These lines are used to pass sample data between the Z89340 and external sample memory.
1-13
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
FUNCTIONAL DESCRIPTION Digital Audio Input and Output
The Z89340 has eight output registers with signals that can be sent to a DAC or CODEC. Four of these can be used for quadraphonic output and have a panning mechanism called Polar Pan that supports motion in all four quadrants. The other four output registers are used internally as effects channels, but can still send their serial streams to a DAC, a second Z89340, or other digital signal processor. The Z89340 also has eight serial input registers whose signals can be accessed and processed. ample, at a sampling rate of 48 kHz, the Half-Speed Oscillators will have a sampling rate of 24 kHz, so the maximum frequency that can be produced by these oscillators without aliasing is under 12 kHz. This bandwidth is adequate for many sounds, but not suitable for high strings, cymbals, or other crisp or bright sounds. An empirical listening test will help determine if a Half-Speed Oscillator can be used for a particular situation. The obvious advantage to using Half-Speed Oscillators wherever possible is that more notes can be played at the same time.
Submix Registers
The Z89340 has 16 stereo submix registers. The submix registers are needed to chain together the various components of the reverb, chorus, echo, and flange algorithms. When the data in a submix register is no longer needed, it is cleared with bit 7 of the Data Source register in the parameter block of the pertinent oscillator types. The host CPU can read and write all oscillator parameter RAM, including the submix registers.
Sample Loop Oscillators/Wavetable Mode Oscillators
For music synthesis, the Z89340 Sample Loop and Wavetable Mode Oscillators are the main workhorses. They are interpolating wavetable look-up oscillators and perform the tasks of fetching two adjacent samples from waveform memory. They interpolate between them based on the current phase angle (frequency and time), filtering, scaling, and routing the resulting signal to multiple effects sends and output channels. These oscillators can use 8- or 16-bit linear PCM samples. The ADPCM oscillators described later are similar in function and use ADPCM (IMA and DVI 4- or 8-bit samples).
Oscillators
The Z89340 is a special-purpose audio processor with an instruction set designed for music synthesis. Fundamental to the Z89340 are the 64 full-speed oscillators, the first 48 of which have a half-speed counterpart. Control of an oscillator is handled by setting the parameters in the oscillator's 24-byte parameter block. An oscillator can be used to generate sound, or it can be used to perform other operations-input device, tape-loop reverberator, dual tap-reader, input mixer, and so on. Typical implementations would include an Z89340, waveform ROM and RAM, and a CPU to control the Z89340. The CPU is normally connected via the ISA bus interface. (Refer to Figure 10 for General Purpose Oscillator Address Map.) The following subsections briefly introduce each of the oscillator types. (A detailed description of the Oscillator Parameter Blocks for each oscillator type follows.)
Sample Loop Oscillators
Sampling One of the more popular methods of re-creating or re-synthesizing the sound of a traditional acoustic musical instrument is through a process referred to as sampling or PCM (pulse-code modulation) synthesis. A sample, in the strictest sense, is a value taken at a specified point in time that represents the instantaneous amplitude of the subject waveform. A digital recording consists of a sequence of amplitude values sampled at evenly spaced intervals of time. The term "sample" sometimes refers to the sequence of samples found in a digital recording. (This usage is especially popular throughout the music industry.) This digital recording is much like the recording that would be captured with a tape recorder, except that it can be stored in digital memory, and as such, can be randomly accessed. Looping To reduce the length of the recording to make it fit in a limited memory space, the most common form of processing used with sampling is looping. The process of looping can be briefly described as follows: The synthesizer plays the original recording of a note up to a designated time point, whereupon it plays a short sequence of samples that describe one or more periods of the temporally varying waveform-the "loop." The loop is then repeated until the note stops. A decaying amplitude envelope is often imposed upon the loop so that the sound will decay naturally. The Sample Loop Oscillator is designed to facilitate looping algorithms with single or multiple loops. DS96DSP0201
Half-Speed Oscillators
Half-Speed Oscillators are best suited for playing lower notes where the upper bandwidth is not critical, since they operate at half the sampling rate. Oscillators 0 through 47 (0x2f) can each be split into two oscillators operating at half the clock rate. This yields 112 oscillators total (2 . 48 + 16). Oscillators 48 through 63 (0x30 through 0x3f) can only operate at the full clock rate since the parameter RAM that would be needed for their half-speed counterparts is unavailable They can also be used for higher notes with simple waveforms that have few significant upper harmonics. For ex-
1-14
PRELIMINARY
Z89340 Digital Wavetable Engine
Wavetable Synthesis
Another method of synthesizing sound is sometimes called wavetable synthesis. The Wavetable Mode Oscillator has some wavetable-synthesis extensions that set it apart from the Sample Loop Oscillator. With wavetable synthesis, one or more complete periods of a waveform are recorded and stored in a wavetable. The wavetable is then played at the desired frequency. This is similar to the loop described earlier except that the wavetable is often not a recording, but a single period of a sound created through additive synthesis. The Z89340 can move to other wavetables or stay on the same wavetable during the life of a note. To play a note or sample sequence from waveform ROM, you would set the following: desired frequency, wave begin and end addresses, wave loop length, the initial amplitude envelope begin and end values, envelope rate, Amplitude/Tremolo/Filter/Pan (ATFP) envelope type to amplitude, output channel(s), effects send(s), pan location, and filter tuning values. All of these settings can be changed during the life a note as desired. All oscillators are completely independent of each other, even for features such as vibrato rate and filter cutoff points. The Z89340 assumes that the amplitude envelope will occur in multiple segments-attack segment, several initial decay segments, possibly a sustained segment, and several final decay segments. On-chip support is given for one envelope segment at a time. An interrupt is generated when the segment end is reached, at which time the host CPU will set up the next amplitude segment, supplying a new amplitude end value and envelope rate (the slope that defines how long it will take to reach the end amplitude). It is not critical that the interrupt be serviced immediately; a delay of 10-20 milliseconds (ms) normally is not noticed; the amplitude merely remains stationary until the new segment is initiated. The Z89340 has amplitude steps well below the threshold of perceptibility, so there is no zipper noise. If there is a sustained segment (one where the amplitude does not change), the Envelope-type ATFP controls can be used to define the envelope rate parameter as tremolo rate; tremolo depth can then be set. If tremolo is not needed, the ATFP envelope system can also be used for variable pan or swept filter. (Refer to the Oscillator Parameter Block section for a detailed description of each control bit.)
Vibrato is independent of the ATFP system. There are 16 settings of vibrato rate ranging from 0.1-10 Hz, and 16 different settings of vibrato depth ranging from plus or minus a few cents to two semitones. Note: A semitone is equivalent to 21/12 frequency multiples; a cent is equivalent to 21/1200 frequency multiples. The vibrato value, which is derived from a sinewave indexed by the vibrato phase accumulator, is added to or subtracted from the frequency. The initial vibrato phase can be set by writing a value to the 8-bit vibrato phase accumulator-value of 64 is /2 radians, which would start the vibrato at maximum positive swing. Each oscillator has its own second-order (two-pole, twozero) digital filter. At the initialization of an oscillator, the two delays should be given values of 0 unless a click is desired. The filter Q (in the Control Byte) and the filter tuning value are used together to set the desired characteristics of the filter. Low-pass filters with varying amounts of Q are available. A few useful high-pass and band-pass filter settings are also provided. The ATFP envelope system can be used to create a variable or swept low-pass filter. (Refer to the tables in the Oscillator Parameter Block section for details.) The Polar Pan Control provides selection of output channels and pan between or among up to four output channels. When four channel quadraphonic output is selected, the spatial location is specified with a modified polar coordinate-a value of 16 is /2 radians. The radius select is a two-bit number with 2 at the edge of the circle and 0 near the center of the circle. A radius of 3 is reserved for stereo panning when only two output channels are needed. (Other items such as effects channels and submix channels are covered in sections that follow.) All parameters in the Oscillator Parameter Block can be modified by the CPU during the life of a note.
1
DS96DSP0201
PRELIMINARY
1-15
Z89340 Digital Wavetable Engine
FUNCTIONAL DESCRIPTION (Continued)
Figure 10. General-Purpose Oscillator Address Map
1-16
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
ADPCM Oscillator
The ADPCM Oscillator works in much the same way as the Sample Loop and Wavetable Oscillators. The main differences are that, due to the nature of ADPCM, the frequency cannot be negative (you cannot with the Sample Loop Oscillator you can play a sound backwards, with Wavetable Mode and ADPCM), and ADPCM will not allow playing a sound faster than the sampling rate at which it is stored in
ROM. Also, the wavetable synthesis extensions of the Wavetable Mode Oscillator are not available. The Z89340 handles IMA/DVI format ADPCM in 4- and 8-bit modes. The ADPCM Oscillator provides a way to compact the data, but with some degree of sound degradation. However, in many applications the trade-off may be worthwhile. (Refer to Figure 11 for ADPCM-IMA/DVI Oscillator Address Map).
1
Figure 11. The ADPCM-IMA/DVI Oscillator Address Map
DS96DSP0201
PRELIMINARY
1-17
Z89340 Digital Wavetable Engine
FUNCTIONAL DESCRIPTION (Continued) Tape Loop Oscillator
The Tape Loop Oscillator takes its input from an input register, an effects channel, or a submix register. It then reads a sample from wave RAM, and writes the scaled input value plus the scaled and filtered sample from wave RAM back to the same location in wave RAM. It behaves very much like a tape recorder with a loop of tape, hence the name "Tape Loop." Echo and single-delay reverberation can be accomplished with the Tape Loop Oscillator. The amount of delay is set with the Wave Loop Length registers, and can be more than a second if you are willing to dedicate the necessary RAM. This oscillator can also be used to transfer input from a ADC that is connected to one of the input registers. In this way the input can be buffered in RAM for later use by the CPU host, or processing can be done by the Z89340 before sending the signal to a stereo submix register pair or one or more output channels. The Tape Loop Oscillator can also perform the function of the comb filter component of reverb algorithms (Figure 12).
Figure 12. The Tape Loop Oscillator Address Map
1-18
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
Dual Tap-Reader
As part of the reverb algorithm, the Dual Tap-Reader Oscillator can pick additional taps in the Tape Loop delay line. The samples gathered are then scaled, summed, filtered, and sent to a submix register or one or more output channels. Note that the filtering takes place after scaling and summing since there is only one filter in the Dual TapReader. The taps supplied by the Dual Tap-Reader can be used to simulate early reflections. The two taps can be up to 4096 samples apart, which is about 80 ms at a 50 kHz sampling rate. However, the reverb system is typically run with Half-Speed Oscillators, making possible 160 ms or more between taps. As many Dual Tap-Readers as desired can be used with a single Tape Loop Oscillator providing the input (Figure 13).
1
Figure 13. The Dual Tap-Reader Oscillator Address Map
DS96DSP0201
PRELIMINARY
1-19
Z89340 Digital Wavetable Engine
FUNCTIONAL DESCRIPTION (Continued) Input Mixer
The Input Mixer reads input from two sources (input registers, submix registers or effects channels), scales the two samples, sums, filters, and sends the output to the desired channel(s). The Input Mixer also performs the DRAM refresh task (Figure 14).
Figure 14. The Input Mixer Address Map
1-20
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
Input Data Streamer
Samples can be moved via DMA from the CPU host RAM to the Z89340 wavetable RAM space. Up to 48 channels of bus-mastered DMA are available (Figure 15).
1
Figure 15. The Input Data Streamer Address Map
OSCILLATOR PARAMETER BLOCKS
An oscillator is controlled by the host CPU by writing commands in the on-chip RAM that is associated with the oscillator. This RAM is called the Oscillator Parameter Block. The following pages present, for each of the oscillator types, a description of the bit fields in the 24 bytes of the Oscillator Parameter Block. Address 0 in the block is the Control Byte. The two bits of Oscillator Type deserve special mention. Extended Opcodes are enabled when both of these bits are set, and the high four bits of Frequency Hi specify which extended opcode to use. Because the Sample Loop and Wavetable Mode oscillators are so similar, they are presented together. The Wavetable Mode oscillator, however, is an extended opcode. This system allows choosing two of the four effects channels at a time in all but two of the possible combinations. Half-Speed bit 5 Half-speed: Oscillators 0 through 47 (0x2f) can each be split into two oscillators operating at half the clock rate. This yields 112 oscillators total (2 . 48 + 16). Oscillators 48 through 63 (0x30 through 0x3f) can only operate at the full clock rate since the parameter RAM is unavailable that would be used as their half-speed counterparts. Oscillator-type bits 6-7 These bits define the operating mode of the oscillator: 00-If all 8 bits of the Control Byte are 0, the oscillator shuts off completely regardless of the settings of the other parameters. To prevent an oscillator from sending output to any channel without shutting it down, use the special silence command in the Polar Pan control. 01-8-bit linear PCM wavetable data. 10-16-bit linear PCM wavetable data. 11-extended opcode. For Wavetable Mode, set the upper four bits of Frequency Hi to 0100.
Sample Loop/Wavetable Mode Oscillators
Control Byte address 0
Filter Q bits 0-3 Each oscillator has a variable filter. These bits allow adjustment of the filter Q. (Refer to Filter Tuning Value for more information.) Dual Effect Sends bit 4 When this bit is set, the oscillator talks to two effect channels-the effect channel chosen with Effect Channel in the Effect Send Control Byte, and the subsequent channel (wraps to effects channel 0 if the last channel is chosen). DS96DSP0201
PRELIMINARY
1-21
Z89340 Digital Wavetable Engine
OSCILLATOR PARAMETER BLOCKS (Continued)
Frequency Low address 1 The oscillator does a piecewise linear interpolation between the two samples. To further reduce conversion error, eight bits of smoothing are added below Phase in the internal processing. Phase is generally given a value of 0 at the start of a note. Wave Pointer Hi 00-Amplitude 01-Tremolo 10-Filter 11-Pan. Frequency Low bits 2-7 These are the lowest six bits of the 22-bit linear frequency Frequency Mid address 2 address 5
Envelope-type ATFP bits 0 and 1 Four types of envelope segments are supported, but only one at a time. Amplitude/Tremolo/Filter/Pan Envelopetype control bits.
ROM16-ROM23 bits 0-7 The eight bits of Wave Pointer Hi control wave ROM or RAM address lines 16-23, which are the highest address bits. This value remains fixed throughout the life of a note. The lower bits of Wave Pointer are changed by the Z89340 during the life of a sound until they equal Wave Endpoint. ROM23/DMA bit 7 If DMA bus-mastering mode is enabled, this bit enables DMA for the oscillator. The address then becomes an ISA Bus host CPU RAM address. DMA has system consequences and should be used with caution. In particular, fewer oscillators can be active at the same time. Tape Loops should not be used because of limitations of data transmission across the ISA bus. Wave Pointer Lo address 6
bits 0-7 These are the middle eight bits of the 22-bit linear frequency. Frequency Hi address 3
Frequency Hi bits 0-7 (Sample Loop Oscillator only) These are the highest eight bits of the 22-bit linear frequency. Frequency is represented as a linear two's-complement value. A negative frequency plays the sound backwards. Frequency Hi bits 0-3 (Wavetable Mode Oscillator only) These are the highest four bits of the 18-bit linear frequency. Frequency is represented as an unsigned linear value. With the Wavetable Mode Oscillator, the upper four bits are an extended opcode and must be 0100; negative frequencies are not possible with the remaining 18 bits of linear frequency. Extended Opcode bits 4-7 (Wavetable Mode Oscillator only) With the Wavetable Mode Oscillator, the upper four bits of Frequency Hi are one of the extended opcodes and must be 0100. Phase address 4
ROM0-ROM7 bits 0-7 The eight bits of Wave Pointer Lo are part of the wave address that is modified by the oscillator through the life of the note as it steps from sample to sample based on frequency corresponding to ROM or RAM address bits 0-7. The upper bits of the wave ROM address are set at initialization and remain fixed (Wave Pointer Hi). Wave Pointer Lo points to a sample in ROM or RAM. (Refer to Phase and Wave Pointer Mid.) Wave Pointer Lo contains the lowest bits of the start address when a note is begun. Wave Pointer Lo and Wave Pointer Mid are changed by the Z89340 during the life of a sound until they are equal Wave Endpoint. Wave Pointer Mid address 7
Phase bits 0-7 The eight bits of Phase, along with the 16 bits of Wave Pointer Mid and Lo, are that part of the wave address that is modified by the oscillator through the life of the note as it steps from sample to sample based on frequency. The upper bits of the wave ROM address are set at initialization and remain fixed (Wave Pointer Hi). Wave Pointer Lo points to a sample in ROM or RAM. Phase gives the distance between the sample and the subsequent sample.
ROM8-ROM15 bits 0-7 The eight bits of Wave Pointer Mid point to a block of 256 samples. This 256 sample block can be considered a wavetable for use in wavetable synthesis. For sample-sequence playback, Wave Pointer Mid forms the upper eight bits of the 16-bit sample pointer; Wave Pointer Lo holds the lower eight bits. This allows sample sequences of up to 64K samples. Wave Pointer Mid contains eight bits of the start address when a note is begun. Wave Pointer Lo and Wave Pointer Mid are changed by the Z89340 during the life of a sound until they equal Wave Endpoint.
1-22
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine Wave Endpoint Lo/ AWS/Interleave Size ROM2-ROM7 bits 2-7 (Sample Loop Oscillator only) For sample loop systems, Wave Endpoint is the last sample in the sample sequence. When this last sample is played, the Z89340 subtracts Wave Loop Length from the Wave Pointer. Note that since only six bits are available for Wave Endpoint Lo, the sample sequence can only end on every fourth address. Wave Loop Length does not have this restriction. Wave Endpoint Hi ROM8-ROM15 (Refer to Wave Endpoint Lo.) Wave Loop Length Lo address 9 bits 0-7 address A
address 8
ATFP Flags bits 0 and 1 These bits are active for the selected envelope types in Frequency Lo. The bits have a separate meaning for Tremolo from the other types. Amplitude/Filter/Pan envelope flag bits: 00-Off 01-Wait 10-In process 11-Done Tremolo envelope flag bits: bit 0-Enable bit 1-Polarity Interleave Size bits 2-3 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. Interleave is the distance between wavetables. Normally Interleave Size will equal Table Size so that the wavetable will be contiguous. For compatibility with existing sound libraries, other interleaves are available. 00-64 Samples 01-128 Samples 10-256 Samples 11-512 Samples AWS bit 4 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. We Change the Wave Endpoint when we want to move to the next wavetable. How the sound moves from the current wavetable to the next is controlled by AWS (Automatic Wave Select). When AWS is 0, the sound loops on the current wavetable as long as Wave Endpoint equals Wave Pointer. When Wave Endpoint is changed, the Z89340 jumps to the wavetable pointed to by Wave Endpoint as soon as it plays the last sample of the current wavetable pointed to by Wave Pointer. Wave Pointer is then set equal to Wave Endpoint. When AWS is 1, all samples in the wavetables between Wave Pointer and Wave Endpoint are also played. The Z89340 the loops on the wavetable pointed to by Wave Endpoint. ROM5-ROM7 bits 5-7 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. The wavetable can be played at any desired frequency.
1
Table Size bits 0 and 1 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. Table Size is the size of the wavetable. Interleave is the distance between wavetables. Normally Interleave Size will equal Table Size so that the wavetable will be contiguous. For compatibility with existing sound libraries, other interleaves are available. 00-64 Samples 01-128 Samples 10-256 Samples 11-512 Samples ROM2-ROM7 bits 2-7 (Wavetable Mode Oscillator only) For Wavetable Mode Oscillators, this should be 0. ROM0-ROM7 bits 0-7 (Sample Loop Oscillator only) A sample sequence is played by setting Wave Pointer to the first sample in the sequence and Wave Endpoint to the last sample in the sequence. For many sounds, we then repeat or loop the last portion of the sequence. Wave Loop Length is the length of the loop. Wave Loop Length Hi address B
ROM8-ROM15 bits 0-7 (Refer to Wave Loop Length Lo.) For Wavetable Mode Oscillators, this should be 0.
DS96DSP0201
PRELIMINARY
1-23
Z89340 Digital Wavetable Engine
OSCILLATOR PARAMETER BLOCKS (Continued)
Effects Send Control address C velope segments, only set Amplitude Next and Envelope Rate, because Amplitude Now always equals Amplitude Next at the end of an envelope segment. When ATFP selects Filter: Filter Tuning Next bits 0-7 Filter Tuning Next works in a way similar to Amplitude Next.At the initialization of a filter envelop segment, set Filter Tuning value and Filter Tuning Next with the endpoints of the filter envelope segment. Also set the Envelope Rate. When ATFP selects Pan: Pan Angle Next bits 0-5 Pan Next works in a way similar to Amplitude Next or Filter Tuning Next, except that there are only six bits of pan position. At the initialization of a pan segment, set Polar Pan Angle and Pan Angle Next with the endpoints of the pan envelope segment. Also set the Envelope Rate. Pan Direction bit 6 A 1 indicates counterclockwise rotation, and a 0 indicates clockwise rotation. Pan Continuous Loop bit 7 If this bit is a 0, an interrupt is generated to let the host CPU know that the panning has completed. If this bit is set, pan continues around this circle indefinitely. No interrupt is generated when Pan Angle Next is reached. Amplitude Now address F bits 0-7
Effects Attenuation(s) bits 0-5 These six bits control the amount of signal that will be sent to the selected Effects Channel (bits 6-7). Since the signal will be sent to two effects output channels if the Dual Effect Sends bit in the Control Byte is set, the Effects attenuation splits into two 3-bit attenuation values, with bits 0-2 as the attenuation for the channel selected by the Effects Channel, and bits 3-5 as the attenuation for the subsequent channel. Effects Channel bits 6-7 These two bits are used to select one of four effects output channels. These output channels can be used internally by the Z89340, and they can also be sent to a DAC or CODEC. If the Dual Effect Sends bit in the Control Byte is set, the signal will be sent to two effects channels, the one selected here and the subsequent channel. Envelope rate address D
When ATFP selects Amplitude, Filter, or Pan: Envelope Rate bits 0-7 With Amplitude, the eight bits of Envelope Rate are an unsigned exponential representation of the slope between the amplitudes at the two envelope segment ends. This is the rate that defines how long it will take to reach the end amplitude, Amplitude Next. An interrupt is generated when the segment end is reached, at which time the host CPU will set up the next amplitude segment, supplying a new Amplitude Next value and Envelope rate. A similar procedure is followed when ATFP selects Filter or Pan. When ATFP selects Tremolo: Tremolo Rate bits 0-3 The four bits of Rate are an unsigned exponential number that give rates ranging from 0.1 to 10 Hz. Tremolo Depth bits 4-7 These four bits specify depths of 1.5 to 24 decibels. Amp/Filt/Pan Next When ATFP selects Amplitude: Amplitude Next bits 0-7 Amplitude is expressed in an unsigned logarithmic unit called a hexadecibel or "hexabel" for short. The upper four bits of the hexabel are a base-two exponent and the lower four bits form the mantissa. There are 256 hexabel steps in 96 decibels, so 2.667 hexabels = 1 decibel. At the initialization of a note, set Amplitude Now and Amplitude Next with the endpoints of an amplitude envelope segment. Also set the Envelope Rate. For subsequent amplitude en1-24 address E
(Refer to the previous discussion on Amplitude Next.) If ATFP amplitude envelopes are not being used, this will be the amplitude of the oscillator--a steady or sustained amplitude segment. Amplitude Now can be changed whenever desired; however, changing Amplitude Now more than 1 hexabel will usually cause a noticeable click. Even a 1 hexabel change will sometimes cause a click. To eliminate clicks or zipper noise, use the amplitude envelope system. Polar Pan Control address 10
Polar Pan Angle bits 0-5 There are four main output channels. The spatial location among them is specified with a modified polar coordinate--a value of 16 is /2 radians, 32 is radians, 48 is 3/2 radians, and so on. Polar Pan Radius bits 6-7 The radius select is a two-bit number with 2 at the edge of the circle and 0 near the center of the circle. A radius of 3 is reserved for stereo panning when only two output channels are needed. When the radius is 3, the following special values of Pan Polar Angle are defined:
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine 0-f 20-2f 3d stereo pan FRONT channels left to right. stereo pan REAR channels left to right. sent to one of 32 submix registers. The submix register is chosen with low five bits of the Effects Send Control. Submix registers can be selected as inputs by Tape Loop oscillators (an extended opcode). mute the oscillator. The oscillator continues to do everything else except connect to an output channel. sends output to all four output channels equally, effectively at the center of the circle. address 11
Oscillator Parameter Block for the Tape Loop Oscillator
Control Byte address 0
1
3e
Filter Q bits 0-3 Each oscillator has a variable filter. These bits allow adjustment of the filter Q. (Refer to Filter Tuning value for more information.) Dual Effect Sends bit 4 When this bit is set, the oscillator talks to two effect channel, so the effect channel chosen with Effect Channel in the Effect Send Control Byte, and the subsequent channel (wraps to effects channel 0 if the last channel is chosen). This system allows choosing two of the four effects channels at a time in all but two of the possible combinations. Half-Speed bit 5 Half-Speed: Oscillators 0 through 47 (0x2f) can each be split into two oscillators operating at half the clock rate. This yields 112 oscillators total (2 . 48 + 16). Oscillators 48 through 63 (0x30 through 0x3f) can only operate at the full clock rate since the parameter RAM that would be used as their half-speed counterparts is unavailable. Oscillator-type bits 6-7 11-extended opcode
3f
Filter Tuning Value
bits 0-7 This byte specifies what the coefficients of the second-order (two-pole, two-zero) digital filter should be in order to characterize the response. The filter Q can also be adjusted. Vibrato Control address 12
Vibrato Rate bits 0-3 The four bits of Rate are an unsigned exponential number that give rates ranging from 0.1 to 10 Hz. Vibrato Depth bits 4-7 These four bits specify depths ranging from plus and minus a few cents to about two semitones. Vibrato Phase Accumulator address 13
These bits define the operating mode of the oscillator. Since Tape Loop is an extended opcode, both bits will be set to 1. For Tape Loop, set the upper four bits of Frequency Hi to 0000. Frequency Low address 1
The vibrato value is derived from a sinewave represented by the 8-bit vibrato phase accumulator and is added to or subtracted from the frequency. The initial vibrato phase can be set by writing a value to the 8-bit vibrato phase accumulator--a value of 64 is /2 radians, which would start the vibrato at maximum positive swing. If you want the vibrato to swing flat first, initialize the Vibrato Phase Accumulator to 128, corresponding to radians, a zero crossing in the sinewave just before it swings negative. Delay 1A Delay 1B Delay 2A Delay 2B address 14 address 15 address 16 address 17
Envelope-type ATFP bits 0 and 1 Four types of envelope segments are supported, but only one at a time. Amplitude/Tremolo/Filter/Pan Envelopetype control bits. 00-Amplitude 01-Tremolo 10-Filter 11-Pan Frequency Low Always 0 for Tape Loop. Frequency Mid bits 2-7 address 2 bits 0-7 Always 0 for Tape Loop.
Each oscillator has its own second-order (two-pole, twozero) digital filter. At the initialization of an oscillator, these two delays should be given values of 0 unless a click is wanted. If desired, the oscillator audio stream can be examined or modified by accessing the delay registers.
DS96DSP0201
PRELIMINARY
1-25
Z89340 Digital Wavetable Engine
OSCILLATOR PARAMETER BLOCKS (Continued)
Frequency Hi address 3 bits of the 16-bit sample pointer; Wave Pointer Lo holds the lower eight bits. This allows sample sequences of up to 64K samples. Wave Pointer Mid contains eight bits of the start address when a note is begun. Wave Pointer Lo and Wave Pointer Mid are changed by the Z89340 during the life of a sound until they equal Wave Endpoint. Wave Endpoint Lo address 8
Frequency Hi bits 0-3 These are: Extended Opcode bits 4-7 With the Tape Loop Oscillator, the upper four bits of Frequency Hi are one of the extended opcodes and must be 0000. Phase address 4
Regeneration bits 0-7 This value controls the amount of delayed signal that gets mixed back into the input of the delay line. Wave Pointer Hi address 5
ATFP Flags bits 0 and 1 These bits are active for the selected envelope types in Frequency Lo. The bits have a separate meaning for Tremolo from the other types. Amplitude/Filter/Pan envelope flag bits: 00-Off 01-Wait 10-In process 11-Done Tremolo envelope flag bits: bit 0-Enable bit 1-Polarity ROM2-ROM7 bits 2-7 Wave Endpoint is the last sample in the delay line. When this last sample location is used, the Z89340 subtracts Wave Loop Length from the Wave Pointer. Note that since only six bits are available for Wave Endpoint Lo, the sample sequence can only end on every fourth address. Wave Loop Length does not have this restriction. Wave Endpoint Hi ROM8-ROM15 (Refer to Wave Endpoint Lo.) Wave Loop Length Lo address 9 bits 0-7 address A
ROM16-ROM23 bits 0-7 The eight bits of Wave Pointer Hi control wave ROM or RAM address lines 16-23, which are the highest address bits. This value remains fixed throughout the life of a note. The lower bits of Wave Pointer are changed by the Z89340 during the life of a sound until they equal Wave Endpoint. ROM23/DMA bit 7 If DMA bus-mastering mode is enabled, this bit enables DMA for the oscillator. The address then becomes an ISA Bus host CPU RAM address. DMA has system consequences and should be used with caution. In particular, fewer oscillators can be active at the same time. Tape Loops should not be used because of limitations of data transmission across the ISA Bus. Wave Pointer Lo address 6
ROM0-ROM7 bits 0-7 The eight bits of Wave Pointer Lo are part of the wave address that is modified by the oscillator through the life of the note as it steps from sample to sample, based on frequency, corresponding to ROM or RAM address bits 0-7. The upper bits of the wave ROM address are set at initialization and remain fixed (Wave Pointer Hi). Wave Pointer Lo points to a sample in ROM or RAM. (Refer to Phase and Wave Pointer Mid.) Wave Pointer Lo contains the lowest bits of the start address when a note is begun. Wave Pointer Lo and Wave Pointer Mid are changed by the Z89340 during the life of a sound until they equal Wave Endpoint. Wave Pointer Mid address 7
Table Size bits 0 and 1 (Wavetable Mode Oscillator only) With wavetable synthesis, one or more complete periods of a waveform are stored in a wavetable. Table Size is the size of the wavetable. Interleave is the distance between wavetables. Normally Interleave Size will equal Table Size so that the wavetable will be contiguous. For compatibility with existing sound libraries, other interleaves are available. 00-64 Samples 01-128 Samples 10-256 Samples 11-512 Samples
ROM8-ROM15 bits 0-7 The eight bits of Wave Pointer Mid point to a block of 256 samples. This 256 sample block can be considered a wavetable for use in wavetable synthesis. For sample-sequence playback, Wave Pointer Mid forms the upper eight
1-26
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine ROM2-ROM7 bits 2-7 (Wavetable Mode Oscillator only) For Wavetable Mode Oscillators this should be 0. ROM0-ROM7 bits 0-7 (Sample Loop Oscillator only) A sample sequence is played by setting Wave Pointer to the first sample in the sequence and Wave Endpoint to the last sample in the sequence. For many sounds, we then repeat or loop the last portion of the sequence. Wave Loop Length is the length of the loop. Wave Loop Length Hi address B Tremolo Depth bits 4-7 These four bits specify depths of 1.5 to 24 decibels. Amp/Filt/Pan Next address E
1
ROM8-ROM15 bits 0-7 (Refer to Wave Loop Length Lo.) For Wavetable Mode Oscillators this should be 0. Effects Send Control address C
When ATFP selects Amplitude: Amplitude Next bits 0-7 Amplitude is expressed in an unsigned logarithmic unit called a hexadecibel or "hexabel" for short. The upper four bits of the hexabel are a base-two exponent and the lower four bits form the mantissa. There are 256 hexabel steps in 96 decibels, so 2.667 hexabels = 1 decibel. At the initialization of a note, set Amplitude Now and Amplitude Next with the endpoints of an amplitude envelope segment. Also set the Envelope Rate. For subsequent amplitude envelope segments, only set Amplitude Next and Envelope Rate, because Amplitude Now always equals Amplitude Next at the end of an envelope segment. When ATFP selects Filter:
Effects Attenuation(s) bits 0-5 These six bits control the amount of signal that will be sent to the selected Effects Channel (bits 6-7). Since the signal will be sent to two effects output channels if the Dual Effect Sends bit in the Control Byte is set, the Effects attenuation splits into two three-bit attenuation values, with bits 0-2 as the attenuation for the channel selected by the Effects Channel, and bits 3-5 as the attenuation for the subsequent channel. Effects Channel bits 6-7 These two bits are used to select one of four effects output channels. These output channels can be used internally by the Z89340, and they can also be sent to a DAC or CODEC. If the Dual Effect Sends bit in the Control Byte is set, the signal will be sent to two effects channels, the one selected here and the subsequent channel. Envelope rate address D
Filter Tuning Next bits 0-7 Filter Tuning Next works in a way similar to Amplitude Next.At the initialization of a filter envelop segment, set Filter Tuning value and Filter Tuning Next with the endpoints of the filter envelope segment. Also set the Envelope Rate. When ATFP selects Pan: Pan Angle Next bits 0-5 Pan Next works in a way similar to Amplitude Next or Filter Tuning Next, except that there are only six bits of pan position. At the initialization of a pan segment, set Polar Pan Angle and Pan Angle Next with the endpoints of the pan envelope segment. Also set the Envelope Rate. Pan Direction bit 6 A 1 indicates counterclockwise rotation, and a 0 indicates clockwise rotation. Pan Continuous Loop bit 7 If this bit is a 0, an interrupt is generated to let the host CPU know that the panning has completed. If this bit is set, pan continues around this circle indefinitely. No interrupt is generated when Pan Angle Next is reached. Amplitude Now address F
When ATFP selects Amplitude, Filter, or Pan: Envelope Rate bits 0-7 With Amplitude, the eight bits of Envelope Rate are an unsigned exponential representation of the slope between the amplitudes at the two envelope segment ends. This is the rate that defines how long it will take to reach the end amplitude, Amplitude Next. An interrupt is generated when the segment end is reached, at which time the host CPU will set up the next amplitude segment, supplying a new Amplitude Next value and Envelope rate. A similar procedure is followed when ATFP selects Filter or Pan. When ATFP selects Tremolo: Tremolo Rate bits 0-3 The four bits of Rate are an unsigned exponential number that give rates ranging from 0.1 to 10 Hz.
bits 0-7 (Refer to the previous discussion on Amplitude Next.) If ATFP amplitude envelopes are not being used, this will be the amplitude of the oscillator--a steady or sustained amplitude segment. Amplitude Now can be changed whenever desired; however, changing Amplitude Now more than 1 hexabel will usually cause a noticeable click. Even a 1 hexabel change will sometimes cause a click. To eliminate clicks or zipper noise, use the amplitude envelope system.
DS96DSP0201
PRELIMINARY
1-27
Z89340 Digital Wavetable Engine
OSCILLATOR PARAMETER BLOCKS (Continued)
Polar Pan Control address 10 Vibrato Depth bits 4-6 These three bits specify depths ranging from plus and minus a few cents to about 1 semitone. Clear Submix bit 7 Set this bit when this oscillator should clear the submix register before placing an output value in it. Vibrato Phase Accumulator address 13
Polar Pan Angle bits 0-5 There are four main output channels. The spatial location among them is specified with a modified polar coordinate--a value of 16 is /2 radians, 32 is radians, 48 is 3/2 radians, and so on. Polar Pan Radius bits 6-7 The radius select is a two-bit number with 2 at the edge of the circle and 0 near the center of the circle. A radius of 3 is reserved for stereo panning when only two output channels are needed. When the radius is 3, the following special values of Pan Polar Angle are defined: 0-f 20-2f 3d stereo pan FRONT channels left to right. stereo pan REAR channels left to right. instead of sending to the output channels, output is sent to one of 32 submix registers. The submix register is chosen with low five bits of the Effects Send Control. Submix registers can be selected as inputs by Tape Loop oscillators (an extended opcode). mute the oscillator. The oscillator continues to do everything else except connect to an output channel. sends output to all four output channels equally, effectively at the center of the circle. address 11
The vibrato value is derived from a sinewave represented by the 8-bit Vibrato Phase Accumulator, and is added to or subtracted from the frequency. The initial vibrato phase can be set by writing a value to the 8-bit Vibrato Phase Accumulator--a value of 64 is /2 radians, which would start the vibrato at maximum positive swing. If you want the vibrato to swing flat first, initialize the vibrato phase accumulator to 128 corresponding to radians, a zero crossing in the sinewave just before it swings negative. Delay 1A Delay 1B Delay 2A Delay 2B address 14 address 15 address 16 address 17
3e
3f
Filter Tuning Value
Each oscillator has its own second-order (two-pole, twozero) digital filter. At the initialization of an oscillator, these two delays should be given values of 0 unless a click is wanted. If desired, the oscillator audio stream can be examined or modified by accessing the delay registers.
bits 0-7 This byte specifies what the coefficients of the second-order (two-pole, two-zero) digital filter should be in order to characterize the response. The filter Q can also be adjusted. Vibrato Control address 12
Vibrato Rate bits 0-3 The four bits of Rate are an unsigned exponential number that give rates ranging from 0.1 to 10 Hz.
1-28
PRELIMINARY
DS96DSP0201
Z89340 Digital Wavetable Engine
PACKAGE INFORMATION
1
160-Pin QFP Package Diagram
DS96DSP0201
PRELIMINARY
1-29
Z89340 Digital Wavetable Engine
ORDERING INFORMATION Z89340
50 MHz 160-Pin QFP Z8934050FSC For fast results, contact your local Zilog sales office for assistance in ordering the part desired. Package F = Quad Flat Pack (QFP) Temperature S = 0C to +70C Speed 50 = 50 MHz Environmental C = Plastic Standard
Example: Z 889340 50 F S C
is a Z89340, 50 MHz, QFP 0C to +70C, Plastic Standard Flow , Environmental Flow T emperature Package Speed Product Number Zilog Prefix
1-30
PRELIMINARY
DS96DSP0201


▲Up To Search▲   

 
Price & Availability of Z89340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X