Part Number Hot Search : 
MPC9331 166Y06 5932B 4ALVCH 2SC2898 2SC184 N5333 SG2626T
Product Description
Full Text Search
 

To Download Z50FG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2,500 V - 10,000 V Rectifiers
0.50 A - 1.5 A Forward Current 200 ns Recovery Time AXIAL LEADED HERMETICALLY SEALED
Z25FG Z50FG Z100FG
4
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current (Io) Reverse Current @ Vrwm (Ir) Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impedance Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF
(Vf) 25C Volts Amps
uJ-L
L=000 L=.125 L=.250 C/W C/W C/W
55C(1) 100C(2) 25C 100C Volts Z25FG Z50FG Z100FG Amps Amps A A
2500 5000 10000
1.50 1.00 0.50
1.00 0.50 0.25
1.0 1.0 1.0
25 25 25
6.5 9.5 13.0
2.00 1.00 0.60
60 40 25
10 8 5
200 200 200
3 3 3
6 6 6
12 12 12
20 16 8
(1)TL=55C L=0.375" (2)TL=100C L=0.375" (3)If=0.5A, Ir=1.0A, Irr=0.25A * Op.Temp.= -65C to +175C Stg.Temp.= -65C to +200C
.215(5.5) MAX.
A
Part Z25FG Z50FG A .350(8.89) MAX. .400(10.16) MAX.
1.00(25.4) MIN.
.040 .003 (1.02 .08)
Z100FG
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
105
Z25FG Z50FG Z100FG
POWER DERATING
20.0
Maximum Maxumum Power Dissipation (W)
8 7
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
16.0
L=0.200" L=0.100" L=0.000"
Z25FG
Forward Voltage (V)
L=0.300" L=0.400" L=0.500"
6 5 4 3 2
12.0
8.0
4.0
1 0
0.0 0 25 50 75 100 125 Temperature (C) Lead Temperature (C) 150 175
0.0
2.0
4.0 6.0 Forward Current (A)
8.0
10.0
1000.0
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
20 18 16
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
Reverse Current (uA)
Forward Voltage (V)
100.0
14 12 10 8 6 4 2
Z100FG
Z50FG
10.0
1.0 25 50 75 100 Temperature (C) Temperature (C) 125 150
0 0.0 1.0 2.0 3.0 Forward Current (A) 4.0 5.0
350 300
TYPICAL REVERSE RECOVERY TIME VS. TEMPERATURE
35.0 30.0 Junction Capacitance (pF) 25.0 20.0 15.0 10.0
TYPICAL JUNCTION CAPACITANCE VS. REVERSE VOLTAGE AT 25C
Reverse Recovery Time (ns)
250 200 150 100 50 0 25 50 75 100 Temperature (C) Temperature (C) 125 150
Z25FG Z50FG
Z100FG
5.0 0.0 0 20 40 60 Reverse Bias Voltage (V) 80 100
106


▲Up To Search▲   

 
Price & Availability of Z50FG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X