Part Number Hot Search : 
54AC04 M708SDS BR304 X3225 29050 LTC2471 MAX4661 GP2S700
Product Description
Full Text Search
 

To Download YVH200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.00mm (0.079") PITCH CONNECTOR
Wire-to-Board Housing YVH200 Series
Material
I/NO 1 DESCRIPTION HOUSING TITLE YVH200 MATERIAL PA66, UL 94V Grade
2.0 5.6
4.5
4.4
7.3
Specification
Voltage Rating Current Rating Operating Temperature Contact Resistance Withstanding Voltage Insulation Resistance Applicable Wire Applicable P.C.B Applicable FPC/FFC Solder Height Crimp Tensile Strength UL FILE NO
5.7
ITEM
AC/DC 250V AC/DC 3A -25E~+85E
SPEC
30m MAX AC1000V/1min 1000M MIN AWG #22~#30 -
AWG
TERMINAL ASSEMBLY DRAWING
AWG : #22 ~ #30
Application Terminal : YST200 (83 page)


▲Up To Search▲   

 
Price & Availability of YVH200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X