Part Number Hot Search : 
25NM60 MMBD5819 471M5 R6545AJE 12DB5 0M832 ZXMN2A01 67PR10LF
Product Description
Full Text Search
 

To Download XZMR65WA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 part number:
XZMR65WA
www.SunLED.com
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
Features
B 2.1mmx0.7mm RIGHT ANGLE SMT LED, 1.3mm THICKNESS. B LOW POWER CONSUMPTION. B WIDE VIEWING ANGLE. B IDEAL FOR BACKLIGHT AND INDICATOR. B VARIOUS COLORS AND LENS TYPES AVAILABLE. B PACKAGE : 2000PCS / REEL. B ROHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted.
Absolute maximum ratings (TA=25C) ) Reverse voltage Forward current Forward current (peak) 1/10Duty cycle 0.1ms pulse width Power dissipation Operating temperature Storage temperature VR IF iFS PT TA Tstg
MR (GaAlAs) 5 30 155 100 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
Operating Characteristics (TA=25C) ) Forward voltage (typ.) (IF=20mA) Forward voltage (max.) (IF=20mA) Reverse current (VR=5V) Wavelength at peak emission (IF=20mA) Wavelength at Dominate emission (IF=20mA) Spectral Line half-width (IF=20mA) Capacitance (VF=0V, f=1MHz) VF VF IR
MR (GaAlAs) 1.85 2.5 10
Unit V V uA
peak
660
nm
D C
640
nm
20 45
nm pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 95
Wavelength nm P
Viewing Angle 2 1/2
XZMR65WA
Red
GaAlAs
Water Clear
50
660
120
Published Date : OCT 16,2004
Drawing No :XDSA1443
V4
Checked : B.L.LIU
P.1/3
part number:
XZMR65WA
www.SunLED.com
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
MR
Published Date : OCT 16,2004
Drawing No :XDSA1443
V4
Checked : B.L.LIU
P.2/3
part number:
XZMR65WA
www.SunLED.com
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
SMT Reflow Soldering Instructions
Recommended Soldering Pattern (Units : mm;Tolerance: 0.1)
Tape Specification (Units : mm)
Published Date : OCT 16,2004
Drawing No :XDSA1443
V4
Checked : B.L.LIU
P.3/3


▲Up To Search▲   

 
Price & Availability of XZMR65WA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X