Part Number Hot Search : 
BZT03C68 ATR1841 021006 NCP2809A ADM693SQ UPD179 ACT244 LA15T
Product Description
Full Text Search
 

To Download XZMG54W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
XZMG54W
2.0x1.25mm SMD CHIP LED LAMP
Features
2.0mmx1.25mm SMT LED,1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. Absolute maximum ratings (TA=25C) ) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MG (GaP) 5 25 140 105 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) ) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (VR=5V) Wavelength of Peak Emission (IF=20mA) Wavelength of Dominant Emission (IF=20mA) Spectral Line Full Width At Half-Maximum (IF=20mA) Capacitance (VF=0V, f=1MHz) VF VF IR MG (GaP) 2.2 2.5 10 Unit V V uA
p
565
nm
D
568
nm
C
30
nm
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 14
Wavelength nm P
Viewing Angle 2 1/2
XZMG54W
Green
GaP
Water Clear
4
565
120
Published Date : MAY 11,2005
Drawing No : XDSA1259
V4
Checked : B.L.LIU
P.1/3
Part Number:
www.SunLED.com
XZMG54W
2.0x1.25mm SMD CHIP LED LAMP
MG
Published Date : MAY 11,2005
Drawing No : XDSA1259
V4
Checked : B.L.LIU
P.2/3
Part Number:
www.SunLED.com
XZMG54W
2.0x1.25mm SMD CHIP LED LAMP
Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1)
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : MAY 11,2005 Drawing No : XDSA1259 V4 Checked : B.L.LIU P.3/3


▲Up To Search▲   

 
Price & Availability of XZMG54W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X