Part Number Hot Search : 
ON1319 SF2N5575 LM3940 2587P9 BXXXF CY8C2 80000 SI9956DY
Product Description
Full Text Search
 

To Download XX1000-QT07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
Features
+17 dBm Output Power -20 dBc Fundamental Leakage SMD, 3x3 mm QFN Package RoHS Compliant 100% RF, DC and Output Power Testing
General Description
Mimix Broadband's 7.5-22.5/15.0-45.0 GHz SMD active doubler delivers + 17 dBm of output power. The device combines an active doubler with an output buffer amplifier that delivers constant power over a range of input powers. The device has excellent rejection of the fundamental and harmonic products and requires a single positive bias supply. This device uses Mimix Broadband's 0.15 GaAs pHEMT device model technology to ensure high reliability and uniformity. The device comes in a low-cost 3x3mm QFN Surface Mount Plastic Package offering excellent RF and thermal properties and is RoHS compliant. This device is well suited for Point-to-Point Radio, Microwave, LMDS, SATCOM and VSAT applications.
Absolute Maximum Ratings
Supply Voltage (Vd) Supply Voltage (Vss) Supply Current (Id) Supply Current (Iss) Gate Bias Voltage (Vg) Input Power (RF Pin) Storage Temperature (Tstg) Operating Temperature (Ta) Channel Temperature (Tch)
+6.0 VDC -6.0 VDC 300 mA 60 mA -0.4 VDC +15.0 dBm -65 to +165 OC -55 to MTTF Table1 MTTF Table 1
(1) Channel temperature affects a device's MTTF. It is recommended to keep channel temperature as low as possible for maximum life.
Electrical Characteristics (Ambient Temperature T = 25 oC)
Parameter
Input Frequency Range (fin) Output Frequency Range (fout) Input Return Loss (S11) Output Return Loss (S22) Saturated Output Power (Psat) RF Input Power (RF Pin) Fundamental Leakage (fin) Third Harmonic Leakage (3xfin) Fourth Harmonic Leakage (4xfin) Drain Bias Voltage (Vd1,2) Gate Bias Voltage (Vg1) Gate Bias Voltage (Vg2) Supply Current (Id1,2) (Vd=5.0V, Vg1=-0.6V, Vg2=0.0V Typical) Source Voltage (Vss) Source Current (Iss)
Units GHz GHz dB dB dBm dBm dBc dBc dBc VDC VDC VDC mA VDC mA
Min. 7.5 15.0 -10.0 -0.8 -1.2 -5.5 25
Typ. 15.0 7.0 +17 20 30 10 +5.0 -0.6 0.0 220 -5.0 50
Max. 22.5 45.0 +10.0 +5.5 -0.4 +0.1 250 -2.0 60
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 1 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
Doubler Measurements, Nominal Bias Conditions
XX1000-QT Pout, swept Pin = 2 to 10dBm 30 2xFin 20 10
Fin, Pin=10dBm Fin, Pin=2dBm Fin, Pin=4dBm Fin, Pin=6dBm Fin, Pin=8dBm
Pout (dBm)
0
2xFin, Pin=2dBm
-10 -20 -30 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 Fout = 2xFin (GHz) Fin
2xFin, Pin=4dBm 2xFin, Pin=6dBm 2xFin, Pin=8dBm 2xFin, Pin=10dBm
Power Sweep for Fout = 20 GHz
25 20 15 10 5
Pou t (dBm)
0 -5 -10 -15 -20
Pout ( F inx2), F in=10 GHz Pout ( F inx1), F in=10 GHz
-25 -30 -15 -10 -5 0 Pin (dB m) 5 10 15
Measured results taken at room temperature in 40 GHz connectorized test fixture with no de-embedding.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 2 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
Doubler Measurements (cont.)
XX1000-QT, Pout vs Temp. Pin = 0 dBm 20 15 10 5
Pout(dBm)
2xFin
0 -5 -10 -15 -20 -25 -30 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 Fout=2xFin (GHz) Fin
Fin, +25 C 2xFin, +25 C Fin, -35 C 2xFin, -35 C Fin, +75 C 2xFin, +75 C
XX1000-QT, Pout vs Temp. Pin = 5 dBm 20 15 10 5 Pout(dBm) 0 -5 -10 -15 -20 -25 -30 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 Fout=2xFin (GHz) Fin
Fin, +25 C 2xFin, +25 C Fin, -35 C 2xFin, -35 C Fin, +75 C 2xFin, +75 C
2xFin
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 3 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
Doubler Measurements (cont.)
Harmonic Products, Pin = +5 dBm (Fin = 6 - 20 GHz)
20 2nd (RF out) 15 10 5 4th Fund. (5dBm) 2xFin (5dBm) 6th Fund -10 5th -15 -20 -25 -30 5 10 15 20 25 30 35 40 45 3rd 7th 3xFin (5dBm) 4xFin (5dBm) 5xFin (5dBm) 6xFin (5dBm) 7xFin (5dBm)
Pout (dBm)
0 -5
Fout (GHz)
* Measured on-wafer with pre-packaging.
Harmonic Products, Pin = +0 dBm (Fin = 6 - 20 GHz)
20 15 2nd (RF out) 10 5 Fund. (0dBm) 4th 2xFin (0dBm) 3xFin (0dBm) -5 -10 -15 -20 -25 -30 5 10 15 20 25 30 35 40 45 3rd 5th 7th Fund 6th 4xFin (0dBm) 5xFin (0dBm) 6xFin (0dBm) 7xFin (0dBm)
Pout (dBm)
0
Fout (GHz)
* Measured on-wafer with pre-packaging.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 4 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
Physical Dimensions
XX1000-QT wwwwwww PxxxxG
Top View
Functional Schematic
Pin Designation
Pin Number 3 5 6 7 10 13 15 2, 4, 9, 11 8, 12, 14, 16 Function RF IN VG1 VSS VG2 RF OUT VD2 VD1 GND N/C Typ. Value -10 to +10 -0.6 -5 0.0 or GND1 +17 +5.0 +5.0 Units dBm V V V dBm V V
1 VG2 can be used for current regulating VD2 or VG2 can be set to GND with VD2 self-biasing at approximately 140mA.
Top View
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 5 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
App Note [1] Biasing - It is recommended to separately bias each doubler stage with fixed voltages of Vd(1,2)=5.0V, Vss=-5.0V and Vg1=-0.6V. The typical DC currents are Id1=80mA, Id2=140mA and Iss=50mA. Vg2 can be used for active control biasing of Vd2, or it can be set to GND and Vd2 will self bias at approximately 140mA. Maximum output power is achieved with Vss=-5.0V and Iss=50mA but the device will operate with reduced bias to Vss=-2.0V and Iss=25mA. It is also recommended to use active biasing on Vd2 with Vg2 to keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage for Vg2=-0.1V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply.
MTTF
1.0E+05 1.0E+04 MTTF (Years) 1.0E+03 1.0E+02 1.0E+01
Bias Conditions: Vd1=Vd2=4.0V, Id1=40 mA, Id2=140 mA, Vss=-5.0V, Iss=50mA
1.0E+00 55 65 75 Temperature (C)
MTTF is calculated from accelerated life-time data of single devices and assumes isothermal back-plate. Bias Conditions: Vd1,2 = 5.0V, Id1,2 = 220 mA, Vss = -5.0V, Iss = 50 mA
85
95
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 6 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
PCB Layout
Vd1 Vd2
RF In
RF Out
Vg1
Vss
Vg2
Application Circuit
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 7 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
February 2007 - Rev 08-Feb-07
X1000-QT
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures: Do not ingest. Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures. Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible with high volume solder installation. The package is a low-cost plastic package. Vacuum tools or other suitable pick and place equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation, but reduced reliability and life of the product due to thermal stress. Typical Reflow Profiles Reflow Profile Ramp Up Rate Activation Time and Temperature Time Above Melting Point Max Peak Temperature Time Within 5 C of Peak Ramp Down Rate SnPb 3-4 C/sec 60-120 sec @ 140-160 C 60-150 sec 240 C 10-20 sec 4-6 C/sec Pb Free 3-4 C/sec 60-180 sec @ 170-200 C 60-150 sec 265 C 10-20 sec 4-6 C/sec
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is 100% matt tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as well as higher temperature (260C reflow) "Pb Free" processes. Part Number for Ordering XX1000-QT-0G00 XX1000-QT-0G0T XX1000-QT-EV1 Description Matte Tin plated RoHS compliant QFN 3x3 16L surface mount package in bulk quantity Matte Tin plated RoHS compliant QFN 3x3 16L surface mount package in tape and reel XX1000-QT Evaluation Board
We also offer this part with alternative plating. Please contact your regional sales manager for more information regarding different plating types.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 8 of 8
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.


▲Up To Search▲   

 
Price & Availability of XX1000-QT07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X