|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com XWT SERIES - TRIPLE, 150 WATT Rev. 11/2000 DESCRIPTION XWT DC/DC converters are high power, triple output converters that cover a wide range of applications. The XWT features remote sense leads for accurate point of load regulation, and has short circuit and overcurrent protection. For single and dual output high power solutions, see the XWS and XWD series. FEATURES * High Power Package * Wide Input Range * 12, 24, and 48V Input Versions * Trim and Enable Pin * Remote Sense Pins * 500V Isolation Efficiency vs. Load (24V Input) 85 80 EFFICIENCY % 75 XWT2405-12 EFF. (18v) 70 EFF. (24v) EFF. (36v) 65 TECHNICAL SPECIFICATIONS Input Voltage Range 12 VDC Nominal 24 VDC Nominal 48 VDC Nominal Input Ripple Current Reverse Input Current Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min.- Iout Max., Vin Nom. Minimum Output Current Dynamic Regulation, Loadstep Pk Deviation Settling Time Voltage Trim Range Current Limit Threshold Range, % of Iout Rated General Turn-On Time Remote Shutdown Switching Frequency Isolation Input - Output Temperature Coefficient Case Temperature Operating Range Storage Range Thermal Shutdown Range Humidity Max., Non-Condensing Vibration, 3 Axes, 5 Min Each MTBF (Bellcore TR-NWT-000332) Safety Weight (approx.) 10 ms TTL and CMOS Compatible, Positive Logic 200 kHz 500 VDC 0.02%/C -25 to +85C -40 to +125C 105 to 115C 95% 5 g, 10 - 55 Hz Consult Factory Consult Factory 15.4 oz 60 10 20 30 40 50 60 70 80 90 100 LOAD % 10 18 36 20% 100% I in Max. 1% All Outputs 1% Vout All Outputs 1% Vout All Outputs 10 % All Outputs 25% Iout 4% Vout 500 s 10% 110% - 130% 20 VDC 36 VDC 72 VDC I in Max. Efficiency vs. Load (48V Input) 90 85 EFFICIENCY % 80 XWT4805-12 75 XWT4805-15 70 65 10 20 30 40 50 60 70 80 90 100 LOAD % Notes MTBF predictions may vary slightly from model to model. Specifications typically at 25C, normal line, and full load, unless otherwise stated. Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information. 1 XWT SERIES - TRIPLE, 150 WATT MODELS - (See the last page of this file for options.) Vin (Volts) 12 12 24 24 48 48 Vin Range (Volts) 10 - 20 10 - 20 18 - 36 18 - 36 36 - 72 36 - 72 Iin Max.* (Amps) 25.0 25.0 13.2 13.2 6.8 8.8 Vout (Volts) 5, 12 5, 15 5, 12 5, 15 5, 12 5, 15 Iout Rated (Amps) 12, 12, 15, 15, 15, 15, 3.0 2.5 4.0 3.3 4.0 3.3 Ripple & Noise Pk-Pk (mV) 50/120/120 50/150/150 50/120/120 50/150/150 50/120/120 50/150/150 Efficiency Typ. ** 79% 81% 83% 83% 84% 85% Model XWT1205-12 XWT1205-15 XWT2405-12 XWT2405-15 XWT4805-12 XWT4805-15 * Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output. Thermal Impedance MECHANICAL DRAWING 5.50" (139.7mm) #4-40 THREADED INSERTS 4PLS. Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM 2.5 2.1 1.7 1.3 1.1 C/W C/W C/W C/W C/W 2.625"(66.7mm) Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application. 1 8 2.250"(57.2mm) 2 9 1.875"(47.6mm) Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Function No Pin -Vin -Vin +Vin +Vin Enable Case - Sense 1 -V out1 +V out1 + Sense1 - Vout2 Common 2 & 3 + Vout3 Tolerances 3 3.50" (88.9mm) 10 1.500"(38.1mm) 4 BOTTOM VIEW 11 1.125"(28.6mm) 5 12 0.750"(19.1mm) 6 13 0.375"(9.5mm) 7 14 0 -0.375"(-9.5mm) -0.625"(-15.9mm) -0.60" (-15.2mm) 0 4.300" (109.2mm) DIA 0.040" 13PL. (1.0mm) Inches: .XX 0.040 .XXX 0.010 0.92" (23.4mm) (Millimeters) .X 1.0 .XX 0.25 0.05 Pin: 0.002 (Dimensions as listed unless otherwise specified.) 2 (888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com XWT SERIES - TRIPLE, 150 WATT TERMINAL STRIP OPTION MECHANICAL DRAWING DIA 0.041" 13PLS. (1.04mm) 0.52" (13.2mm) #4-40 THREADED INSERTS 4PLS. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 0.375" EA. (9.53mm) DIA 0.18" (4.6mm) 0.25" (6.4mm) 3.50" (88.90mm) 3.000" (76.20mm) 4.300" (109.22mm) 5.50" (139.7mm) 0.92" (23.4mm) PIN VIEW UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES TOLERANCES: .X }.030 .XX }.040 .XXX }.010 FRACTION }.030 3 OPTIONS When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table. OPTION Negative Logic Lucent Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless SUFFIX N T TS 1 2 3 4 Y APPLICABLE SERIES HAS, HBD, HBS, HES, LES, QBS, QES, TES, TQD HAS, HBD, HBS, HES, QBS, QES XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS REMARKS TTL "Low" Turns Module ON TTL "High" Turns Module OFF PIN LENGTH AND HEATSINK OPTIONS 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) Standard Pin Length is 0.180" (4.6mm) Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Example Options:HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110" pin length. NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice. 4 |
Price & Availability of XWT4805-15 |