Part Number Hot Search : 
90160 NTE13 ZS190 AN7108 Q6025G LT1723 5N50D A2726
Product Description
Full Text Search
 

To Download XT800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Gas Discharge Tubes
Gas Plasma Voltage Dependent Switches
RoHS
XT Series
The XT Series is a 2-terminal bi-directional, voltage triggered switch designed for Xenon HID 'hot re-strike' circuits such as those found in automobiles. Switching voltages for the devices are fixed depending on the part number selected. The gas plasma trigger technology offers very fast switching speeds, resulting in significantly better di/dt values when compared to silicon based SIDAC devices. Due to the high switching voltage of the devices, step-up transformer sizes and specifications can be reduced saving cost, size and weight.
Features
* RoHS compliant * 2 terminal configuration. * Very high switching speed once switching voltage has
been reached, resulting in high di/dt to be generated enabling the best performance to be extracted from ignition transformers.
* High lifetime and stability. * Switching performance is virtually unaffected by changes
in ambient temperature.
* Tape and Reel to EIA 481-1
Applications
* This product is optimised for Xenon HID `Hot re-strike'
circuits which require a very high number of operations at high current levels. The switching time is typically 10nS for the best possible efficiency.
XT xxx SM.
8
+0.20 - 0.20
6
+0.20 - 0.20
60.0
XT xxx A.
+4
Dimensions in mm ORDERING INFORMATION
XT A
Mechanical Specifications:
Weight (ballast ciruit only): 1.42g (0.049oz.) Materials: Electrode Base: Copper alloy Device Marking:
Electrode Plating material: Bright Sn Body: Ceramic Littelfuse `LF' marking, voltage and product code
VBO Package Type Packaging A= Axial lead tape and reel SM= Surface Mount
320
w w w. l i t t e l f u s e . c o m
Switching Gas Discharge Tubes
Gas Plasma Voltage Dependent Switches
XT Series
Device Ratings and Specifications
Part Number XT350 XT600 XT800 VBO(1) (7) (V) 297 - 403 510 - 690 680 - 920 Max Ignition 463 750 1000 VT
@ 5A
(V) 15 15 15
IDRM (2) (A) 1.0 1.0 1.0
IBO (2) (mA) 5 5 5
CO (4) (pF) 1.5 1.5 1.5
VBO to VT (nS) 25 25 25
RS (M) >1 >1 >1
7
SWITCH GAS DISCHARGE TUBES
L XT device
321
Electrical Life:
Switching Cycles (5) .................................................................. 150,000
Maximum Ratings:
Max Switching Frequency(6) ................................................................ 400 Hz Storage Temperature TSTG ............................................................... -40 - +150C Operating Temperature ............................................................... -40 - +150C
Notes:
(1) Measured on recommended test circuit (fig 1.) (2) Measured @ 100 Volts DC (3) Current required for transition to on-state (4) Measured @ 1 MHz, zero Volt bias (5) Measured on recommended test circuit (fig 2.) (6) Duty Cycle: 1sec on, 10 sec off. (7) Will retain these limits during life cycle
Definitions:
VBO - Breakover Voltage VT @ 5A - Nominal Off-state Voltage at 5A IDRM - Off-state Current IBO - Nominal Breakover Current Co - Max Capacitance VBO to VT - Max switching time from VBO to VT
R1 R1
V C2 XT device
V C2
Fig 1. Recommended breakover voltage test circuit
Fig 2. Recommended life test circuit V: open circuit DC voltage =500 (1000V for 600 and 800V parts) R1 =10K C1 =680nF L =0.5H Discharge current =500Amps ( approx )
V: open circuit DC voltage =500 (1000V for 600 and 800Vparts) R1 =51K C1 =220nF Discharge current =10 mAmps ( approx )
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of XT800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X