Part Number Hot Search : 
LT1228 IRF840 2SK302 MV358 60R385 SI1499DH 1G10UM 30PUB60
Product Description
Full Text Search
 

To Download UT20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UT
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
Ultra Voltage,High Frequncy Pulse,R & R-C Tank,High Energy.
UT series to meet general set of requirements Ultra high voltage high energt at reasonable prices. And to be connection on M4, M6 . Corona Ring & Cap std. A wide range of R-Value & tolerance, TCR available.
* Power Rating Able to build up Mega Jouls Energy System. * Various Models with Voltage Ratings upto 800kV in oil, 300kV at free air.
DIMENSIONS [mm]
Model Nr.
Wattage
Max. CotinuousOper. V o l t [ k V ] ** 40 30 48 65 100 100
Dimensions in millimeters L 158+/-1.5 110+/-1.5 160+/-1.5 210+/-1.5 310+/-1.5 310+/-1.5 B 14+/-1.0 31+/-1.0 31+/-1.0 31+/-1.0 31+/-1.0 40+/-1.0 D 15+/-1 33+/-0.5 33+/-0.5 33+/-0.5 33+/-0.5 45+/-1.0 Dia on Corona Ring, 'RC' type N/A 43 43 43 43 59 W 10+/-1.5 18+/-0.5 18+/-0.5 18+/-0.5 18+/-0.5 21+/-0.5 T M4 M6 M6 M6 M6 M6
UT 20 UT 35 UT 50 UT 70 UT 100 UT 150
20 35 50 70 100 150
Cap style : ex) UT100 -nc ; normal cap type ,
* Terohm available on request * Custom dimension, Terminations available * Glass coat std. , epoxy coat available * The Voltage Limited by Power * Electrical Specification for 20k ~ 1000M only ** Vdc , Vac
UT100 -rc ; Corona Ring & Cap type
UT
Model Nr. UT20 UT35 UT50 UT70 UT100 UT150
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
Single Impulse Voltage 1.2/50 [kV] 77 50 77 100 150 150
Rated Power or Voltage%
Std. Rvlaue[] 1K~1G 1K~1G 1K~1G 1K~1G 1K~1G 1K~1G
Low Extended R-value[] 20R~0.9K 10R~0.9K 10R~0.9K 10R~0.9K 10R~0.9K 10R~0.9K
Hi Extended R-value[] 1.1G~10T 1.1G~10T 1.1G~10T 1.1G~10T 1.1G~10T 1.1G~10T
DERATING CURVE
00 80 60 40 0 0 5 75 5 75 5
Ambient-Temperature (C)
SPECIFICATIONS
Resistance Tolerance : 1%,2%,5%,10% Temperature Coefficient : Std. 100ppm/ C, referenced to 25C, from -15C to +105C, other TCR on requests. Overload : 5times rated power with applied voltage not to exceed 1.5times Max. continuous operating voltage for 5 seconds, overload/ overvoltage R 0.50% max. Thermal Shock : Mil-Std-202, Method- 107,Cond. C,R 0.50% max. Load Life : 1.000 hours at rated power R 1.0% typ. Moisture Resistance: Mil-Std-202, Method 106, R 0.50%. Insulation Resistance : 10,000Megohms Min. Termination Cap of Material : Aluminum Alloy , Bronz M4 / M6 Cap, &Rug available Encapsulation : Epoxy /silicone confomal/ Glass /
* Electrical Specification for 20k ~ 1000M only
APPLICATION GUIDE ; UT SERIES
* Automated Test (ATE) * Medical (Imaging) * Ion Source * Chromatography (Gas) * Medical (PET, CT) * Medical (Radiation Therapy) * Military , Radar * Plasmas ,Lasers * Measurements (High Voltage) * Capacitor Charging * Microwave (Klystron) * Medical (Blood Analyzers) * Corona Generators * Multichannel Analyzers * Ozone Generating * Detectors Nuclear * Gamma Cameras * Electron Beam Testing * Surface Analysis * CRT, X-Ray , MRI * Electrophoresis * Image Intensifier * Surface Analysis * Piezo. Focusing (Poling) * High Voltage Dividers * Stress Testing * Agricultural Sensors * Ion Beam * Arc Furnace Damping * High Voltage Snubbers * Pulse Forming Networks * Energy Research * EMI * Tube Arc Protection
cf.: The described specifications & dimensions subject to change without notice.
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom. http://www.willow.co.uk + 44 (0) 1342 835234 + 44 (0) 1342 834306 info@willow.co.uk
designed by jonaldo , France rev.11/2005A


▲Up To Search▲   

 
Price & Availability of UT20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X