|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
U1104B Series Features Package Product features PLCC-2 Type, Water clear resin Outer Dimension 3.5 x 2.8 x 1.9mm ( L x W x H ) Temperature range Storage Temperature : -40110 Operating Temperature : -40100 Lead-free soldering compatible RoHS compliant Single Color Ultra High Brightness Type Dominant wavelength Blue Green Yellow Red : 470nm(UB) : 530nm(UG) : 590nm(UY) : 630nm(UR) Half Intensity Angle 120 deg. Die materials Rank grouping parameter Assembly method Soldering methods Taping and reel ESD UB,UG : InGaN, UY,UR : AlGaInP Sorted by luminous intensity and wavelength per rank taping Auto pick & place machine (Auto Mounter) Reflow soldering and manual soldering 2,000pcs per reel in a 8mm width tape. (Standard) Reel diameter:180mm InGan : 1kV(HBM), AlGaInP : More than 2kV(HBM) Recommended Applications Amusement Equipment, Electric Household Appliances, Other General Applications 2007.8.31 Page 1 U1104B Series Single Color Ultra High Brightness Type Color and Luminous Intensity Dominant Wavelength d (nm) TYP. IF MIN. (Ta=25) Part No. Material Emitted Color Lens Color Luminous Intensity Iv (mcd) TYP. IF UB1104B UG1104B UY1104B UR1104B InGaN InGaN AIGaInP AIGaInP Blue Green Yellow Red Water Clear 470 530 590 630 10 10 20 20 40 120 70 70 100 300 140 140 10 10 20 20 2007.8.31 Page 2 U1104B Series Single Color Ultra High Brightness Type Absolute Maximum Ratings Absolute Maximum Ratings UB 84 20 50 0.5 1.25 5 UG 84 20 50 0.5 1.25 5 -40+ 100 -40+ 110 UY 87 30 100 0.75 2.5 5 UR 87 30 100 0.75 2.5 5 (Ta=25) Item Power Dissipation Forward Current Pulse Forward Current 1 Symbol Pd IF IFRM IF IFRM VR T opr Tstg Unit mW mA mA mA/ mA/ V Derating (Ta=60 or higher) Reverse Voltage Operating Temperature Storage Temperature 1 IFRMMeasurement condition : Pulse Width1ms., Duty1/20. 2007.8.31 Page 3 U1104B Series Single Color Ultra High Brightness Type Electro-Optical Characteristics(UB,UG) Item Symbol TYP. Forward Voltage IF=10mA VF MAX. Reverse Current Peak Wavelength Dominant Wavelength Spectral Line Half Width Half Intensity Angle VR =5V IF=10mA IF=10mA IF=10mA IF=10mA IR p d 21/2 MAX. TYP. TYP. TYP. TYP. 4.0 100 465 470 26 120 4.0 100 522 530 35 120 A nm nm nm deg. Characteristics UB 3.4 UG 3.4 V Unit (Ta=25) Conditions Electro-Optical CharacteristicsUY,UR) Ite m S ymbol T YP . F orw a rd Volta g e IF =20mA VF MAX . Re ve rse Curre nt P e a k Wa ve le ng th Domina nt Wa ve le ng th S pe ctra l L ine Ha lf Width Ha lf Inte nsity Ang le V R =5V IF =20mA IF =20mA IF =20mA IF =20mA IR p d 2 1/2 MAX . T YP . T YP . T YP . T YP . 2.8 100 592 590 18 120 2.8 100 641 630 18 120 A nm nm nm de g . Cha ra cte ristics UY 2.2 UR 2.2 V Unit (Ta=25) Conditions 2007.8.31 Page 4 U1104B Series Single Color Ultra High Brightness Type Luminous Intensity Rank (Ta=25) IVmcd Rank UB IF=10mA MIN. MAX. UG IF=10mA MIN. MAX. UY IF=20mA MIN. MAX. 70 140 100 200 140 280 200 400 280 560 400 UR IF=20mA MIN. MAX. 70 140 100 200 140 280 200 400 280 560 400 800 560 1,120 800 - A B C D E F G H J 40 56 80 112 160 224 80 112 160 224 320 - 120 168 240 336 480 672 240 336 480 672 960 - Please contact our sales staff concerning rank designation. 2007.8.31 Page 5 U1104B Series Single Color Ultra High Brightness Type Color Tone Groups (d) (Ta=25) R ank A B C D E UY IF =20mA MIN. MAX. 580 585 584 589 588 593 592 597 596 601 UR IF =20mA MIN. MAX. 620 630 628 638 Please contact our sales staff concerning rank designation. 2004.10.26 Page 6 U1104B Series Single Color Ultra High Brightness Type Technical Data(UB) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.26 Page 7 U1104B Series Single Color Ultra High Brightness Type Technical Data(UB) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Power Dissipation vs. Ambient Temperature Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Power Dissipation : Pd (mW) Ambient Temperature : Ta() IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.26 Page 8 U1104B Series Single Color Ultra High Brightness Type Technical Data(UG) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2007.8.31 Page 9 U1104B Series Single Color Ultra High Brightness Type Technical Data(UG) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Power Dissipation vs. Ambient Temperature Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Power Dissipation : Pd (mW) Ambient Temperature : Ta() IF peak Max./IF DC MAX. Pulse Width : tw (s) 2007.8.31 Page 10 U1104B Series Single Color Ultra High Brightness Type Technical Data(UY) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2007.8.31 Page 11 U1104B Series Single Color Ultra High Brightness Type Technical Data(UY) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Power Dissipation vs. Ambient Temperature Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Power Dissipation : Pd (mW) Ambient Temperature : Ta() IF peak Max./IF DC MAX. Pulse Width : tw (s) 2007.8.31 Page 12 U1104B Series Single Color Ultra High Brightness Type Technical Data(UR) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2007.8.31 Page 13 U1104B Series Single Color Ultra High Brightness Type Technical Data(UR) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Power Dissipation vs. Ambient Temperature Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Power Dissipation : Pd (mW) Ambient Temperature : Ta() IF peak Max./IF DC MAX. Pulse Width : tw (s) 2007.8.31 Page 14 U1104B Series Single Color Ultra High Brightness Type Package Dimensions (Unit: mm) Weight: (36.3)mg Recommended Soldering Pattern (Unit: mm) Taping Specification Quantity : 2,000pcs/ reel (standard) (Unit: mm) 2007.8.31 Page 15 U1104B Series Single Color Ultra High Brightness Type Reflow Soldering Conditions 1) The above profile temperature gives the maximum temperature of the LED resin surface. Please set the temperature so as to avoid exceeding this range. 2) Total times of reflow soldering process shall be no more than 2 times. When the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to normal temperature after the first reflow) in order to prevent the LED from absorbing moisture. 3) Temperature fluctuation to the LED during the pre-heating process shall be minimized. (6 maximum) Manual Soldering Conditions Iron tip temp. Soldering time and frequency 350 3s 1 time (MAX.) (MAX.) (MAX.) 2007.8.31 Page 16 U1104B Series Single Color Ultra High Brightness Type Reliability Testing Result(UB,UG) Reliability Testing Result Room Temp. Operating Life Resistance to Soldering Heat Applicable Standard EIAJ ED4701/100(101) EIAJ ED4701/300(301) EIAJ ED4701/100(105) EIAJ ED4701/100(101) EIAJ ED4701/100(102) EIAJ ED4701/200(201) EIAJ ED4701/200(202) EIAJ ED4701/400(403) Testing Conditions Ta = 25, IF = Maxium Rated Current Pre-heating : 150180 120s Max. Operation Heating : 230 40s Max. Peak Temperature : 260 Minimum Rated Storage Temperature(30min) Normal Temperature(15min) Maximum Rated Storage Temperature(30min) Normal Temperature(15min) Ta = 85, IF = 7.5mA Ta = 602, RH = 905%, IF = 20mA Ta = Maximum Rated Storage Temperature Ta = Minimum Rated Storage Temperature 98.1m/s (10G), 100 2KHz sweep for 20min., XYZ each direction 2 Duration 1,000 h Twice Failure 0/25 0/25 Temperature Cycling High Temp. Operating Life Humidity Temp. Operating Life High Temp. Storage Life Low Temp. Storage Life Vibration, Variable Frequency 200 cycles 0/25 1,000 h 1,000 h 1,000 h 1,000 h 2h 0/25 0/25 0/25 0/25 0/10 Reliability Testing Result(UY,UR) Reliability Testing Result Room Temp. Operating Life Resistance to Soldering Heat Applicable Standard EIAJ ED4701/100(101) EIAJ ED4701/300(301) EIAJ ED4701/100(105) EIAJ ED4701/100(101) EIAJ ED4701/100(102) EIAJ ED4701/200(201) EIAJ ED4701/200(202) EIAJ ED4701/400(403) Testing Conditions Ta = 25, IF = Maxium Rated Current Pre-heating : 150180 120s Max. Operation Heating : 230 40s Max. Peak Temperature : 260 Minimum Rated Storage Temperature(30min) Normal Temperature(15min) Maximum Rated Storage Temperature(30min) Normal Temperature(15min) Ta = 85, IF = 10mA Ta = 602, RH = 905%, IF = 30mA Ta = Maximum Rated Storage Temperature Ta = Minimum Rated Storage Temperature 98.1m/s (10G), 100 2KHz sweep for 20min., XYZ each direction 2 Duration 1,000 h Twice Failure 0/25 0/25 Temperature Cycling High Temp. Operating Life Humidity Temp. Operating Life High Temp. Storage Life Low Temp. Storage Life Vibration, Variable Frequency 200 cycles 0/25 1,000 h 1,000 h 1,000 h 1,000 h 2h 0/25 0/25 0/25 0/25 0/10 Failure Criteria Items Luminous Intensity Forward Voltage Reverse Current Cosmetic Appearance 2007.8.31 Symbols Iv VF IR - Conditions IF Value of each product Luminous Intensity IF Value of each product Forward Voltage VR = Maximum Rated Reverse Voltage V - Failure criteria Testing Min. Value Spec. Min. Value x 0.5 Testing Max. Value Spec. Max. Value x 1.2 Testing Max. Value Spec. Max. Value x 2.5 Occurrence of notable decoloration, deformation and cracking Page 17 U1104B Series Single Color Ultra High Brightness Type Special Notice to Customers Using the Products and Technical Information Shown in This Data Sheet 1) The technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. It does not constitute the warranting of industrial property nor the granting of any license. 2) For the purpose of product improvement, the specifications, characteristics and technical data described in the data sheets are subject to change without prior notice. Therefore it is recommended that the most updated specifications be used in your design. 3) When using the products described in the data sheets, please adhere to the maximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any damage which may occur if these specifications are exceeded. 4) The products that have been described to this catalog are manufactured so that they will be used for the electrical instrument of the benchmark (OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument). The application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high reliability and safety, and the breakdown and the wrong operation might influence the life or the human body. Please consult us beforehand if you plan to use our product for the usages of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. except OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument. 5) In order to export the products or technologies described in this data sheet which are under the "Foreign Exchange and Foreign Trade Control Law," it is necessary to first obtain an export permit from the Japanese government. 6) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley Electric Co., Ltd. 7) The most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com 2007.8.31 Page 18 |
Price & Availability of UB1104B |