Part Number Hot Search : 
C1010 IRF710 SMP1302 405GP LTC4417 TSOP48 LZ21N3V BCM5770R
Product Description
Full Text Search
 

To Download TAJE227M016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 om Standard Tantalum.c 4U et he aS at .D w w w
TAJ Series
The TAJ standard series encompasses the five key sizes recognized by major OEMs throughout the world. The V case size has been added to the TAJ range to allow high CVs to be offered. The
operational temperature is -55C to +85C at rated voltage and up to +125C with voltage derating in applications utilizing recommended series resistance.
CASE DIMENSIONS: millimeters (inches)
Code A B C D E V For part marking see page 121 EIA Code 3216-18 3528-21 6032-28 7343-31 7343-43
7361-38
L0.20 (0.008) 3.20 (0.126) 3.50 (0.138) 6.00 (0.236) 7.30 (0.287) 7.30 (0.287) 7.30 (0.287)
W+0.20 (0.008) H+0.20 (0.008) A+0.30 (0.012) W10.20 (0.008) -0.10 (0.004) -0.10 (0.004) -0.20 (0.008) 1.60 (0.063) 2.80 (0.110) 3.20 (0.126) 4.30 (0.169)
W1 dimension applies to the termination width for A dimensional area only.
HOW TO ORDER
TAJ C 106
Type
Case Size See table above
Capacitance Code pF code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow)
TECHNICAL SPECIFICATIONS
Technical Data: Capacitance Range: Capacitance Tolerance: Rated Voltage (VR) Category Voltage (VC) Surge Voltage (VS) Surge Voltage (VS) Temperature Range: Reliability: Qualification: All technical data relate to an ambient temperature of +25C 0.1F to 1500F 10%; 20% 2.5 4 6.3 10 16 20 25 35 1.7 2.7 4 7 10 13 17 23 3.3 5.2 8 13 20 26 32 46 2.2 3.4 5 8 13 16 20 28 -55C to +125C 1% per 1000 hours at 85C, VR with 0.1/VR series impedance, 60% confidence level CECC 30801 - 005 issue 2 EIA 535BAAC Meets requirements of AEC-Q200
w
w
.D w
+85C: +125C: +85C: +125C:
t a
M
S a
e h
4.30 (0.169) 6.10 (0.240)
t e
1.60 (0.063)
1.90 (0.075)
2.60 (0.102) 2.90 (0.114)
U 4
.c
R
m o
S Min. 1.10 (0.043) 1.40 (0.055) 2.90 (0.114) 4.40 (0.173) 4.40 (0.173) 4.40 (0.173) 0.80 (0.031) 0.80 (0.031) 1.30 (0.051) 1.30 (0.051) 1.30 (0.051) 1.40 (0.055)
1.20 (0.047)
2.20 (0.087)
2.20 (0.087) 2.40 (0.094) 2.40 (0.094) 3.10 (0.120)
4.10 (0.162)
3.450.30 (0.1360.012)
035
**
Tolerance K=10% M=20%
Rated DC Voltage 002=2.5Vdc 004=4Vdc 006=6.3Vdc 010=10Vdc 016=16Vdc 020=20Vdc 025=25Vdc 035=35Vdc 050=50Vdc
Packaging R = 7" T/R
(Lead Free since production date 1/1/04)
S = 13" T/R
(Lead Free since production date 1/1/04)
Additional characters may be added for special requirements
A = Gold Plating 7" Reel B = Gold Plating 13" Reel
w
w
w
.D
a
aS t
ee h
4U t
50 33 65 40
om .c
5
TAJ Series
Standard Tantalum
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)
Capacitance F Code 0.10 104 0.15 154 0.22 224 0.33 334 0.47 474 0.68 684 1.0 105 1.5 155 2.2 225 3.3 335 4.7 475 6.8 685 10 106 15 156 22 226 33 336 47 476 68 686 100 107 150 157 220 227 330 337 470 477 680 687 1000 108 1500 158 2.5V (e) 4V (G) 6.3V (J) Rated voltage DC (VR) to 85C 10V (A) 16V (C) 20V (D) 25V (E) 35V (V) A A A A A/B A/B A/B A/B/C A/B/C B/C B/C/D C/D C/D/E C/D D/E D/E/V E/V V(M) 50V (T) A A/B A/B B B/C B/C B/C C/D C/D C/D D D D/E E V
A A B B B/D D C/D D/E D(M)/E E/V
A A A A/B A A/B A/B B/C B/C B/C B(M)/C/D C/D/E D/E D/E E/V E/V(M)
A A A A/B A/B A/B A/B/C A/B/C A/B/C/D B/C/D B/C/D C/D C/D/E C/D/E D/E/V E/V V(M)
A A A A/B A/B A/B/C A/B/C A/B/C B/C/D B/C/D B/C/D B(M)/C/D/E C/D/E D/E D/E/V E/V V
A A A/B A/B A/B A/B/C A/B/C A(M)/B/C B/C/D B/C/D C/D C/D D/E D/E/V D/E/V E/V
A A A A/B A/B A/B/C A/B/C B/C B/C/D B/C/D C/D C/D/E D/E D/E/V E/V
A A A A/B A/B A/B/C B/C B/C C/D C/D C/D D/E D/E E/V V
Non preferred Ratings - not recommended for new designs, higher voltage or smaller case size substitution are offered. Developmental Ratings - subject to change. Released codes
(M tolerance only)
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
6
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. () @100kHz AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. () @100kHz
TAJA476*002# TAJA686*002# TAJB107*002# TAJB157*002# TAJB227*002# TAJD227*002# TAJD337*002# TAJC477*002# TAJD477*002# TAJD687*002# TAJE687*002# TAJD108M002# TAJE108*002# TAJE158*002# TAJV158*002# TAJA336*004# TAJA476*004# TAJB686*004# TAJB107*004# TAJB157*004# TAJC157*004# TAJB227M004# TAJC227*004# TAJD227*004# TAJC337*004# TAJD337*004# TAJD477*004# TAJE477*004# TAJD687*004# TAJE687*004# TAJE108*004# TAJV108*004# TAJE158*004# TAJV158M004# TAJA106*006# TAJA156*006# TAJA226*006# TAJA336*006# TAJA476*006# TAJB476*006# TAJC476*006# TAJB686*006# TAJC686*006# TAJB107*006# TAJC107*006# TAJC157*006# TAJD157*006# TAJC227*006# TAJD227*006# TAJE227*006# TAJD337*006# TAJE337*006# TAJD477*006# TAJE477*006# TAJV477*006#
A A B B B D D C D D E D E E V A A B B B C B C D C D D E D E E V E V A A A A A B C B C B C C D C D E D E D E V
47 68 100 150 220 220 330 470 470 680 680 1000 1000 1500 1500 33 47 68 100 150 150 220 220 220 330 330 470 470 680 680 1000 1000 1500 1500 10 15 22 33 47 47 47 68 68 100 100 150 150 220 220 220 330 330 470 470 470
2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3
0.9 1.4 2.5 3 4.4 5.5 8.2 9.4 11.6 17 17 25 20 37 30 1.3 1.9 2.7 4 6 6 8.8 8.8 8.8 13.2 13.2 18.8 18.8 27.2 27.2 40 40 60 60 0.6 0.9 1.4 2.1 2.8 3 3 4 4.3 6.3 6.3 9.5 9.5 13.9 13.9 13.9 20.8 20.8 28 28 28
6 8 8 10 16 8 8 12 8 16 10 20 14 20 20 6 8 6 8 8 6 12 8 8 8 8 12 10 14 14 14 16 30 30 6 6 6 8 10 6 6 8 6 10 6 6 6 8 8 8 8 8 12 10 10
3 1.5 1.4 1.6 1.6 0.3 0.3 0.2 0.2 0.2 0.2 0.2 0.4 0.2 0.2 3 2.6 1.8 0.9 1.5 0.3 1.1 1.2 0.9 0.9 0.9 0.9 0.5 0.5 0.9 0.4 0.4 0.2 0.2 4 3.5 3 2.5 1.6 2 1.6 0.9 1.5 1.7 0.9 1.3 0.9 1.2 0.9 0.9 0.4 0.4 0.4 0.4 0.4
TAJE687*006# TAJV687*006# TAJV108M006# TAJA475*010# TAJA685*010# TAJA106*010# TAJA156*010# TAJB156*010# TAJA226*010# TAJB226*010# TAJB336*010# TAJC336*010# TAJB476*010# TAJC476*010# TAJB686*010# TAJC686*010# TAJB107M010# TAJC107*010# TAJD107*010# TAJC157*010# TAJD157*010# TAJE157*010# TAJD227*010# TAJE227*010# TAJD337*010# TAJE337*010# TAJV337*010# TAJE477*010# TAJV477*010# TAJA225*016# TAJA335*016# TAJB335*016# TAJA475*016# TAJB475*016# TAJA685*016# TAJB685*016# TAJA106*016# TAJB106*016# TAJC106*016# TAJA156M016# TAJB156*016# TAJC156*016# TAJB226*016# TAJC226*016# TAJD226*016# TAJB336*016# TAJC336*016# TAJD336*016# TAJC476*016# TAJD476*016# TAJC686*016# TAJD686*016# TAJD107*016# TAJE107*016# TAJD157*016#
E V V A A A A B A B B C B C B C B C D C D E D E D E V E V A A B A B A B A B C A B C B C D B C D C D C D D E D
680 680 1000 4.7 6.8 10 15 15 22 22 33 33 47 47 68 68 100 100 100 150 150 150 220 220 330 330 330 470 470 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 10 10 15 15 15 22 22 22 33 33 33 47 47 68 68 100 100 150
6.3 6.3 6.3 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16
42.8 42.8 63 0.5 0.7 1 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 10 10 15 15 15 22 22 33 33 33 47 47 0.5 0.5 0.5 0.8 0.8 1.1 1.1 1.6 1.6 1.6 2.4 2.4 2.4 3.5 3.5 3.5 5.3 5.3 5.3 7.5 7.5 10.9 10.9 16 16 24
10 10 16 6 6 6 6 6 8 6 6 6 8 6 6 6 8 8 6 8 6 8 8 8 8 8 10 10 10 6 6 6 6 6 6 6 8 6 6 6 6 6 6 6 6 8 6 6 6 6 6 6 6 6 6
0.5 0.5 0.4 5 4 3 3.2 2.8 3 2.4 1.8 1.6 1 1.2 1.4 1.3 1.4 1.2 0.9 0.9 0.9 0.9 0.5 0.5 0.9 0.9 0.9 0.5 0.5 6.5 5 4.5 4 3.5 3.5 2.5 3 2.8 2 2 2.5 1.8 2.3 1.6 1.1 2.1 1.5 0.9 1.4 0.9 1.3 0.9 0.9 0.9 0.9
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. *Insert K for 10% and M for 20% Capacitance Tolerance # Standard Plating - Insert R for 7" reel and S for 13" reel # Gold Plating - Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
7
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. () @100kHz AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. () @100kHz
TAJE157*016# TAJV157*016# TAJE227*016# TAJV227*016# TAJA105*020# TAJA155*020# TAJA225*020# TAJB225*020# TAJA335*020# TAJB335*020# TAJA475*020# TAJB475*020# TAJA685*020# TAJB685*020# TAJC685*020# TAJB106*020# TAJC106*020# TAJB156*020# TAJC156*020# TAJB226*020# TAJC226*020# TAJD226*020# TAJC336*020# TAJD336*020# TAJC476*020# TAJD476*020# TAJE476*020# TAJD686*020# TAJE686*020# TAJD107*020# TAJE107*020# TAJV107*020# TAJE157*020# TAJV157*020# TAJA474*025# TAJA684*025# TAJA105*025# TAJA155*025# TAJB155*025# TAJA225*025# TAJB225*025# TAJA335*025# TAJB335*025# TAJB475*025# TAJB685*025# TAJC685*025# TAJC106*025# TAJD106*025# TAJC156*025# TAJD156*025# TAJC226*025# TAJD226*025# TAJD336*025# TAJE336*025# TAJD476*025# TAJE476*025# TAJE686*025# TAJV686*025# TAJV107*025# TAJA104*035#
E V E V A A A B A B A B A B C B C B C B C D C D C D E D E D E V E V A A A A B A B A B B B C C D C D C D D E D E E V V A
150 150 220 220 1 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 6.8 10 10 15 15 22 22 22 33 33 47 47 47 68 68 100 100 100 150 150 0.47 0.68 1 1.5 1.5 2.2 2.2 3.3 3.3 4.7 6.8 6.8 10 10 15 15 22 22 33 33 47 47 68 68 100 0.1
16 16 16 16 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 35
24 24 35.2 35.2 0.5 0.5 0.5 0.5 0.7 0.7 0.9 0.9 1.4 1.4 1.4 2 2 3 3 4.4 4.4 4.4 6.6 6.6 9.4 9.4 9.4 13.6 13.6 20 20 20 30 30 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.8 0.8 1.2 1.7 1.7 2.5 2.5 3.8 3.8 5.5 5.5 8.3 8.3 11.8 11.8 17 17 25 0.5
8 8 10 8 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 4
0.3 0.5 0.5 0.9 9 6.5 5.3 3.5 4.5 3 4 3 2.5 2.5 2 2.1 1.9 2 1.7 1.8 1.6 0.9 1.5 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.3 0.5 14 10 8 7.5 5 7 4.5 3.7 3.5 2.8 2.8 2 1.8 1.2 1.6 1 1.4 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.4 24
TAJA154*035# TAJA224*035# TAJA334*035# TAJA474*035# TAJB474*035# TAJA684*035# TAJB684*035# TAJA105*035# TAJB105*035# TAJA155*035# TAJB155*035# TAJC155*035# TAJA225*035# TAJB225*035# TAJC225*035# TAJB335*035# TAJC335*035# TAJB475*035# TAJC475*035# TAJD475*035# TAJC685*035# TAJD685*035# TAJC106*035# TAJD106*035# TAJE106*035# TAJC156*035# TAJD156*035# TAJD226*035# TAJE226*035# TAJD336*035# TAJE336*035# TAJV336*035# TAJE476*035# TAJV476*035# TAJV686M035# TAJA104*050# TAJA154*050# TAJB154*050# TAJA224*050# TAJB224*050# TAJB334*050# TAJB474*050# TAJC474*050# TAJB684*050# TAJC684*050# TAJB105*050# TAJC105*050# TAJC155*050# TAJD155*050# TAJC225*050# TAJD225*050# TAJC335*050# TAJD335*050# TAJD475*050# TAJD685*050# TAJD106*050# TAJE106*050# TAJE156*050# TAJV226*050#
A A A A B A B A B A B C A B C B C B C D C D C D E C D D E D E V E V V A A B A B B B C B C B C C D C D C D D D D E E V
0.15 0.22 0.33 0.47 0.47 0.68 0.68 1 1 1.5 1.5 1.5 2.2 2.2 2.2 3.3 3.3 4.7 4.7 4.7 6.8 6.8 10 10 10 15 15 22 22 33 33 33 47 47 68 0.1 0.15 0.15 0.22 0.22 0.33 0.47 0.47 0.68 0.68 1 1 1.5 1.5 2.2 2.2 3.3 3.3 4.7 6.8 10 10 15 22
35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 1.2 1.2 1.2 1.6 1.6 2.4 2.4 3.5 3.5 3.5 5.3 5.3 7.7 7.7 11.6 11.6 11.6 16.5 16.5 23.8 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.1 1.1 1.7 1.7 2.4 3.4 5 5 7.5 11
4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 4 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 8
21 18 15 12 10 8 8 7.5 6.5 7.5 5.2 4.5 4.5 4.2 3.5 3.5 2.5 3.1 2.2 1.5 1.8 1.3 1.6 1 0.9 1.4 0.9 0.9 0.9 0.9 0.9 500 0.9 0.4 0.5 22 15 17 18 14 12 9.5 8 8 7 7 5.5 4.5 4 3 2.5 2.5 2 1.4 1 0.8 1 0.6 0.6
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. * Insert K for 10% and M for 20% Capacitance Tolerance # Standard Plating - Insert R for 7" reel and S for 13" reel # Gold Plating - Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
8


▲Up To Search▲   

 
Price & Availability of TAJE227M016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X