Part Number Hot Search : 
FRS110G 30201103 NCP5393 B5942 M190EG01 A1574T MEFJD 04B22AD
Product Description
Full Text Search
 

To Download SKN450XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRSM VRRM V 400 800 1200 1400 1600 1800 2000 2200 2400
IFAV (sin. 180; Tcase = 85 C) 500 A - - - - - SKN 450/18 SKN 450/20 SKN 450/22 - 720 A SKN 501/04 SKN 501/08 SKN 501/12 SKN 501/14 SKN 501/16 SKN 501/18 - - - 1110 A SKN 870/04 - SKN 870/12 - SKN 870/16 - - - SKN 870/24
Rectifier Diodes SKN 450 SKN 501 SKN 870
Symbol Conditions IFAV IFSM i2t sin. 180; DSC; (Tcase = . . .) Tvj = 25 C; 10 ms Tvj max. ; 10 ms Tvj = 25 C; 8,3 . . . 10 ms Tvj max. ; 8,3 . . . 10 ms Tvj =140 C; I = 500 A; FM A diF = 10 - dt s typ. Tvj = 25 C; VR = VRRM Tvj max ; VR = VRRM Tvj = 25 C; (IF = . . .); max. Tvj max. Tvj max.
SKN 450 450 A (95 C) 6 000 A 5 000 A 180 000 A2s 125 000 A2s 700 C 60 A
SKN 501 500 A (125 C) 7 000 A 6 000 A 245 000 A2s 180 000 A2s 600 C 30 A
SKN 870 870 A (105 C) 13 000 A 10 500 A 850 000 A2s 550 000 A2s 2000 C 100 A Features * Reverse voltages up to 3000 V * Capsule type metal-ceramic packages with precious metal pressure contacts * Contact diameters 19 and 32 mm Typical Applications * All-purpose high power rectifier diodes * SKN 870: High voltage grades available for industrial high power drives and medium traction applications * Cooling via heatsinks (double or single sided) * Non-controllable and half-controllable rectifiers * Free-wheeling diodes
Qrr IRM IR
2 mA 20 mA 1,8 V (1500 A) 0,85 V 0,7 m
2 mA 50 mA 1,65 V (1500 A) 0,80 V 0,6 m
4 mA 40 mA 1,85 V (3000 A) 0,85 V 0,33 m
VF V(TO) rT Rthjc Rthch Tvj Tstg F w RC Rp Case
DSC/SSC (Double-sided cooling/single sided cooling)
0,033/ 0,066 C/W 0,02/0,04 C/W 0,007/ 0,014 C/W - 40 ... + 150 C - 40 ... + 180 C - 40 ... + 150 C - 40 ... + 150 C - 40 ... + 180 C - 40 ... + 150 C 4 ... 5 kN 900 ... 1100 lbs. 51 g 1 F + 20 25 k E 18 E 19 13,5 ... 16,5 kN 3000 ... 3500 lbs. 230 g
0,075/0,15 C/W
SI units US units approx. PR = 2 W PR = 20 W
www..com
(c) by SEMIKRON
www..com
B 8 - 29
www..com
B 8 - 30
(c) by SEMIKRON
(c) by SEMIKRON
B 8 - 31
B 8 - 32
(c) by SEMIKRON
SKN 320 SKR 320 Case E 16 IEC: A 22 B DIN 41 888: 107 B
SKN 400 Case E 17 IEC: A 22 B DIN 41 888: 107 B 2
SKN 450 SKN 501 Case E 18 DIN 41 814: 151 A 2 JEDEC: DO-200 AA
SKN 870 Case E 19 DIN 41 814: 153 C 2 JEDEC: DO-200 AB
Dimensions in mm
B 8 - 28 0898 (c) by SEMIKRON


▲Up To Search▲   

 
Price & Availability of SKN450XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X