Part Number Hot Search : 
NJM3404A RM807 89C51R HCS412 KIA3844 6MPA5 KIA3844 MOC3022
Product Description
Full Text Search
 

To Download SBU10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBU10A~SBU10M
SILICON SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE
FEATURES
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O * Ideal for printed circuit board * Reliable low cost construction ulilizing molded pastic technique. * High temperature soldering guaranteed: 260C/10 seconds/.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension * In compliance with EU RoHS 2002/95/EC directives
50 to 1000 Volts
CURRENT
10.0 Amperes
MECHANICAL DATA
* Case: Reliable low cost construction utilizing * molded plastic technique * Terminals: Leads solderable per MIL-STD-750, Method 2026 * Mounting position: Any * Mounting torque: 5 in. lb. Max. * Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%.
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward TC =100 O C Rectified Output Current at TA =40 O C I2 t Rating for fusing ( t<8.3ms) Peak Forward Surge Current single sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at10.0A Maximum Reverse Leakage Current at Rated @ TA =25O C Dc Blocking Voltage @ TA =100O C Typical Thermal Resistance per leg (Note 2) Typical Thermal Resistance per leg (Note 3) Operating Junction and Storage Temperature Range
SYMBOL SBU10A SBU10B SBU10D SBU10G SBU10J SBU10K SBU10M UNITS VR R M VR M S VD C IF (A V ) I2 t IF S M VF IR RJ A RJ C TJ ,TS T G
50 35 50 100 70 100 200 140 200 400 280 400 10.0 8.0 373 300 0.98 3.0 1000 14.0 2.5 -55 to + 150
O
600 420 600
800 560 800
1000 700 1000
V V V A A 2 se c A pk V pk uA C/W
O
C
NOTES: 1. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw. 2. Units Mounted in free air, no heatsink, P.C.B at 0.375"(9.5mm) lead length with 0.5 x 0.5"(12 x 12mm)copper pads. 3. Units Mounted on a 2.0 x 1.6" x 0.3" thick (5 x 4 x 0.8cm) AL plate.
STAD-JAN.29.2007
PAGE . 1
SBU10A~SBU10M
100 10
HEAT-SINK MOUNTING T C
INSTANTANEO US FORWARD CURRENT AMPERES
AVERA GE FORWA RD CURRE NT AMPER ES
40 20 10 4 2 1 0.4 0.2 0.1 0.5 0.7 0.8 0.9 1.0 1.1 1.2 1.3
T J=25 OC Pulse Width=300ms 1% Duty Cycle
8
4
2
60Hz RESISTIVE OR INDUCTIVE LOAD MOUNTED ON 4x4 INCH COPPER PC BOARD T A 0.5 ,, (12.7mm) LEAD LENGTHS
0 0 50 100 150 TEMPERATURE, OC
INSTANTANEOUS FORWARD VOLTAGE FIG. 2-TYPICAL INSTANTANEOUS FORWARD CHATACTERISTICS PER ELECMENT
FIG. 1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
INSTANEOUS REVERSE, CURRENT(A)
10 300
PEAK FORWARD SURGE CURRENT AMPERES
T J =100 C
O
250
SINGLE SINE-WAVE JEDEC METHOD T J=150 OC
1.0
200 150 100 50 0 0 2 5 10
0.1
T J =25 C
O
0.01
0
20
40
60
80
100
120 140
20
50
100
PERCENT OF PEAK REVERSE VOLTAGE,(%) FIG. 3-TYPICAL REVERSE CHARACTERISTISTICS
NUMBER OF CYCLES AT 60Hz
FIG. 4-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
JUNCTION CAPACITANCE,(pF)
400
T J =25 C
O
100
f=1MHz Vsig=50m V P-P
50
10 1 5 50 100 REVERSE VOLTAGE, VOLTS
FIG. 5-TYPICAL JUNCTJION CAPACITANCE PER ELEMENNT
STAD-JAN.29.2007
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SBU10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X