Part Number Hot Search : 
PSVT9012 200BZ 101001 SMAB3608 PI49FCT 2SC36 SDR2KSMS LTC36
Product Description
Full Text Search
 

To Download SA58 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
TVS Device Load Uni-Polar TVS Device Load
Description
Mechanical Dimensions
JEDEC 204-AC
.120 .140 .240 .255 1.00 Min.
SA5.0...170
.031 typ.
Bi-Polar
Features
n 500 WATT PEAK POWER PROTECTION n EXCELLENT CLAMPING CAPABILITY n FAST RESPONSE TIME n TYPICAL IR < 1A ABOVE 10V n GLASS PASSIVATED CHIP CONSTRUCTION n MEETS UL SPECIFICATION 94V-0
SA5.0...170 Maximum Ratings Peak Power Dissipation...PPK TP = 1ms (Note 5) Steady State Power Dissipation...PD @ TL = 75C ......................................... 500 Min. .......................................... ............................................. 1 ...............................................
Units
Watts Watts Amps
............................................. 7 0 ............................................... Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 8.3 ms, 1/2 Sine Wave, Single Phase (Note 3) Forward Voltage @ 50A...VF (Undirectional Only) Weight...G RM Soldering Requirements (Time & Temp)...ST @ 300C Operating & Storage Temperature Range...TJ, TSTRG NOTES: 1. 2. 3. 4. 5. ............................................. 3.5 ............................................... ............................................. 0.4 ...............................................
Volts Grams
............................................. 10 Sec. ........................................... Min. to Solder ......................................... -55 to 175 .......................................... C
For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions. Lead Length .375 Inches. 8.3 ms, 1/2 Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum. VBR Measured After IT Applies for 300 s. I T = Square Wave Pulse or Equivalent. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above TA = 25C per Fig. 2.
Page 11-6
Data Sheet
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
Fig. 1 Pulse Rating Curve
Peak Pulse Power (kW)
Non-Repetitive Pulse Waveform shown Fig. 3 TA = 25oC
Pulse 1/2 Wave Square Wave
Pulse Width Fig. 2 Pulse Derating Curve Steady State Power (W)
Fig. 5 Steady State Power Derating
Peak Pulse Percentage
Ambient Temperature (C) Fig. 3 Pulse Waveform
tr = 10s
Lead Temperature (C)
Peak Pulse Current
100
Peak Value I PPM
Peak Forward Surge Current (A)
Fig. 6 Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine Wave JEDEC Method
50
Pulse Width is defined as that point where the Peak Current decays to 50% of IPPM
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load.
0
1.0
2.0 Time (ms)
3.0
4.0
Number of Cycles @ 60 Hz
For Capacitive Load, Derate Current by 20%.
Page 11-7
SA5.0 ...170
Data Sheet
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
Working Peak Reverse Voltage VRWM (V) Maximum Reverse Leakage @ VPPM IR (A) Peak Pulse Current IPPM (A) (Note 2) Maximum Clamping Voltage @ IPPM VC (V) Maximum Temperature Coefficient of VBR % /C
SA5.0...170
DEVICE
Breakdown Voltage VBR Volts (Note 1) Min. Max. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.90 9.83 11.50 10.40 12.20 11.10 13.60 12.30 14.90 13.50 16.30 14.70 17.60 15.90 19.10 17.20 20.40 18.50 21.80 19.70 23.10 20.90 24.40 22.10 27.10 24.50 29.80 26.90 32.60 29.50 35.30 31.90 @ IT (mA) 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00
600 600 600 600 400 400 150 150 50.00 50.00 25.00 25.00 10.00 10.00 5.00 5.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
52.00 54.30 43.90 48.50 40.70 44.70 37.80 41.70 35.00 38.80 33.30 36.70 31.40 34.70 29.50 32.50 26.60 29.40 24.90 27.40 22.70 25.10 21.00 23.20 19.40 21.50 18.80 20.60 17.60 19.20 16.40 18.10 15.50 17.20 13.90 15.40 12.70 14.10 11.60 12.80 10.70 11.90
9.60 9.20 11.40 10.30 12.30 11.20 13.30 12.00 14.30 12.90 15.00 13.60 15.90 14.40 16.90 15.40 18.80 17.00 20.10 18.20 22.00 19.90 23.80 21.50 25.80 23.20 26.90 24.40 28.80 26.00 30.50 27.60 32.20 29.20 35.80 32.40 39.40 35.50 43.00 38.90 46.60 42.10
5.00 5.00 5.00 5.00 5.00 5.00 6.00 6.00 7.00 7.00 7.00 7.00 8.00 8.00 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 16.00 16.00 19.00 17.00 20.00 19.00 21.00 20.00 25.00 23.00 28.00 25.00 31.00 28.00 31.00 30.00
Page 11-8
Data Sheet
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
DEVICE
VBR Volts (Note 1) Min. Max. 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 38.00 34.40 40.70 36.80 44.90 40.60 48.90 44.20 54.30 49.10 58.40 52.80 61.10 55.30 65.10 58.90 69.30 62.70 73.30 66.30 78.70 71.20 81.50 73.70 86.90 78.60 95.00 86.00 102.00 92.10 106.00 95.80 115.00 104.00 122.00 111.00 136.00 123.00 149.00 135.00 163.00 147.00 176.00 159.00 204.00 185.00 218.00 197.00 231.00 209.00
@ IT (mA) 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A
28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00
1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
9.90 11.00 9.30 10.30 8.60 9.40 7.80 8.60 7.00 7.80 6.50 7.20 6.20 6.90 5.80 6.50 5.50 6.10 5.20 5.70 4.90 5.30 4.70 5.20 4.40 4.90 4.00 4.40 3.70 4.10 3.60 4.00 3.30 3.60 3.10 3.40 2.80 3.10 2.60 2.80 2.30 2.00 2.20 2.40 1.90 2.10 1.70 1.90 1.60 1.80
50.10 45.40 53.50 48.40 59.00 53.30 64.30 58.10 71.40 64.50 76.70 69.40 80.30 72.70 85.50 77.40 91.10 82.40 96.30 87.10 103.00 93.60 107.00 96.80 114.00 103.00 125.00 113.00 134.00 121.00 139.00 126.00 151.00 137.00 160.00 146.00 179.00 162.00 196.00 177.00 214.00 193.00 231.00 209.00 268.00 243.00 287.00 259.00 304.00 275.00
35.00 31.00 39.00 36.00 42.00 39.00 46.00 41.00 51.00 46.00 55.00 50.00 58.00 52.00 63.00 56.00 66.00 61.00 71.00 65.00 78.00 70.00 80.00 71.00 86.00 75.00 94.00 85.00 101.00 91.00 105.00 95.00 114.00 103.00 121.00 110.00 135.00 123.00 148.00 133.00 162.00 145.00 175.00 158.00 203.00 184.00 217.00 196.00 230.00 208.00
Page 11-9
SA5.0 ...170
Breakdown Voltage
Working Peak Reverse Voltage VRWM (V)
Maximum Reverse Leakage @ VRWM IR (A)
Peak Pulse Current IPPM (A) (Note 2)
Maximum Clamping Voltage @ IPPM VC (V)
Maximum Temperature Coefficient of VBR % / C


▲Up To Search▲   

 
Price & Availability of SA58

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X