Part Number Hot Search : 
CRBV5 C8950 MC68HC9 SY5PA SC1152 03994 2SK12 P5630
Product Description
Full Text Search
 

To Download PS21963 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PS21963, PS21963-A, PS21963-C
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
IntellimodTM Module
Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
R
O
A D N
DD K P X K DETAIL "B" F EH J C L
EE
17 16 15 14 13 12 11 10 9 8 7 6
5
4
3
2
1
PS21963 / PS21963-A DD EE
PS21963-C
DETAIL "A"
V G E M HEATSINK SIDE
DD PS21963-C
R
O
A D N
P
X
K
C L DETAIL "B" W Y
DETAIL "B"
17 16 15 14 13 12 11 10 9 8 7 6
5
4
3
2
1
E FF B Q G E
H
J
W
DETAIL "A" GG
18 19 20 21
PS21963 PS21963-A
22 23 24 25
M HEATSINK SIDE Y PS21963 / PS21963-A
R U P
S Z P
T W Y W
AA (PS21963-A) BB (PS21963 / PS21963-C) HEATSINK SIDE CC
1 2 3 4 5 (VNC) 6 VUFB 7 VVFB 8 VWFB 9 UP 10
TERMINAL CODE
VP WP VP1 VNC UN 11 12 13 14 15 VN WN VN1 FO CIN 16 17 18 19 20 VNC VNO NC NC N 21 22 23 24 25 W V U P NC
Y PS21963-C DETAIL "A"
Description: DIP-IPMs are intelligent power modules that integrate power devices, drivers, and protection circuitry in an ultra compact dual-in-line transfer-mold package for use in driving small three phase motors. Use of 5th generation IGBTs, DIP packaging, and application specific HVICs allow the designer to reduce inverter size and overall design time. Features: Compact Packages Single Power Supply Integrated HVICs Direct Connection to CPU Reduced Rth Applications: Refrigerators Air Conditioners Small Servo Motors Small Motor Control Ordering Information: PS21963 is a 600V, 10 Ampere short pin DIP Intelligent Power Module. PS21963-A - long pin type PS21963-C - zigzag pin type
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L M N O P Q Inches 1.500.02 0.940.02 0.14 1.40 0.570.02 0.740.02 1.150.02 0.14 0.13 0.016 0.060.02 0.031 1.390.019 0.070.008 0.02 0.47 Millimeters 38.00.5 24.00.5 3.5 35.56 14.40.5 18.90.5 29.20.5 3.5 3.3 0.4 1.50.05 0.8 35.00.3 1.7780.2 0.5 12.0 Dimensions R S T U V W X Y Z AA BB CC DD EE FF GG Inches 0.011 0.12 0.024 0.10.008 1.330.02 0.03 0.04 0.05 1.40 0.550.02 0.370.02 0.220.02 0 ~ 5 0.06 MIN. 0.05 0.063 Rad. Millimeters 0.28 3.08 0.6 2.540.2 33.70.5 0.678 1.0 1.2 35.56 14.00.5 9.50.5 5.50.5 0 ~ 5 1.5 Min. 1.2 1.6 Rad.
1
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21963, PS21963-A, PS21963-C IntellimodTM Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
Absolute Maximum Ratings, Tj = 25C unless otherwise specified
Characteristics Power Device Junction Temperature* Storage Temperature Case Operating Temperature (Note 1) Mounting Torque, M3 Mounting Screws Module Weight (Typical) Heatsink Flatness (Note 2) Self-protection Supply Voltage Limit (Short Circuit Protection Capability)** Isolation Voltage, AC 1 minute, 60Hz Sinusoidal, Connection Pins to Heatsink Plate Symbol Tj Tstg TC -- -- -- VCC(prot.) VISO PS21963, PS21963-A PS21963-C -20 to 150 -40 to 125 -20 to 100 6 10 -50 to 100 400 1500 Units C C C in-lb Grams m Volts Volts
*The ma ximum junction temperature rating of the power chips integrated within the DIP-IPM is 150C (@TC 100C). However, to ensure safe operation of the DIP-IPM, the average junction temperature should be limited to Tj(avg) 125C (@TC 100C). **VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125C, Non-repetitive, Less than 2s
IGBT Inverter Sector
Collector-Emitter Voltage Each Collector Current, (TC = 25C) Each Peak Collector Current, (TC = 25C, Less than 1ms) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation (TC = 25C, per 1 Chip) VCES IC ICP VCC VCC(surge) PC 600 10 20 450 500 27 Volts Amperes Amperes Volts Volts Watts
Control Sector
Supply Voltage (Applied between VP1-VNC, VN1-VNC) Supply Voltage (Applied between VUFB-U, VVFB-V, VWFB-W) Input Voltage (Applied between UP, VP, WP-VNC, UN, VN, WN-VNC) Fault Output Supply Voltage (Applied between FO-VNC) Fault Output Current (Sink Current at FO Terminal) Current Sensing Input Voltage (Applied between CIN-VNC) VD VDB VIN VFO IFO VSC 20 20 -0.5 ~ VD+0.5 -0.5 ~ VD+0.5 1 -0.5 ~ VD+0.5 Volts Volts Volts Volts mA Volts
Note 1 - TC Measure Point
CONTROL TERMINALS DIP-IPM
Note 2 - Flatness Measurement Position
MEASUREMENT POINT 11.6mm 3.0mm +- 4.6mm
IGBT CHIP FWDi CHIP POWER TERMINALS
TC POINT HEATSINK HEATSINK SIDE - +
PLACE TO CONTACT A HEATSINK HEATSINK
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21963, PS21963-A, PS21963-C IntellimodTM Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
IGBT Inverter Sector
Collector-Emitter Saturation Voltage Diode Forward Voltage Inductive Load Switching Times VCE(sat) VEC ton trr tC(on) toff tC(off) Collector Cutoff Current ICES VCE = VCES, Tj = 25C VCE = VCES, Tj = 125C VCC = 300V, VD = VDB = 15V, IC = 10A, Tj = 125C, VIN = 0 5V, Inductive Load, VD = VDB = 15V, IC = 10A, VIN = 5V, Tj = 25C VD = VDB = 15V, IC = 10A, VIN = 5V, Tj = 125C -IC = 10A, VIN = 0V -- -- -- 0.60 -- -- -- -- -- -- 1.70 1.80 1.70 1.10 0.30 0.40 1.50 0.50 -- -- 2.20 2.30 2.20 1.70 -- 0.60 2.10 0.80 1.0 10 Volts Volts Volts S S S S S mA mA
Control Sector
Circuit Current VD = VDB = 15V VIN = 0V Fault Output Voltage Input Current Short Circuit Trip Level* Supply Circuit Under-voltage VFOH VFOL IIN VSC(ref) UVDBt UVDBr UVDt UVDr Fault Output Pulse Width** ON Threshold Voltage OFF Threshold Voltage ON/OFF Threshold Hysteresis Voltage tFO Vth(on) Vth(off) Vth(hys) Applied between UP, VP, WP-VNC, UN, VN, WN-VNC ID VIN = 5V Total of VP1-VNC, VN1-VNC VUFB-U, VVFB-V, VWFB-W Total of VP1-VNC, VN1-VNC VUFB-U, VVFB-V, VWFB-W VSC = 0V, FO Terminal Pull-up to 5V by 10k VSC = 1V, IFO = 1mA VIN = 5V VD = 15V* Trip Level, Tj 125C Reset Level, Tj 125C Trip Level, Tj 125C Reset Level, Tj 125C -- -- -- -- 4.9 -- 0.70 0.43 10.0 10.5 10.3 10.8 20 -- 0.8 0.35 -- -- -- -- -- -- 1.00 0.48 -- -- -- -- -- 2.1 1.3 0.65 2.80 0.55 2.80 0.55 -- 0.95 1.50 0.53 12.0 12.5 12.5 13.0 -- 2.6 -- -- mA mA mA mA Volts Volts mA Volts Volts Volts Volts Volts s Volts Volts Volts
* Short Circuit protection is functioning only for the low-arms. Please select the value of the external shunt resistor such that the SC trip level is less than 1.7 times the current rating. **Fault signal is asserted only for a UV or SC condition on the low side. On a SC fault the FO duration will be 20sec. On a UV condition the fault signal will be asserted as long as the UV condition exists or for 20sec, whichever is longer.
3
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21963, PS21963-A, PS21963-C IntellimodTM Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
Thermal Characteristics
Characteristic Junction to Case Symbol Rth(j-c)Q Rth(j-c)D Condition Inverter IGBT (Per 1/6 Module) Inverter FWDi (Per 1/6 Module) Min. -- -- Typ. -- -- Max. 3.7 4.5 Units C/Watt C/Watt
Recommended Conditions for Use
Characteristic Supply Voltage Control Supply Voltage VD VDB Control Supply Variation Arm Shoot-through Blocking Time Output r.m.s. Current* IO IO Allowable Minimum Input Pulse Width** VNC Voltage Variation dVD, dVDB tDEAD fPWM = 5kHZ fPWM = 15kHZ PWIN(on) PWIN(off) VNC Between VNC-N (Including Surge) For Each Input Signal, TC 100C VCC = 300V, VD = VDB = 15V, P.F. = 0.8, Sinusoidal PWM, Tj 100C, TC 100C 0.5 0.5 -5.0 -- -- -- -- -- 5.0 s s Volts Symbol VCC Condition Applied between P-N Terminals Applied between VP1-VNC, VN1-VNC Applied between VUFB-U, VVFB-V, VWFB-W -1 1.5 -- -- -- -- -- -- 1 -- 5.0 3.0 V/s s Arms Arms Min. 0 13.5 13.0 Typ. 300 15.0 15.0 Value 400 16.5 18.5 Units Volts Volts Volts
*The allowable r.m.s. current also depends on the actual application conditions. **DIP-IPM might not make response or work properly if the input signal plus width is less than the recommended minimum value.
OUTPUT CHARACTERISTICS (TYPICAL - INVERTER PART)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL - INVERTER PART)
COLLECTOR-EMITTER SATURATION VOLTAGE VS. SUPPLY VOLTAGE CHARACTERISTICS (TYPICAL - INVERTER PART)
25
COLLECTOR CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
Tj = 25C
3.0
15
2.0 1.8 1.6
IC = 6A IC = 10A
20
VD = 16.5V
2.5 2.0 1.5 1.0 0.5 0
VD = 15V Tj = 25C Tj = 125C
15 10 5 0
13.5
1.4
IC = 3A
1.2 1.0 0.8 13
Tj = 25C Tj = 125C
0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
14
15
16
17
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
COLLECTOR-CURRENT, IC, (AMPERES)
SUPPLY VOLTAGE, VD, (VOLTS)
4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21963, PS21963-A, PS21963-C IntellimodTM Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL - INVERTER PART)
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL - INVERTER PART N-SIDE)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL - INVERTER PART N-SIDE)
25
COLLECTOR CURRENT, -IC, (AMPERES)
102
20 15 10 5 0
VD = 15V Tj = 25C Tj = 125C
REVERSE RECOVERY TIME, trr, (ns)
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
103
101
102
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
0
0.5
1.0
1.5
2.0
2.5
3.0
100 100
101
COLLECTOR CURRENT, -IC, (AMPERES)
102
101 100
101
COLLECTOR CURRENT, -IC, (AMPERES)
102
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL - INVERTER PART P-SIDE)
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL - INVERTER PART P-SIDE)
SWITCHING LOSS (ON) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART N-SIDE)
102
SWITCHING LOSS, PSW(on), (mJ/PULSE)
REVERSE RECOVERY TIME, trr, (ns)
VCC = 300V VCIN = 0 5V VD = VDB = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
103
VCC = 300V VCIN = 0 5V VD = VDB = 15V
101
100
101
102
10-1
Tj = 25C Tj = 125C INDUCTIVE LOAD
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
100 100
101
COLLECTOR CURRENT, -IC, (AMPERES)
102
101 100
101
COLLECTOR CURRENT, -IC, (AMPERES)
102
10-2 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
SWITCHING LOSS (OFF) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART N-SIDE)
SWITCHING LOSS (ON) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART P-SIDE)
SWITCHING LOSS (OFF) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART P-SIDE)
101
SWITCHING LOSS, PSW(off), (mJ/PULSE) SWITCHING LOSS, PSW(on), (mJ/PULSE)
101
SWITCHING LOSS, PSW(off), (mJ/PULSE)
101
100
100
100
10-1
10-2 100
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
10-1
101
COLLECTOR CURRENT, IC, (AMPERES)
10-2 100
VCC = 300V VCIN = 0 5V VD = VDB = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
10-1
101
COLLECTOR CURRENT, IC, (AMPERES)
102
10-2 100
VCC = 300V VCIN = 0 5V VD = VDB = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
101
COLLECTOR CURRENT, IC, (AMPERES)
102
5
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21963, PS21963-A, PS21963-C IntellimodTM Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
SWITCHING TIME (ON) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART N-SIDE) SWITCHING TIME (OFF) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART N-SIDE) SWITCHING TIME (ON) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART P-SIDE)
104
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
104
104
VCC = 300V VCIN = 0 5V VD = VDB = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
SWITCHING TIME, ton, (ns)
SWITCHING TIME, toff, (ns)
103
103
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
SWITCHING TIME, ton, (ns)
103
102 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
102 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
102 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
SWITCHING TIME (OFF) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART P-SIDE)
SWITCHING TIME (ON) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART N-SIDE)
SWITCHING TIME (OFF) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART N-SIDE)
104
103
103
SWITCHING TIME, tc(on), (ns)
103
VCC = 300V VCIN = 0 5V VD = VDB = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
102
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
SWITCHING TIME, tc(off), (ns)
SWITCHING TIME, toff, (ns)
102
VCC = 300V VCIN = 0 5V VD = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
102 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
101 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
101 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
SWITCHING TIME (ON) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART P-SIDE)
SWITCHING TIME (OFF) VS. COLLECTOR CURRENT (TYPICAL - INVERTER PART P-SIDE)
103
103
SWITCHING TIME, tc(on), (ns)
102
VCC = 300V VCIN = 0 5V VD = VDB = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
SWITCHING TIME, tc(off), (ns)
102
VCC = 300V VCIN = 0 5V VD = VDB = 15V Tj = 25C Tj = 125C INDUCTIVE LOAD
101 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
101 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
6


▲Up To Search▲   

 
Price & Availability of PS21963

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X