Part Number Hot Search : 
N3501 M3500 0512T SFH464 C1004 54LS1 46000 TA7061
Product Description
Full Text Search
 

To Download PS106RS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PS100RS~PS1010RS
FAST RECOVERY PLASTIC RECTIFIER VOLTAGE
FEATURES
* High current capability.
1.0(25.4)MIN.
50 to 1000 Volts
CURRENT
1.0 Amperes
A-405
Unit: inch(mm)
.025(.64) .021(.53)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Low leakage. * Exceeds environmental standards of MIL-S-19500/228 * Fast switching for high efficiency.
.205(5.2)
* Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
.160(4.1)
MECHANICALDATA
Case: Molded plastic, A-405 Terminals: Axial leads, solderable to MIL-STD-202,Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.008 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PAR AME T E R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t TA = 5 5 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 . 0 A M a xi m um D C R e ve r s e C ur r e nt TA = 2 5 O C a t R a t e d D C B l o c k i ng Vo l t a g e TA = 1 0 0 O C M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 1 ) Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 2 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 3 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B OL P S 1 0 0 RS P S 1 0 1 RS P S 1 0 2 RS P S 1 0 4 RS P S 1 0 6 RS P S 1 0 8 RS P S 1 0 1 0 RS V RRM V RMS V DC IAV IFSM VF 50 35 50 100 70 100 200 140 200 400 280 400 1 .0 30 1 .3 5 .0 500 150 12 41 - 5 5 TO + 1 5 0
O
1.0(25.4)MIN.
.107(2.7) .080(2.0)
U N IT S V V V A A V
600 420 600
800 560 800
1000 700 1000
IR
uA
TRR CJ R J A TJ , T S TG
250
500
ns pF C/W
O
C
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length with both leads equally heatsink.
STAD-JUN.03.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
PEAK FORWARD SURGE CURRENT , AMPERES
30
8.3ms Single Half Sine-Wave JEDEC Method
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
3.0 2.5 2.0 1.5 1.0 0.5 0
MAXIMUM AVERAGE CURRENT R AING SINGLEPHASE, HALF-WAVE,60Hz R ESISTIVE OR INDUCTIVELOAD .375"(9m m) LEAD LENGTH
25
20
15
10
5
0
50
100
O
150
0 1 2 6 10 20 40 60 100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
100 Tj= 25 C f= 1.0MHz Vsig = 50mVp -p
O
1.0
CAPACITANCE, pF
T = 2 5 OC J
0.1
10
.0 1
1
0.1
.00 1 0.2
1
10
100
0 .4
0.6
0 .8
1 .0
1.2
1 .4
1 .6
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig.4 TYPICAL JUNCTION CAPACITANCE
STAD-JUN.03.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PS106RS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X