Part Number Hot Search : 
STZ8300C HA174 SMA33 XRD6414 UC284 ADC0351 74ACT1 PT8A6301
Product Description
Full Text Search
 

To Download PLL602-00DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3 rd O.T.) FEATURES
* * * * * * 100MHz to 200MHz Fundamental or 3 rd Overtone Crystal input. Output range: 100 - 200MHz (no multiplication), 200 - 400MHz (2x multiplier) or 400 - 700MHz (4x multiplier). Available outputs: PECL, LVDS, or CMOS (High Drive (30mA) or Standard Drive (10mA) output). Supports 3.3V-Power Supply. Available in die form. Thickness 10 mil.
DIE CONFIGURATION 65 mil
OUTSEL0^ OUTSEL1^ SEL0^ SEL1^ VDD VDD VDD VDD
(1550,1475)
17 16
25
24
23
22
21
20
19
18
GNDBUF CMOS LVDSB PECLB VDDBUF VDDBUF PECL LVDS OE_SEL^
XIN XOUT SEL3^
62 mil
26
27
Die ID: A1010-10A
15
28
14
SEL2^ OE CTRL NC
13 29 12 11 30
DESCRIPTION
The PLL620-00 is an XO IC specifically designed to work with high frequency fundamental and third overtone crystals. Its design was optimized to tolerate higher limits of interelectrode capacitance and bonding capacitance to improve yield. It achieves very low current into the crystal resulting in better overall stability. It is ideal for XO applications requiring LVDS or PECL output levels at high frequencies.
C502A
31 1 2 3 4 5 6 7 8
10 9
Y
(0,0)
X
OUTPUT SELECTION AND ENABLE
OUTSEL1 (Pad #18) 0 0 1 1 OE_SELECT (Pad #9) OUTSEL0 (Pad #25) 0 1 0 1 OE_CTRL (Pad #30) 0 1 (Default) 0 (Default) 1 Selected Output High Drive CMOS Standard CMOS LVDS PECL (default) State Tri-state Output enabled Output enabled Tri-state
DIE SPECIFICATIONS
Name Size Reverse side Pad dimensions Thickness Value 62 x 65 mil GND 80 micron x 80 micron 10 mil
BLOCK DIAGRAM
SEL OE Vin X+ XPLL by-pass
0 1 (Default)
Oscillator Amplifier
PLL (Phase Locked Loop)
Q Q
Pad #9: Bond to GND to set to "0", bond to VDD to set to "1" Pad #30: Logical states defined by PECL levels if OE_SELECT (pad #9) is "1" Logical states defined by CMOS levels if OE_SELECT is "0"
PLL620-00
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
GNDBUF
GND
NC
GND
GND
GND
GND
GND
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3 rd O.T.) FREQUENCY SELECTION TABLE
SEL3 (Pad #28) 1 1 1 SEL2 (Pad #29) 0 1 1 SEL1 (Pad #19) 1 1 1 SEL0 (Pad #20) 1 0 1 Selected Multiplier Fin x 4 Fin x 2 No multiplication (no PLL)
All pads have internal pull-ups (default value is 1). Bond to GND to set to 0.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
NAME Parallel Resonant mode Load capacitance (capacitance on built-in on die seen by crystal) Inter-electrode capacitance Oscillation Frequency SYMBOL CL C0 Fund. Or 3 rd Overtone 100 CONDITIONS Fund. Or 3 rd Overtone Die only, no bond wire, no package MIN MAX 3.2 2 200 UNITS N/A pF pF MHz
3. General Electrical Specifications
PARAMETERS Supply Current (Loaded Outputs) Operating Voltage Output Clock Duty Cycle Short Circuit Current SYMBOL IDD VDD @ 50% VDD (CMOS) @ 1.25V (LVDS) @ VDD - 1.3V (PECL) CONDITIONS PECL/LVDS/CMOS 2.97 45 45 45 50 50 50 50 MIN. TYP. MAX. 100/80/40 3.63 55 55 55 UNITS mA V % mA
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3 rd O.T.)
4. Jitter Specifications PARAMETERS
Period jitter RMS Period jitter peak-to-peak Accumulated jitter RMS Accumulated jitter peak-topeak Random Jitter Integrated jitter RMS at 155MHz Period jitter RMS Period jitter peak-to-peak Accumulated jitter RMS Accumulated jitter peak-topeak Random Jitter Integrated jitter RMS at 622MHz
CONDITIONS
At 155.52MHz, with capacitive decoupling between VDD and GND. Over 10,000 cycles At 155.52MHz, with capacitive decoupling between VDD and GND. Over 1,000,000 cycles. "RJ" measured on Wavecrest SIA 3000 Integrated 12 kHz to 20 MHz At 622.08MHz, with capacitive decoupling between VDD and GND. Over 10,000 cycles At 622.08MHz, with capacitive decoupling between VDD and GND. Over 1,000,000 cycles. "RJ" measured on Wavecrest SIA 3000 Integrated 12 kHz to 20 MHz
MIN.
TYP.
2.5 18.5 2.5 24 2.5 0.3 11 45 11 24 3 1.6
MAX.
20 27
UNITS
ps ps ps
0.4 49 27
ps ps ps ps
1.8
ps
Note: Higher Q factor of 3 rd overtone crystals will result in even better jitter performance. Measured on Wavecrest SIA 3000
5. Phase Noise Specifications PARAMETERS
Phase Noise relative to carrier
FREQUENCY
155.52MHz 622.08MHz
@10Hz
-75 -75
@100Hz
-95 -95
@1kHz
-125 -110
@10kHz
-140 -125
@100kHz
-145 -120
UNITS
dBc/Hz
Note: Higher Q factor of 3 rd overtone crystals will result in even better phase noise performance.
6. CMOS Electrical Specifications PARAMETERS
Output drive current (High Drive) Output drive current (Standard Drive) Output Clock Rise/Fall Time (Standard Drive) Output Clock Rise/Fall Time (High Drive)
SYMBOL
IOH IOL IOH IOL
CONDITIONS
VOH= VDD-0.4V, VDD=3.3V VOL = 0.4V, VDD = 3.3V VOH= VDD-0.4V, VDD=3.3V VOL = 0.4V, VDD = 3.3V 0.3V ~ 3.0V with 15 pF load 0.3V ~ 3.0V with 15 pF load
MIN.
30 30 10 10
TYP.
MAX.
UNITS
mA mA mA mA
2.4 1.2
ns
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 3
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3 rd O.T.)
7. LVDS Electrical Characteristics PARAMETERS
Output Differential Voltage VDD Magnitude Change Output High Voltage Output Low Voltage Offset Voltage Offset Magnitude Change Power-off Leakage Output Short Circuit Current
SYMBOL
VOD VOD VOH VOL VOS VOS IOXD IOSD
CONDITIONS
MIN.
247 -50
TYP.
355 1.4
MAX.
454 50 1.6 1.375 25 10 -8
UNITS
mV mV V V V mV uA mA
RL = 100 (see figure)
0.9 1.125 0
1.1 1.2 3 1 -5.7
Vout = VDD or GND VDD = 0V
8. LVDS Switching Characteristics PARAMETERS
Differential Clock Rise Time Differential Clock Fall Time
LVDS Levels Test Circuit
OUT
SYMBOL
tr tf
CONDITIONS
RL = 100 CL = 10 pF (see figure)
MIN.
0.2 0.2
TYP.
0.7 0.7
MAX.
1.0 1.0
UNITS
ns ns
LVDS Switching Test Circuit
OUT CL = 10pF
50
VOD
VOS
VDIFF
RL = 100
50
CL = 10pF OUT
OUT
LVDS Transistion Time Waveform
OUT 0V (Differential) OUT
80% VDIFF 20% 0V
80%
20%
tR
tF
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 4
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3 rd O.T.)
9. PECL Electrical Characteristics PARAMETERS
Output High Voltage Output Low Voltage
SYMBOL
VOH VOL
CONDITIONS
RL = 50 to (VDD - 2V) (see figure)
MIN.
VDD - 1.025
MAX.
VDD - 1.620
UNITS
V V
10. PECL Switching Characteristics PARAMETERS
Clock Rise Time Clock Fall Time
SYMBOL
tr tf
CONDITIONS
@20/80% - PECL @80/20% - PECL
MIN.
TYP.
0.6 0.5
MAX.
1.5 1.5
UNITS
ns ns
PECL Levels Test Circuit
OUT VDD OUT
PECL Output Skew
50
2.0V 50%
50 OUT OUT tSKEW
PECL Transistion Time Waveform
DUTY CYCLE 45 - 55% 55 - 45%
OUT 80% 50% 20% OUT tR tF
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 5
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3 rd O.T.) PAD ASSIGNMENT
Pad # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 Name GND GND GND GND GND N/C GND GNDBUF OE_SELECT LVDS PECL VDDBUF VDDBUF PECLB LVDSB CMOS GNDBUF OUTSEL1 SEL1 SEL0 VDD VDD VDD VDD OUTSEL0 XIN XOUT SEL3 SEL2 OE_CTRL NC X (m) 248 361 473 587 702 874 1042 1171 1400 1400 1400 1400 1400 1400 1400 1400 1389 1232 1042 854 659 559 459 358 194 109 109 109 109 109 109 Y (m) 109 109 109 109 109 109 109 109 125 259 476 616 716 871 1089 1227 1365 1365 1365 1365 1365 1365 1365 1365 1365 1223 1017 858 646 397 181 Ground. Ground. Ground. Ground. Ground. No Connection. Ground. Ground, Buffer circuitry. Used to select between PECL or CMOS logic states for OE. See Output Selection and Enable table on page 1. Internal pull up. LVDS output. PECL output. 3.3V power supply, Buffer circuitry. 3.3V power supply, Buffer circuitry. Complementary PECL output. Complementary LVDS output. CMOS output Ground, Buffer Circuitry. Used to select CMOS, PECL or LVDS output type. See Output Selection and Enable table on page 1. Internal pull up. Used to select multiplication factor. See Frequency Selection table on page 1. Internal pull up. Used to select multiplication factor. See Frequency Selection table on page 1. Internal pull up. 3.3V power supply. 3.3V power supply. 3.3V power supply. 3.3V power supply. Used to select CMOS, PECL or LVDS output type. See Output Selection and Enable table on page 1. Internal pull up. Crystal input. See crystal specification page 2. Crystal output. See crystal specification page 2. Used to select multiplication factor. See Frequency Selection table on page 1. Internal pull up. Used to select multiplication factor. See Frequency Selection table on page 1. Internal pull up. Used to enable/disable the output(s). See Output Selection and Enable table on page 1. No Connection. Description
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 6
PLL620-00
Low Phase Noise XO with multipliers (for HF Fund. and 3 rd O.T.) ORDERING INFORMATION
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PART NUMBER
PLL620-00 D C
PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE D=DIE
Order Number PLL620-00DC
Marking P620-00DC
Package Option Die - Waffle Pack
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 7


▲Up To Search▲   

 
Price & Availability of PLL602-00DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X