Part Number Hot Search : 
TMC429 UF102 1N756 TC74LC XO3090 SNC204 5671A4 15A10
Product Description
Full Text Search
 

To Download MMBT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET MMBT2222A
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE FEATURES
* NPN epitaxial silicon, planar design * Collector-emitter voltage VCE = 40V
.056(1.40)
.119(3.00) .110(2.80)
40 Volts
POWER
225 mWatts
SOT- 23
Unit: inch (mm)
environment substance directive request
MECHANICAL DATA
Case: SOT-23, Plastic Terminals: Solderable per MIL-STD-202G, Method 208 Approx. Weight: 0.008 gram Marking: M2A
Top View
3 Collector
1 BASE 3 COLLECTOR
.083(2.10) .066(1.70)
.006(.15) .002(.05)
.006(.15)MAX
.020(.50) .013(.35)
1 Base
2 Emitter
2 EMITTER
ABSOLUTE RATINGS
PA R A M E TE R C ol ct r-E m it rVolage lo e te t C ol ct r-B ase Volage lo e t E m it r-B ase Volage te t C ol ct rC urent-C ontnuous lo e r i S ym bol VC EO VC BO VEBO IC Val e u 40 75 6. 0 600 U nis t V V V mA
THERMAL CHARACTERISTICS
PA R A M E TE R M ax P ow erD i si aton ( ot 1) spi Ne Ther alR esi t nce ,Juncton t A m bi nt m sa io e Juncton Tem per t r i aue S t r ge Tem per t r oa aue S ym bol PTO T RJA TJ TI STG Val e u 225 556 - 5 t 150 5o - 5 t 150 5o
O
.044(1.10)
.035(0.90)
.103(2.60)
.086(2.20)
* Collector current IC = 600mA * Pb free product are available : 99% Sn above can meet Rohs
.047(1.20)
.007(.20)MIN
U nis t mW C/ W
O
C C
O
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
STAD-MAY.11.2004
PAGE . 1
ELECTRICAL CHARACTERISTICS
PA RA M E TE R C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - B a s e B re a k d o wn Vo lta g e E mi tte r - B a s e B re a k d o wn Vo lta g e B a s e C ut o f f C ur r e nt S ym b o l V (B R) C E O V (B R) C B O V (B R) E B O IBL IC E X C o l l e c t o r C ut o f f C ur r e nt IC B O E m i t t e r C ut o f f C ur r e nt IEBO V C E = 6 0 V , IE = 0 , V C E = 6 0 V , IE = 0 , T J = 1 2 5 O C V E B = 3 . 0 V , IC = 0 , IC = 0 . 1 m A , V C E = 1 0 V IC = 1 . 0 m A , V C E = 1 0 V IC = 1 0 m A , V C E = 1 0 V IC = 1 0 m A , V C E = 1 0 V , T J = 1 2 5 O C IC = 1 5 0 m A , V C E = 1 0 V ( N o t e 2 ) IC = 1 5 0 m A , V C E = 1 V ( N o t e 2 ) IC = 5 0 0 m A , V C E = 1 0 V ( N o t e 2 ) IC = 1 5 0 m A , IB = 1 5 m A IC = 5 0 0 m A , IB = 5 0 m A IC = 1 5 0 m A , IB = 1 5 m A IC = 5 0 0 m A , IB = 5 0 m A V C B = 1 0 V , IE = 0 , f = 1 M H z V C B = 0 . 5 V , IC = 0 , f = 1 M H z V C C =3 V,V B E =-5 V, IC = 1 5 0 m A , IB = 1 5 m A V C C =3 V,V B E =-5 V, IC = 1 5 0 m A , IB = 1 5 m A V C C = 3 0 V , IC = 1 5 0 m A IB 1 = IB 2 = 1 5 m A V C C = 3 0 V , IC = 1 5 0 m A IB 1 = IB 2 = 1 5 m A 35 50 75 35 100 50 40 0 .6 10 10 100 300 0 .3 1 .0 1 .2 2 .0 8 .0 25 10 25 225 60 nA uA nA Te s t C o n d i t i o n IC = 1 . 0 m A , IB = 0 IC = 1 0 u A , IE = 0 IE = 1 0 u A , IC = 0 V C E =6 0 V, V E B =3 .0 V V C E =6 0 V, V E B =3 .0 V M IN . 40 75 6 .0 T YP. MA X . 20 10 U ni t s V V V nA nA
D C C ur r e nt G a i n
hF E
-
C o l l e c t o r - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) B a s e - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) C o l l e c t o r - B a s e C a p a c i t a nc e E m i t t e r - B a s e C a p a c i t a nc e D e l a y Ti m e R i s e Ti m e S t o r a g e Ti m e F a l l Ti m e
V C E (S AT) V B E (S AT) C CBO C EBO td tr ts tf
V V pF pF ns ns ns ns
Note 2: Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%.
SWITCHING TIME EQUIVALENT TEST CIRCUITS
+30V
+30V
+16V 0 -2V < 2ns
1.0 to 100us Duty Cycle ~ 2.0%
200
+16V 0 1.0 to 100us Duty Cycle ~ 2.0%
200
1K
CS* < 10pF
-14V < 20ns
1K 1N914 -4V
CS* < 10pF
Scope rise time < 4ns
* Total shunt capacitance of test jig, connectors, and oscilloscope
Fig. 1.
Turn-On Time
Fig. 2.
Turn-Off Time
STAD-MAY.11.2004
PAGE . 2
ELECTRICAL CHARACTERISTICS CURVE
350 300 250 TJ = 100 C 200 hFE 150 100 50 0 0.1 1 10 100 1000 Collector Current, IC (mA) VCE = 10V TJ = 25 C TJ = 150 C
0.8 0.7 0.6 0.5 V BE (on) 0.4 0.3 0.2 VCE = 10V 0.1 0.0 0.1 1 10 100 1000 Collector Current, IC (mA) TJ = 100 C TJ = 150 C TJ = 25 C
Fig. 3. Typical hFE vs Collector Current
500 450 400 350 IC/IB = 10 TJ = 150 C
Fig. 4. Typical VBE vs Collector Current
1.2
IC/IB = 10
1.0
VCE (sat) (mV)
0.8 V BE (sat) (V) TJ = 25 C 0.6 TJ = 150 C 0.4
300 250 200 150 100
0.2
50 0 0.1 1 10 100 1000 Collector Current, IC (mA) TJ = 25 C
TJ = 100 C
0.0 0.1 1 10 100 1000 Collector Current, IC (mA)
Fig. 5. Typical VCE (sat) vs Collector Current
100
Fig. 6. Typical VBE (sat) vs Collector Current
f=1 MHz
Capacitance (pF)
CIB (EB) 10
COB (CB)
1 0.1 1 10 100 Reverse Voltage, VR (V)
Fig. 7. Typical Capacitances vs Reverse Voltage
STAD-MAY.11.2004 PAGE . 3
MOUNTING PAD LAYOUT
SOT-23
Unit: inch (mm)
0.035(0.9)
0.031(0.8)
0.037(0.95)
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3.0K per 7" plastic Reel
LEGAL STATEMENT
IMPORTANT NOTICE This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the application. The information will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information herein are subject to change without notice. New products and improvements in products and product characterization are constantly in process. Therefore, the factory should be consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003 All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract. The information presented is believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
STAD-MAY.11.2004
0.078(2.0)
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMBT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X