Part Number Hot Search : 
60T04 AO4476 0160B EMC1201 D856A 6048120 15N120 421ESS4
Product Description
Full Text Search
 

To Download MBR4020PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR4020PT~MBR40100PT
40 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE 20 to 100 Volts CURRENT 40 Amperes
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvlotage protection * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.126(3.2) .110(2.8) .050(1.25) .045(1.15) .142(3.6) .125(3.2)
TO-3P
Unit: inch (mm)
.640(16.25) .620(15.75)
.199(5.05) .175(4.45)
.087(2.2) .070(1.8)
.600(15.25) .580(14.75)
.839(21.3) .819(20.8)
.095(2.4)
.798(20.25) .777(19.75)
.170(4.3) .145(3.7)
.030(0.75) .017(0.45) .225(5.7) .204(5.2) .225(5.7) .204(5.2)
MECHANICALDATA
Case: TO-3P molded plastic Terminals: solder plated, solderable per MIL-STD-750, Method 2026 Polarity: As marked. Mounting Position: Any Weight: 0.2 ounces, 5.6 grams.
AC Positive CT AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt ( S e e f i g . 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 2 0 A , p e r l e g M a x i m u m D C R e v e r s e C u r r e n t Tc = 2 5 O C a t R a t e d D C B l o c k i ng V o l t a g e T c = 1 2 5 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L M B R 4 0 2 0 P T M B R 4 0 3 0 P T M B R 4 0 4 0 P T M B R 4 0 4 5 P T M B R 4 0 5 0 P T M B R 4 0 6 0 P T M B R 4 0 8 0 P T M B R 4 0 1 0 0 P T U N I T S VRRM VRMS VDC IAV IFSM VF 0 .7 0 .1 20 1 .2 - 5 0 TO + 1 5 0 - 5 0 TO + 1 7 5
O
20 14 20
30 21 30
40 28 40
45 3 1 .5 45 40 400
50 35 50
60 42 60
80 56 80
100 70 100
V V V A A
0 .8
V
IR
mA
RJ C TJ TSTG
C/W
O
C C
O
Notes : Both Bonding and Chip structure are available.
REV.0-MAR.30.2005
PAGE . 1
MBR4020PT~MBR40100PT
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD CURRENT
40 20,30,40,45V
AVERAGE FORWARD CURRENT
50.0 40.0 30.0 20.0 10.0 0 0
MBR4020CT~MBR4045CT MBR4050CT~MBR40100CT
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
50,60,80,100V
50
100
O
150
CASE TEMPERATURE, C
.4
.5
.6
.7
.8
.9
1.0
1.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, mA
PEAK FORWARD SURGE CURRENT
100
10
440 400 360 320 280 240 200 160 120 80 40
0 1 2 5 10 20 50 100
TC=125 OC
1.0
0.1
TC=75 OC
0.01
TC=25 OC
0 .001
20
40
60
80
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
REV.0-MAR.30.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR4020PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X