Part Number Hot Search : 
LM258 STLC7550 KA75420Z IF1801 2SC54 R1660 D16312 TS1937
Product Description
Full Text Search
 

To Download MBR16150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1635 - MBR16150
16.0 AMPS. Schottky Barrier Rectifiers TO-220AC
.185(4.70) .175(4.44) .412(10.5) MAX .113(2.87) .103(2.62) DIA .154(3.91) .148(3.74) .27(6.86) .23(5.84) .594(15.1) .587(14.9) PIN1 .16(4.06) .14(3.56) .56(14.22) .53(13.46) .037(0.94) .027(0.68) 2 .11(2.79) .10(2.54) .055(1.40) .045(1.14)
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: o 260 C/10 seconds,0.25"(6.35mm)from case
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
Mechanical Data
Cases: JEDEC TO-220AC molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
PIN 1 PIN 2 CASE
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBR MBR MBR MBR MBR MBR MBR Units Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current O at Tc=125 C Peak Repetitive Forward Current (Rated VR, o Square Wave, 20KHz) at Tc=125 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at: o (Note 2) IF=16A, TC=25 C o IF=16A, TC=125 C Maximum Instantaneous Reverse Current o @Tc=25 C at Rated DC Blocking Voltage (Note 2) o @ Tc=125 C Voltage Rate of Change (Rated VR)
Typical Junction Capacitance Maximum Typical Thermal Resistance(Note 3)
Maximum Ratings and Electrical Characteristics
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt
Cj RJC TJ TSTG
1635 35 24 35
1645 45 31 45
1650 50 35 50
1660 60 42 60 16 32 150
1690 16100 16150 90 100 150 63 70 105 90 100 150
V V V A A A
1.0
0.63 0.57 0.75 0.65
0.5
0.85 0.75 0.95 0.92
A V mA mA V/uS pF
o
0.5 15
Operating Junction Temperature Range Storage Temperature Range
0.5 10 10,000 500 3.0 -65 to +150 -65 to +175
0.3 7.5
0.1 5
C/W o C o C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg with Heatsink Size of 2" x 3"x 0.25" Al-Plate.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MBR1635 THRU MBR16150)
FIG.1- FORWARD CURRENT DERATING CURVE
20 350
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD 16
300
250 200
12
8
150 100
4
0 0 50 100 o CASE TEMPERATURE. ( C) 150
50 1
10 NUMBER OF CYCLES AT 60Hz
100
40
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS
10
Tj=125 0C Pulse Width=300 s 1% Duty Cycle
10
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C 1
1 Tj=25 0C
Tj=25 0C 0.1
0.1
MBR1635-MBR1645 MBR1650-MBR1660 MBR1690-MBR16150
0.01
MBR1635-MBR1645 MBR1650-MBR16150 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 0.001 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
6,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100 100
JUNCTION CAPACITANCE.(pF)
10.0
1,000
500
1
100 0.1
1
10 REVERSE VOLTAGE. (V)
0.1 0.01 0.1 1 T, PULSE DURATION. (sec) 10 100
Version: A06


▲Up To Search▲   

 
Price & Availability of MBR16150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X