Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download MBR15150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1535CT - MBR15150CT
15.0 AMPS. Schottky Barrier Rectifiers TO-220AB
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220AB molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
MBR MBR MBR MBR MBR MBR MBR Symbol 1535CT 1545CT 1550CT 1560CT 1590CT 15100CT 15150CT Units VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF 1.0 0.57 0.84 0.72 0.5 10 400 10 1.5 -65 to +150 -65 to +175 0.75 0.65 0.3 7.5 1,000 200 35 24 35 45 31 45 50 35 50 60 42 60 15 15 150 0.5 0.92 0.82 0.1 5.0 1.05 0.92 90 63 90 100 70 100 150 105 150 V V V A A A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current O at Tc=105 C Peak Repetitive Forward Current (Rated VR, o Square Wave, 20KHz) at Tc=105 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at: IF=7.5A, TC=25oC (Note 2)
IF=7.5A, TC=125oC IF=15A, TC=25oC IF=15A, TC=125oC
V
Maximum Instantaneous Reverse Current o @ Tc =25 C at Rated DC Blocking Voltage o (Note 2) @ Tc=125 C Voltage Rate of Change (Rated VR) Typical Junction Capacitance Maximum Typical Thermal Resistance (Note 3) Operating Junction Temperature Range Storage Temperature Range
IR dV/dt Cj RJA RJC TJ TSTG
mA mA V/uS pF
o
C/W
o o
C C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Mount on Heatsink Size of 2 " x 3 " x 0.25" Al-Plate.
- 120 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (MBR1535CT THRU MBR15150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
25
300 RESISTIVE OR INDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT. (A)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
20
250
200 150
15
10
100
5
50
0 0 50 100
o
0
150
1
CASE TEMPERATURE. ( C)
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
40
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
50
Tj=125 0C 10
INSTANTANEOUS FORWARD CURRENT. (A)
M
15 BR
90
-1 CT
MB
R1
51
5
T 0C
INSTANTANEOUS REVERSE CURRENT. (mA)
51
00
CT
10
Tj=125 0C 1
1 Tj=25 0C
0.1
Tj=75 0C
0.1 Pulse Width=300 s 1% Duty Cycle MBR1535CT-MBR1545CT MBR1550CT-MBR1560CT MBR1590CT-MBR15100CT 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V)
0.01
MBR1535CT-MBR1545CT MBR1550CT-MBR15150CT
Tj=25 0C 0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS PER LEG
100
TRANSIENT THERMAL IMPEDANCE ( OC/W)
JUNCTION CAPACITANCE.(pF)
1,000 500
10.0
100
1
40 MBR1535CT-MBR1560CT MBR1590CT-MBR15150CT 10 0.1 1.0 4.0 10 REVERSE VOLTAGE. (V) 50 100
0.1 0.01
0.1
1
10
100
T, PULSE DURATION. (sec)
Version: B07


▲Up To Search▲   

 
Price & Availability of MBR15150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X