Part Number Hot Search : 
E002324 MLL957B 836087 HPX2126L 04ATNJQ MAX476 815SR 04DGK
Product Description
Full Text Search
 

To Download MBR120100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR12020CT(R) THRU MBR120100CT(R)
SCHOTTKY DIODES MODULE TYPE 120A
Features
High Surge Capability
Types Up to 100V V RRM
120Amp Rectifier 20-100 Volts TWIN TOWER
A R
Maximum Ratings
Operating Temperature: -40 C to +175 Storage Temperature: -40 C to +175 Part Number Maximum Recurrent Peak Reverse Voltage
20V 30V 35V 40V 45V 60V 80V 100V
B
Maximum RMS Voltage
14V 21V 25V 28V 32V 42V 56V 70V
Maximum DC Blocking Voltage
20V 30V 35V 40V 45V 60V 80V 100V
Q
N G
W
1
U
2
F U C
MBR12020CT(R) MBR12030CT(R) MBR12035CT(R) MBR12040CT(R) MBR12045CT(R) MBR12060CT(R) MBR12080CT(R) MBR120100CT(R)
3
LUG Teminal Anode 1 LUG Teminal Anode 2
V
LUG LUG Teminal Teminal Cathode 1 Cathode 2
E
Electrical Characteristics @ 25
Average Forward (Per pkg) Current Peak Forward Surge (Per leg) Current Maximum (Per leg) Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
120A 800A
0.65V 0.75V 0.84V
3 Baseplate Common Cathode
3
Baseplate R=Common Anode
TC =140
DIMENSIONS INCHES MIN MAX ----1/4 3.360 0.800 0.700 ----0.650 0.120 0.130 0.510 0.490 1.379 BSC --------- 20 1/4 0.275 0.290 3.150 BSC ----0.600 0.312 0.370 0.180 0.195 MM MIN MAX ----92.20 20.32 17.78 ----16.51 3.3 0 3. 05 12.95 12.45 35.02 BSC --------UN C FULL 7.3 7 6.9 9 80.01 BSC ----15.24 9.40 7.92 4.95 4.57
8.3ms , half sine
(MBR12020CT~MBR12045CT) (MBR12060CT) (MBR12080CT~MBR120100CT)
I FM =60 A;
T j = 25
IR
3.0 m A TJ = 25 200 mA TJ =125 0.8 /W
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
DIM A B C E F G H N Q R U V W
NOTE
2 PL
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR12020CT(R) THRU MBR120100CT(R)
Figure .1-Typical Forward Characteristics
60
AvErage ForwArd Rectified Current - AmPeres
Figure .2- Forward Derating Curve
1000 600
T =25 J
50
I nStantaneous Forward Current - Amperes Per leg Amps
400 200 MBR12020CT~ MBR12040CT MBR120060CT MBRF12080CT~ MBRF120100CT
Per leg
40
30
100 60 40 20 10 6.0 4.0 2.0 1.0
Amps
20
10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
2000 1000 600 400
Figure .4-Typical Reverse Characteristics
Tj =150 C
Instantaneous Forward Voltage - Volts
Instantaneous Reverse Leakage Current - Mill Amperes
200 100 60 40 20
800
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Tj =125 C
Peak Forward Surge Current -Amperes Amps Per leg
700 600 500 400 300 200 1
m Amps
10 6 4 2 1 .6 .4 .2 .1 .06 .04 .02
T =75 J
2
4
6
8 10 20 Cycles
40
60 80 100
T =25 J
Number Of Cycles At 60Hz - Cycles
.01
0
10
20
30
40
50
60
70
80
90
100
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of MBR120100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X