Part Number Hot Search : 
A1215 MC110 MRF7P20 GBJ1501 SD05C 28F016S CT415BT2 00007
Product Description
Full Text Search
 

To Download MBR10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1035 - MBR10150
10.0 AMPS. Schottky Barrier Rectifiers TO-220AC
.185(4.70) .175(4.44) .412(10.5) MAX DIA .154(3.91) .148(3.74) .27(6.86) .23(5.84) .594(15.1) .587(14.9) PIN1 .16(4.06) .14(3.56) .56(14.22) .53(13.46) .037(0.94) .027(0.68) 2 .11(2.79) .10(2.54) .055(1.40) .045(1.14)
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: o 260 C/10 seconds,0.25"(6.35mm)from case
.113(2.87) .103(2.62)
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
Mechanical Data
Cases: JEDEC TO-220AC molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
PIN 1 PIN 2 CASE
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBR MBR MBR Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current o at Tc=125 C Peak Repetitive Forward Current (Rated VR, o Square Wave, 20KHz) at Tc=125 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at: o (Note 2) IF=10A, TC=25 C o IF=10A, TC=125 C o IF=20A, TC=25 C o IF=20A, TC=125 C Maximum Instantaneous Reverse Current o @ Tc =25 C at Rated DC Blocking Voltage o (Note 2) @ Tc=125 C Voltage Rate of Change (Rated VR)
Typical Junction Capacitance Maximum Typical Thermal Resistance(Note 3)
Maximum Ratings and Electrical Characteristics o
1035 1045 1050 MBR 1060 MBR 1090 MBR 10100 MBR 10150
Units
V V V A A A
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF
35 24 35
45 31 45
50 35 50
60 42 60 10 32 150
90 63 90
100 70 100
150 105 150
1.0
0.70 0.57 0.84 0.72 0.80 0.70 0.95 0.85.
0.5
0.85 0.71 1.05
A V
IR
15
0.1 10 10,000 500 3.0 -65 to +150 -65 to +175
0.1 6.0
dV/dt
Cj
RJC
TJ TSTG
o
mA mA V/uS pF
Operating Junction Temperature Range Storage Temperature Range
C/W o C o C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg with Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MBR1035 THRU MBR10150)
FIG.1- FORWARD CURRENT DERATING CURVE
12
175
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
10
150 125 100 75 50
8
6
4 2 0 0 50 100
o
MBR1035-MBR1045 MBR1050-MBR10150
25
150
0.1
CASE TEMPERATURE. ( C)
1 10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
40
FIG.4- TYPICAL REVERSE CHARACTERISTICS
50 10 Tj=125 0C
Tj=125 0C
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
10
Pulse Width=300 s 1% Duty Cycle
1
1 Tj=25 0C
0.1
Tj=75 0C
0.1
0.01 Tj=25 0C
MBR1035-MBR1045 MBR1050-MBR1060 MBR1090-MBR10100 MBR10150 0.01 0 0.1 0.2 0.3 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 0.4
0.001 0
MBR1035-MBR1060 MBR1090-MBR10150 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
4,000
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTIC
TRANSIENT THERMAL IMPEDANCE.( OC/W)
100 100
JUNCTION CAPACITANCE.(pF)
1,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
10
1
100 0.1
1.0
10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION.( sec.)
10
100
Version: A06


▲Up To Search▲   

 
Price & Availability of MBR10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X