Part Number Hot Search : 
MSK612B 09100 74F552 ILD1615 SP5954 SK22A 3843AM C64AML
Product Description
Full Text Search
 

To Download KBP206G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP201G THRU KBP207G
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 / 10 seconds at 5 lbs. ( 2.3 Kg ) tension Small size, simple installation Leads solderable per MIL-STD-202, Method 208
.460(11.68) .420(10.6)
KBP
AC .5 (12.7) MIN
.035(0.9) .028(0.7)
.160(4.1) SPACING .140(3.6)
.600(15.24) .560(14.22)
.153(3.9) .146(3.7)
.050(1.27)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol KBP KBP KBP Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Rating For Fusing (t<8.35ms) Maximum Instantaneous Forward Voltage @ 3.14A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note) Operating Temperature Range Storage Temperature Range
KBP KBP KBP KBP 201G 202G 203G 204G 205G 206G 207G
Units V V V A A A2sec V uA uA /W
VRRM VRMS VDC I(AV) IFSM I2t VF IR RJA RJL TJ
50 35 50
100 70 100
200 140 200
400 280 400 2.0 60 15 1.2
600 420 600
800 1000 560 700 800 1000
TSTG Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. With 0.47 x 0.47" (12 x 12mm) Copper Pads.
10 500 25 8 -55 to +150 -55 to +150
- 718 -
RATINGS AND CHARACTERISTIC CURVES (KBP201G THRU KBP207G)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
2.0
60
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
50 40 30
1.5
1.0
20 10 0
0.5
1
2
4
6
10
20
40
60
100
0
20
40
60
80
100
o
120
140 150
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT. (A)
1
INSTANTANEOUS REVERSE CURRENT. ( A)
TJ=125 0C
10
0.1
1 TJ=25 0C
0.01 0.6
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
0
0.1 0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 719 -


▲Up To Search▲   

 
Price & Availability of KBP206G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X